Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC123JCA Datasheet(PDF) 1 Page - Rohm

Part # DTC123JCA
Description  NPN 100mA 50V Digital Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC123JCA Datasheet(HTML) 1 Page - Rohm

  DTC123JCA Datasheet HTML 1Page - Rohm DTC123JCA Datasheet HTML 2Page - Rohm DTC123JCA Datasheet HTML 3Page - Rohm DTC123JCA Datasheet HTML 4Page - Rohm DTC123JCA Datasheet HTML 5Page - Rohm DTC123JCA Datasheet HTML 6Page - Rohm DTC123JCA Datasheet HTML 7Page - Rohm DTC123JCA Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DTC123JCA
NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
Datasheet
l
lOutline
Parameter
Value
SOT-23
 
VCC
50V
 
 
IC(MAX.)
100mA
 
 
 
 
R1
2.2kΩ
 
 
R2
47kΩ
(SST3)
 
                     
l
lFeatures
l
lInner circuit
1) Built-In Biasing Resistors
2) Built-in bias resistors enable the configuration of
 an inverter circuit without connecting external
 input resistors (see inner circuit) .
3) The bias resistors consist of thin-film resistors
 with complete isolation to allow negative biasing
of the input. They also have the advantage of
 completely eliminating parasitic effects.
4) Only the on/off conditions need to be set
 for operation, making the circuit design easy.
5) Complementary PNP Types: DTA123JCA
l
lApplication
INVERTER,INTERFACE,DRIVER
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
DTC123JCA
SOT-23
(SST3)
2924
T116
180
8
3000
E42
                                                                                         
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
1/5
20150807 - Rev.001


Similar Part No. - DTC123JCA

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
DTC123JCA JIANGSU-DTC123JCA Datasheet
133Kb / 2P
   Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC123JCA SECOS-DTC123JCA Datasheet
348Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
logo
Rectron Semiconductor
DTC123JCA RECTRON-DTC123JCA Datasheet
366Kb / 3P
   SOT-23 DIGITAL TRANSISTOR TRANSISTORS(NPN)
logo
Micro Commercial Compon...
DTC123JCA MCC-DTC123JCA Datasheet
226Kb / 3P
   Digital Transistors
logo
Galaxy Semi-Conductor H...
DTC123JCA BILIN-DTC123JCA Datasheet
178Kb / 5P
   Digital Transistor
More results

Similar Description - DTC123JCA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC144ECA ROHM-DTC144ECA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC144G ROHM-DTC144G Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistors
DTC114EUBHZG ROHM-DTC114EUBHZG Datasheet
1Mb / 9P
   NPN 100mA 50V Digital Transistors
DTC143X ROHM-DTC143X_15 Datasheet
3Mb / 12P
   NPN 100mA 50V Digital Transistors
DTC114ECA ROHM-DTC114ECA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC144GUAT106 ROHM-DTC144GUAT106 Datasheet
424Kb / 7P
   NPN 100mA 50V Digital Transistors
DTC143ZKAT146 ROHM-DTC143ZKAT146 Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors
DTC114YCA ROHM-DTC114YCA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC015T ROHM-DTC015T Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC143E ROHM-DTC143E_15 Datasheet
3Mb / 12P
   NPN 100mA 50V Digital Transistors
DTC143T ROHM-DTC143T_12 Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com