Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GA75TS120U Datasheet(PDF) 4 Page - International Rectifier

Part # GA75TS120U
Description  Ultra-FastTM Speed IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GA75TS120U Datasheet(HTML) 4 Page - International Rectifier

  GA75TS120U Datasheet HTML 1Page - International Rectifier GA75TS120U Datasheet HTML 2Page - International Rectifier GA75TS120U Datasheet HTML 3Page - International Rectifier GA75TS120U Datasheet HTML 4Page - International Rectifier GA75TS120U Datasheet HTML 5Page - International Rectifier GA75TS120U Datasheet HTML 6Page - International Rectifier GA75TS120U Datasheet HTML 7Page - International Rectifier GA75TS120U Datasheet HTML 8Page - International Rectifier GA75TS120U Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
GA75TS120U
4
www.irf.com
Fig. 6 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig. 5 - Typical Collector-to-Emitter Voltage
vs. Junction Temperature
Fig. 4 - Maximum Collector Current vs. Case
Temperature
25
50
75
100
125
150
0
20
40
60
80
T , Case Temperature ( C)
C
°
-60 -40 -20
0
20
40
60
80 100 120 140 160
1.0
2.0
3.0
T , Junction Temperature ( C)
J
°

V
= 15V
80 us PULSE WIDTH
GE

I =
A
150
C

I =
A
75
C

I =
A
37.5
C
0.01
0.1
1
0.0001
0.001
0.01
0 . 1
1
1 0
1 0 0
1000
1
t , R e ctan gular P ulse D uration (sec)
A
D = 0 .50
0.2 0
0.10
0.05
0.02
0.01
SING LE PU LS E
(T HERM AL RE SP O N S E)
P
t2
1
t
DM
Notes:
1. Duty factor D = t
/ t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
= 37A


Similar Part No. - GA75TS120U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GA75TS120UPBF VISHAY-GA75TS120UPBF Datasheet
247Kb / 9P
   "Half-Bridge" IGBT INT-A-PAK (Ultrafast Speed IGBT), 75 A
Revision: 03-May-10
More results

Similar Description - GA75TS120U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GA200TS60UX IRF-GA200TS60UX Datasheet
205Kb / 9P
   Ultra-FastTM Speed IGBT
logo
List of Unclassifed Man...
GA50TS120K ETC-GA50TS120K Datasheet
121Kb / 2P
   Short Circuit Rated Ultra-FastTM Speed IGBT
logo
Integrated Circuit Syst...
GA150TS60U ICST-GA150TS60U Datasheet
221Kb / 10P
   HALF-BRIDGE IGBT INT-A-PAK Ultra-FastTM Speed IGBT
logo
International Rectifier
GA400TD60U IRF-GA400TD60U Datasheet
239Kb / 10P
   HALF-BRIDGE IGBT DUAL INT-A-PAK Ultra-FastTM Speed IGBT
GA150TD120U IRF-GA150TD120U Datasheet
298Kb / 10P
   HALF-BRIDGE IGBT DOUBLE INT-A-PAK Ultra-FastTM Speed IGBT
IRG4PH50UPBF IRF-IRG4PH50UPBF Datasheet
628Kb / 9P
   Ultra Fast Speed IGBT
IRG4PH40UPBF IRF-IRG4PH40UPBF Datasheet
619Kb / 9P
   Ultra Fast Speed IGBT
logo
Inchange Semiconductor ...
IRG4PH50U ISC-IRG4PH50U Datasheet
358Kb / 3P
   Ultra Fast Speed IGBT
logo
International Rectifier
IRGMIC50U IRF-IRGMIC50U Datasheet
320Kb / 2P
   Ultra Fast Speed IGBT
IRG4BC20UPBF IRF-IRG4BC20UPBF_15 Datasheet
357Kb / 8P
   ULTRA FAST SPEED IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com