Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15-00630X Datasheet(PDF) 2 Page - CONEC Elektronische Bauelemente GmbH

Part # 15-00630X
Description  RECOMMENDED PANEL CUT-OUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

15-00630X Datasheet(HTML) 2 Page - CONEC Elektronische Bauelemente GmbH

  15-00630X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 15-00630X Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
A
B
B
C
C
D
D
E
E
F
F
A
A
B
B
C
C
D
D
dim. in mm
R
date
drawn
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
15K1A1537
A3
2
RECOMMENDED PANEL CUT-OUT
SEE SHEET 1
Lehmenkühler
29.09.14
26.01.15
Fischer
D-SUB FEMALE 15pos. SOLDER CUP
with closed 4-40 UNC thread
5:1
SEE SHEET 1
a
Original
1 x c
Ä5827
24.09.15 Unkrüer
28,8 `0,1
i 0,26 B
i 0,26 A
10° `
33,32 `0,1
B
A
RECOMMENDED PANEL CUT-OUT
Solder Instruction
1. Cable should be prepared for soldering. The cable/wires must be pretinned.
2. Insert cable/wire into solder cup.
3. Operate the soldering iron at 350°C, 50 Watt max. and use a pencil tip.
4. Apply some solder to the solder tip of the soldering iron.
5. Put tip to wire in solder cup.
6. After 1 second bring in solder.
7. Heat for 3 seconds longer. Do not heat contact more than 4 seconds in total.
8. Remove soldering iron.
9. Wait until solder gets rigid again.
10. Do not solder adjacent contacts consecutively,
alternate position within the connector to minimize heat build up.
c


Similar Part No. - 15-00630X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
15-006301 CONEC-15-006301 Datasheet
340Kb / 2P
   D-SUB FEMALE 15pos. SOLDER CUP with closed 4-40 UNC thread
26.01.15
15-006303 CONEC-15-006303 Datasheet
340Kb / 2P
   D-SUB FEMALE 15pos. SOLDER CUP with closed 4-40 UNC thread
26.01.15
More results

Similar Description - 15-00630X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
15-00629X CONEC-15-00629X Datasheet
256Kb / 2P
   RECOMMENDED PANEL CUT-OUT
15-00625 CONEC-15-00625 Datasheet
404Kb / 2P
   RECOMMENDED PANEL CUT-OUT
logo
Texas Instruments
TH10 TI-TH10 Datasheet
168Kb / 2P
[Old version datasheet]   Thermal Cut-out
logo
List of Unclassifed Man...
A01ES-D ETC2-A01ES-D Datasheet
1Mb / 5P
   Emergency stop switches • panel cut-out Ø 16 mm
2018
logo
Texas Instruments
15AM TI-15AM Datasheet
193Kb / 2P
[Old version datasheet]   Motor Protector/Thermal Cut-out
logo
List of Unclassifed Man...
A0151B ETC2-A0151B Datasheet
822Kb / 7P
   ILLUMINATED OR NON-ILLUMINATED PUSHBUTTON SWITCHES Panel cut-out 횠16 (.630)
2MM ETC2-2MM Datasheet
610Kb / 2P
   Motor Protector/Thermal Cut-Out
FMC12A2100000 ETC2-FMC12A2100000 Datasheet
279Kb / 3P
   Snap-in rocker switches - panel cut-out 19 x 13 (.750 x .508)
FMC98A2200006 ETC2-FMC98A2200006 Datasheet
279Kb / 3P
   Snap-in rocker switches - panel cut-out 19 x 13 (.750 x .508)
logo
Schurter Inc.
PFRX SCHURTER-PFRX Datasheet
332Kb / 3P
   On phase-out, not recommended for new designs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com