Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLV91 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLV91
Description  UHF power transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV91 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLV91 Datasheet HTML 1Page - NXP Semiconductors BLV91 Datasheet HTML 2Page - NXP Semiconductors BLV91 Datasheet HTML 3Page - NXP Semiconductors BLV91 Datasheet HTML 4Page - NXP Semiconductors BLV91 Datasheet HTML 5Page - NXP Semiconductors BLV91 Datasheet HTML 6Page - NXP Semiconductors BLV91 Datasheet HTML 7Page - NXP Semiconductors BLV91 Datasheet HTML 8Page - NXP Semiconductors BLV91 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
September 1988
5
Philips Semiconductors
Product specification
UHF power transistor
BLV91/SL
APPLICATION INFORMATION
RF performance in CW operation (common-emitter circuit; class-B): f = 900 MHz
MODE OF OPERATION
VCE
V
PL
W
Gp
dB
ηC
%
T
°C
narrow band; CW
12.5
2
> 6.5
> 50
Tmb =25
12.5
2
typ. 7.8
typ. 60
Tmb =25
12.5
1.5
> 6.5
> 50
Ta =25(2)
9.6
1.5
typ. 6.6
typ. 60
Ta =25(2)
Fig.5 Class-B test circuit at f = 900 MHz.
handbook, full pagewidth
MDA401
,,,,,,
,,,,,,,,,
T.U.T.
C2
C5
L3
C1
L2
R1
L1
L6
L8
R2
C6
C7
L5
L9
L10
C11
C10
50
50
+VCC
C8
L7
C4
C9
C3


Similar Part No. - BLV91

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLV910 PHILIPS-BLV910 Datasheet
95Kb / 12P
   UHF power transistor
1995 Apr 11
More results

Similar Description - BLV91

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLU60-12 PHILIPS-BLU60-12 Datasheet
59Kb / 10P
   UHF power transistor
March 1986
logo
Motorola, Inc
MRA0510-50H MOTOROLA-MRA0510-50H Datasheet
60Kb / 4P
   UHF POWER TRANSISTOR
logo
NXP Semiconductors
BFG21W PHILIPS-BFG21W Datasheet
116Kb / 12P
   UHF power transistor
1998 Jul 06
BLT61 PHILIPS-BLT61 Datasheet
55Kb / 8P
   UHF power transistor
1998 Jan 28
BLV193 PHILIPS-BLV193 Datasheet
108Kb / 14P
   UHF power transistor
March 1993
BLV920 PHILIPS-BLV920 Datasheet
109Kb / 12P
   UHF power transistor
1997 Nov 17
BLV934 PHILIPS-BLV934 Datasheet
75Kb / 12P
   UHF power transistor
1995 Apr 11
BLV98CE PHILIPS-BLV98CE Datasheet
62Kb / 11P
   UHF power transistor
March 1993
BLW90 PHILIPS-BLW90 Datasheet
58Kb / 11P
   UHF power transistor
August 1986
logo
Motorola, Inc
TP3021 MOTOROLA-TP3021 Datasheet
88Kb / 4P
   UHF Power Transistor
logo
New Jersey Semi-Conduct...
BLT53 NJSEMI-BLT53 Datasheet
123Kb / 4P
   UHF power transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com