Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLF2047L Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLF2047L
Description  UHF power LDMOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF2047L Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLF2047L_00 Datasheet HTML 4Page - NXP Semiconductors BLF2047L_00 Datasheet HTML 5Page - NXP Semiconductors BLF2047L_00 Datasheet HTML 6Page - NXP Semiconductors BLF2047L_00 Datasheet HTML 7Page - NXP Semiconductors BLF2047L_00 Datasheet HTML 8Page - NXP Semiconductors BLF2047L_00 Datasheet HTML 9Page - NXP Semiconductors BLF2047L_00 Datasheet HTML 10Page - NXP Semiconductors BLF2047L_00 Datasheet HTML 11Page - NXP Semiconductors BLF2047L_00 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2000 Mar 06
9
Philips Semiconductors
Product specification
UHF power LDMOS transistor
BLF2047L/90
handbook, full pagewidth
BLF2047L INPUT
PH990118
BLF2047L/90 OUTPUT
Vdd
Vgs
C5
C6
C7
C8
C9
C10
C11
C14
C15
C12
C16
C13
C17
F1
R2
R1
C4
C3
C1
C2
BLF2047L INPUT
PH990118
BLF2047L/90 OUTPUT
50
95
50
MCD927
Fig.11 Component layout for 2 GHz class-AB test circuit.
Dimensions in mm.
The components are situated on one side of the copper-clad printed-circuit board with Teflon dielectric (
εr = 2.2), thickness 0.79 mm.
The other side is unetched and serves as a ground plane.


Similar Part No. - BLF2047L_00

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF2047L/90 PHILIPS-BLF2047L/90 Datasheet
103Kb / 12P
   UHF power LDMOS transistor
1999 Dec 06
More results

Similar Description - BLF2047L_00

ManufacturerPart #DatasheetDescription
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
   UHF power LDMOS transistor
logo
NXP Semiconductors
BLF881_1012 PHILIPS-BLF881_1012 Datasheet
202Kb / 18P
   UHF power LDMOS transistor
Rev. 3-7 December 2010
BLF3G21-6 NXP-BLF3G21-6 Datasheet
103Kb / 12P
   UHF power LDMOS transistor
Rev. 01-25 June 2008
BLF4G20LS-130 NXP-BLF4G20LS-130 Datasheet
85Kb / 11P
   UHF power LDMOS transistor
Rev. 01-1 June 2007
BLF4G22-130 NXP-BLF4G22-130 Datasheet
91Kb / 13P
   UHF power LDMOS transistor
Rev. 01-3 July 2007
BLF878 NXP-BLF878 Datasheet
147Kb / 18P
   UHF power LDMOS transistor
Rev. 01-15 December 2008
BLF647 PHILIPS-BLF647 Datasheet
127Kb / 16P
   UHF power LDMOS transistor
2001 Nov 27
BLF2047 PHILIPS-BLF2047 Datasheet
101Kb / 12P
   UHF power LDMOS transistor
1999 Dec 02
BLF2047L PHILIPS-BLF2047L Datasheet
103Kb / 12P
   UHF power LDMOS transistor
1999 Dec 06
BLF6G20-180P PHILIPS-BLF6G20-180P Datasheet
49Kb / 8P
   UHF power LDMOS transistor
Rev. 01-19 April 2006
BLF6G20-45 PHILIPS-BLF6G20-45 Datasheet
46Kb / 8P
   UHF power LDMOS transistor
Rev. 01-20 February 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com