Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ART915X130930TX13-IC Datasheet(PDF) 2 Page - Abracon Corporation

Part # ART915X130930TX13-IC
Description  LONG RANGE RFID TAG IDEAL FOR METAL SURFACES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ART915X130930TX13-IC Datasheet(HTML) 2 Page - Abracon Corporation

  ART915X130930TX13-IC Datasheet HTML 1Page - Abracon Corporation ART915X130930TX13-IC Datasheet HTML 2Page - Abracon Corporation ART915X130930TX13-IC Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LONG RANGE RFID TAG IDEAL FOR METAL SURFACES
ART915X130930TX13-IC
Pb RoHS/RoHS II Compliant
MSL= 1
ABRACON IS
ISO9001-2008
CERTIFIED
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sale please visit:
www.abracon.com
REVISED:
07/13/2016
ESD Sensitive
13.0 x 9.0 x 3.7 mm
MECHANICAL DIMENSIONS (ALL DIMENSIONS ARE IN mm)
Tolerances are ±0.2mm, unless otherwise specified*
PACKAGING
Mounting: The antenna is mounted with double sided adhesive tape that is attached to the antenna.
PACKAGE
TYPE
QUANTITY
Tray
60 pcs/tray
Vacuum Bag
300pcs/ Vacuum Bag
MOQ
300pcs
TRAY


Similar Part No. - ART915X130930TX13-IC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ART915X130930TX13 ABRACON-ART915X130930TX13 Datasheet
1Mb / 2P
   RFID Tag (Passive)
11.25.14
More results

Similar Description - ART915X130930TX13-IC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ART915X1620TX16-IC ABRACON-ART915X1620TX16-IC Datasheet
407Kb / 3P
   LONG RANGE RFID TAG IDEAL FOR METAL SURFACES
07/13/2016
ART915X2117225TX21-IC ABRACON-ART915X2117225TX21-IC Datasheet
411Kb / 3P
   LONG RANGE RFID TAG IDEAL FOR METAL SURFACES
07/13/2016
logo
Molex Electronics Ltd.
0133561351 MOLEX-0133561351 Datasheet
32Kb / 1P
   RFID Solutions, 2.4 to 2.7m Read Range, 45.70 by 7.10mm Footprint, For Metal Surfaces
09/28/2021
0133561431 MOLEX-0133561431 Datasheet
35Kb / 1P
   RFID Solutions, 0.9 to 1.2m Read Range, 6.10mm Diameter Footprint, For Metal Surfaces, Adhesive required
09/28/2021
0133560571 MOLEX-0133560571 Datasheet
35Kb / 1P
   RFID Solutions, 7.6m Read Range, 58.40 by 27.90mm Footprint, For Metal Surfaces Screw or Rivet Attachment
10/07/2021
logo
Abracon Corporation
ART915X100202TO-IC ABRACON-ART915X100202TO-IC Datasheet
465Kb / 3P
   1.6M RANGE UHF RFID FOR ON METAL
09/19/2016
ART915X100503JA-IC ABRACON-ART915X100503JA-IC Datasheet
487Kb / 3P
   RFID FOR ON METAL 6.5M RANGE UHF
09/19/2016
logo
Molex Electronics Ltd.
0133561401 MOLEX-0133561401 Datasheet
39Kb / 1P
   RFID Solutions, 1.8 to 2.1m Read Range, 9.90 by 5.10mm Footprint, For Metal Surfaces, Adhesive Required
09/28/2021
logo
Abracon Corporation
ART868X25275YZ25 ABRACON-ART868X25275YZ25 Datasheet
1Mb / 2P
   RFID Tag (Passive)
11.24.14
ART868X130903TX13 ABRACON-ART868X130903TX13 Datasheet
1Mb / 2P
   RFID Tag (Passive)
11.24.14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com