Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H20-DB-39-HS-F28-SS-5-AC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # H20-DB-39-HS-F28-SS-5-AC
Description  Model H20짰 Incremental Encoder
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

H20-DB-39-HS-F28-SS-5-AC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  H20-DB-39-HS-F28-SS-5-AC Datasheet HTML 1Page - List of Unclassifed Manufacturers H20-DB-39-HS-F28-SS-5-AC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The H20 is an extremely rugged encoder designed to economically
fill the resolution range up to 4096 cycles per turn. This compact
unit features a shock resistant disc, heavy duty bearings, and EMI
shielding. The H20 conforms to NEMA 4 and 13 requirements. The
H20 is also available in a hub shaft style with a flexmount (inset) for
easy mounting directly to small motors. Typical applications of the
H20 include machine control, process control, agricultural machin-
ery, textile equipment, robotics, food processing, and metering.
Mechanical
Specifications
Shaft Diameter: 1/4” thru 3/8” and metric
versions. Hollow shaft, hub shaft or thru-shaft
versions available.
Flat On Shaft: 0.75 x 0.03 deep
Shaft Loading: up to 40 lbs. axial and
40 lbs. radial
Shaft Runout: .001 T.I.R. maximum
Starting Torque at 25°C: 1.0 in-oz maxi-
mum without shaft seal; 2.5 in-oz maximum
with shaft seal; 4.0 in-oz thru-shaft
Bearings: 52100 bearing steel
Shaft material: 303 stainless steel
Bearing Housing: Die cast aluminum with
iridite finish; stainless steel (special feature)
Cover: Die cast aluminum with protective
finish (For MS or CS terminations), otherwise
drawn aluminum with protective finish; stain-
less steel (special feature)
Bearing Life: 1.5 X 109 revs at rated load
(10,000 hrs at 2500 RPM)
Maximum RPM: 8,000
(see Frequency Response)
Moment of Inertia: 2.0 x 10-4 oz-in-sec2
Weight: 9 oz. typical
Electrical
Specifications
Code: Incremental
Output Format: 2 channels in quadrature,
1/2 cycle index gated with negative B chan-
nel as standard. Ungated index when 3904
is specified as the output device
Cycles per Shaft Turn: 1 to 4096 (see
table A) For resolutions above 1024 contact
BEI for interpolation options
Supply Voltage: 5 to 28 VDC available
Current Requirements: 100 mA typical +
output load, 25O mA (max)
Voltage/Output: (see note 5)
28V/V: Line Driver, 5–28 VDC in, Vout = Vin
28V/5: Line Driver, 5–28 VDC in, Vout = 5 VDC
28V/OC: Open Collector, 5–28 VDC in, OCout
Protection Level: reverse, overvoltage and
output short circuit (see note 5)
Frequency Response: 100 KHz (up to
1024 cpt; 400 KHz with interpolation option
(see note 7)
Output Terminations:
see Table 1
Note: Consult factory for other
electrical options
Environmental
Specifications
Enclosure Rating: NEMA 4 & 13 (IP66)
when ordered with shaft seal (on units with
an MS connector) and a cable gland (on
units with cable termination)
Temperature: Operating, 0° to 70°C;
extended temperature testing available
(see note 8); Storage, -25° to 90°C unless
extended temperature option called out
Shock: 50 g’s for 11 msec duration
Vibration: 5 to 2000 Hz @ 20 g’s
Humidity: 98% RH without condensation
NOTES & TABLES: All notes and tables
referred to in the text can be found on the
back of this page.
H20 Incremental Ordering Options for assistance call 800-350-2727
Use this diagram, working from left to right to construct your model number (example:
H20DB-37-SS-500-ABZC-28V/V-SM18).
All notes and tables referred to can be found on pages the back of this page.
TYPE:
H = Heavy Duty
20 = 2.00” DIA.
FACE MOuNT:
F5, F12, F28
Blank = None
See Dimensions
CYCLES PER TuRN:
(Enter Cycles)
See table A
COMPLEMENTS:
C = Complementary Outputs
Blank = None
See note 4
OuTPuT TERMINATION:
M14 = MS3102R14S-6P
M16 = MS3102R16S-1P
M18 = MS3102R18-1P
C= Pigtail Cable
CS =Cable with Seal (Side or End Term)
Add cable length (i.e., C18=18” cable)
See table 1 & note 9
HOuSING CONFIG:
D = Square Flange
E = 2.00 Dia.
See Dimensions
PILOT CONFIG:
A=1.181
(30mm) Female
(No shaft seal available)
B =1.25
SHAFT SEAL:
SS = Shaft Seal
(must use pilot B, except HBS
units can take SS with pilot A)
See note 2
NO. OF CHANNELS:
A = Single Channel
AB = Dual Quad. Ch.
ABZ = Dual with Index
AZ = Single with Index
See note 3
VOLTAGE/OuTPuT:
28V/V = 5–28Vin/out
28V/5 = 5–28Vin/5Vout
28V/OC = 5–28Vin/OCout
OuTPuT
TERMINATION
LOCATION:
E = End
S = Side
SPECIAL FEATuRES:
S = Special features
specified on purchase
order.(Consult factory)
See note 6
SHAFT DIA:
25 =
37 =
39 =
0.2497
0.2495
0.3747
0.3745
0.3935
0.3932
SHAFT TYPE:
TS=Thru Shaft
HS=Hollow Shaft
HBS=Hub Shaft
Blank = single ended
shaft (standard)
H20
X =
Express
Encoder
Special Models of the H20 Incremental Encoder are available with one or
more of the following certifications. Consult factory for details.
EXPRESS ENCODERS® Items highlighted with
are standard Express Encoders and ship in one to three days.
T2 option is available as a standard H20 Express Encoder.
Tel: 805-968-0782 /800-350-2727 | Fax: 805-968-3154 / 800-960-2726
7230 Hollister Ave., Goleta, CA 93117-2807 |
www.beisensors.com
Specification No. 02055-001 Rev.08-13
These commodities, technology or software if exported from the United States must be in accordance with the Bureau of Industry, and Security, Export Administration regulations. Diversion contrary to U.S law is prohibited.
C
Canadian Standards
Class I, Zone 0, Group IIC
U.S. Standards Class I, Group A,B,C & D;
Class II Group E,F & G
CENELEC
II 1 G Ex ia IIB/IIC T4
II 3 G Ex nA IIB T3 Gc
II 3 G Ex nA IIB T4 Gc
EN 55011
and EN 61000-6-2
Class I, Div 2, Group A,B,C & D;
Class II, Div 2, Group F & G
Model H20® Incremental Encoder
UL 12.0035X
UL 12.0082X
HAzARDOuS
AREA RATINGS:
Blank = None
EX = Intrinsically Safe
NI = Non-Incendive
Contact factory for
voltage options


Similar Part No. - H20-DB-39-HS-F28-SS-5-AC

ManufacturerPart #DatasheetDescription
logo
Entegris, Inc
H20-02-1201 ENTEGRIS-H20-02-1201 Datasheet
284Kb / 5P
   H20 Series Covers
H20-02-1216 ENTEGRIS-H20-02-1216 Datasheet
284Kb / 5P
   H20 Series Covers
H20-02-1415 ENTEGRIS-H20-02-1415 Datasheet
284Kb / 5P
   H20 Series Covers
H20-02-24-1415 ENTEGRIS-H20-02-24-1415 Datasheet
284Kb / 5P
   H20 Series Covers
H20-02-40-66C02 ENTEGRIS-H20-02-40-66C02 Datasheet
284Kb / 5P
   H20 Series Covers
More results

Similar Description - H20-DB-39-HS-F28-SS-5-AC

ManufacturerPart #DatasheetDescription
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
   Incremental Encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
   incremental encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
   INCREMENTAL ENCODER
logo
CUI INC
MES3 CUI-MES3 Datasheet
298Kb / 5P
   INCREMENTAL ENCODER
MEH9 CUI-MEH9 Datasheet
78Kb / 3P
   incremental encoder
logo
List of Unclassifed Man...
580A316IR-60 ETC2-580A316IR-60 Datasheet
155Kb / 4P
   Incremental Encoder
logo
CUI INC
MEH20 CUI-MEH20 Datasheet
80Kb / 3P
   incremental encoder
MEH30 CUI-MEH30 Datasheet
76Kb / 3P
   incremental encoder
MES20 CUI-MES20 Datasheet
73Kb / 3P
   incremental encoder
logo
Bourns Electronic Solut...
PEC16 BOURNS-PEC16_10 Datasheet
226Kb / 3P
   Incremental Encoder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com