Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2967IBP-1833 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2967IBP-1833
Description  Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2967IBP-1833 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LP2967IBP-1833 Datasheet HTML 2Page - National Semiconductor (TI) LP2967IBP-1833 Datasheet HTML 3Page - National Semiconductor (TI) LP2967IBP-1833 Datasheet HTML 4Page - National Semiconductor (TI) LP2967IBP-1833 Datasheet HTML 5Page - National Semiconductor (TI) LP2967IBP-1833 Datasheet HTML 6Page - National Semiconductor (TI) LP2967IBP-1833 Datasheet HTML 7Page - National Semiconductor (TI) LP2967IBP-1833 Datasheet HTML 8Page - National Semiconductor (TI) LP2967IBP-1833 Datasheet HTML 9Page - National Semiconductor (TI) LP2967IBP-1833 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical Characteristics (Continued)
Limits in standard typeface are for T
j = 25˚C, and limits in boldface type apply over the full operating junction temperature
range. Unless otherwise specified, V
IN =VO(NOM) + 1V, IL = 1mA, CIN = 1µF,COUT = 4.7µF, VON/OFF = 1.6V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RR
Ripple Rejection
C
BYPASS = 100nF, VIN =
V
O(NOM) + 1V + 100mV p-p
square wave (trise and tfall =
100ns)
−52
−54
−56
−58
−50
−47
−70
dB
F = 120Hz
F = 800Hz
F = 1000Hz
F = 1600Hz
F = 10kHz
F = 100kHz
F = 1MHz
Xtalk
Crosstalk
Rejection
∆I
LOAD 1 = 150 mA at 1kHz rate
(15 mA/µs rise and fall slope)
dB
I
LOAD2 = 1mA
∆V
OUT 2/
∆V
OUT 1
−100
∆I
LOAD 2 = 150 mA at 1KHz rate
(15 mA/µs rise and fall slope)
−100
I
LOAD 1 = 1mA
∆V
OUT 2/
∆V
OUT 1
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when operating the device
beyond its rated operating conditions.
Note 2: Rating is for the human body mode, a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Note 3: The maximum allowable power dissipation is calculated by using PDMAX =(TJMAX -TAJA, where TJMAX is the maximum junction temperature, TA is the
ambient temperature, and
θJA is the junction-to-ambient thermal resistance of the specified package. Therefore, the maximum power dissipation must be derated
at elevated temperatures and is limited by TJMAX, θJA and A.
Note 4: If used in a dual-supply system where the regulator load is returned to a negative supply, the LP2967 output must be diode-clamped to ground.
Note 5: The output PNP structure contains a diode between the VIN and VOUT terminals that is normally reverse-biased. Reversing the polarity from VIN and VOUT
will turn on this diode.
Note 6: Load regulation excursion over temperature is included in Output Voltage Tolerance.
Note 7: The dropout voltage of a regulator is defined as the minimum input-to-output differential required to stay within 100mV of the output voltage measured with
a 1V differential.
www.national.com
6


Similar Part No. - LP2967IBP-1833

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2967IBP-1833 TI1-LP2967IBP-1833 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
More results

Similar Description - LP2967IBP-1833

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2967 TI1-LP2967 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
logo
National Semiconductor ...
LP3986 NSC-LP3986 Datasheet
328Kb / 13P
   Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in micro SMD Package
logo
Texas Instruments
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
National Semiconductor ...
LP2985LV_0406 NSC-LP2985LV_0406 Datasheet
923Kb / 17P
   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
LP2985LV NSC-LP2985LV Datasheet
546Kb / 17P
   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
logo
Texas Instruments
LP2985LV-N TI1-LP2985LV-N Datasheet
1Mb / 21P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23
LP3984 TI1-LP3984 Datasheet
1Mb / 19P
[Old version datasheet]   Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature
logo
ON Semiconductor
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
   Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
logo
Texas Instruments
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3986 TI-LP3986_15 Datasheet
996Kb / 18P
[Old version datasheet]   LP3986 Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in DSBGA Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com