Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-19212B80A-M5T1U Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-19212B80A-M5T1U
Description  CMOS VOLTAGE REGULATOR
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19212B80A-M5T1U Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-19212B80A-M5T1U Datasheet HTML 1Page - Seiko Instruments Inc S-19212B80A-M5T1U Datasheet HTML 2Page - Seiko Instruments Inc S-19212B80A-M5T1U Datasheet HTML 3Page - Seiko Instruments Inc S-19212B80A-M5T1U Datasheet HTML 4Page - Seiko Instruments Inc S-19212B80A-M5T1U Datasheet HTML 5Page - Seiko Instruments Inc S-19212B80A-M5T1U Datasheet HTML 6Page - Seiko Instruments Inc S-19212B80A-M5T1U Datasheet HTML 7Page - Seiko Instruments Inc S-19212B80A-M5T1U Datasheet HTML 8Page - Seiko Instruments Inc S-19212B80A-M5T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
FOR AUTOMOTIVE 125
°C OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.0_00
S-19212B/DxxA Series
5
Pin Configurations
1. TO-252-5S(A)
3
Top view
5
1
4
2
Figure 2
Table 5
Pin No.
Symbol
Description
1
VOUT
Output voltage pin
2
ON / OFF
ON / OFF pin
3
VSS
GND pin
4
NC
*1
No connection
5
VIN
Input voltage pin
*1. The NC pin is electrically open.
The NC pin can be connected to the VIN pin or the VSS pin.
2. HSOP-8A
8
5
6
7
1
4
3
2
Bottom view
Top view
1
4
3
2
8
5
6
7
*1
Figure 3
Table 6
Pin No.
Symbol
Description
1
VOUT
Output voltage pin
2
NC
*2
No connection
3
NC
*2
No connection
4
ON / OFF
ON / OFF pin
5
VSS
GND pin
6
NC
*2
No connection
7
NC
*2
No connection
8
VIN
Input voltage pin
*1. Connect the heat sink of backside at shadowed area to the board, and set electric potential GND.
However, do not use it as the function of electrode.
*2. The NC pin is electrically open.
The NC pin can be connected to the VIN pin or the VSS pin.


Similar Part No. - S-19212B80A-M5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19212B80A-M5T1U SII-S-19212B80A-M5T1U Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-19212B80A-M5T1U ABLIC-S-19212B80A-M5T1U Datasheet
960Kb / 60P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
More results

Similar Description - S-19212B80A-M5T1U

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM9827AB-S ELM-TECH-ELM9827AB-S Datasheet
124Kb / 12P
   CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B30H-V5T2U SII-S-19212B30H-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM98-SERIES ELM-TECH-ELM98-SERIES Datasheet
1Mb / 12P
   CMOS Voltage regulator
logo
ELM Electronics
ELM98 ELM-ELM98 Datasheet
1Mb / 12P
   CMOS Voltage regulator
logo
ELM Technology Corporat...
ELM98 ELM-TECH-ELM98 Datasheet
1Mb / 12P
   CMOS Voltage regulator
logo
GTM CORPORATION
GN62FP GTM-GN62FP Datasheet
944Kb / 7P
   CMOS POSITIVE VOLTAGE REGULATOR
GM62FP GTM-GM62FP Datasheet
1Mb / 7P
   CMOS POSITIVE VOLTAGE REGULATOR
GL2136 GTM-GL2136 Datasheet
331Kb / 4P
   CMOS POSITIVE VOLTAGE REGULATOR
GQ2131 GTM-GQ2131 Datasheet
417Kb / 5P
   CMOS POSITIVE VOLTAGE REGULATOR
GQ2133 GTM-GQ2133 Datasheet
498Kb / 7P
   CMOS POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com