Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ANFCA-4030-A02 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ANFCA-4030-A02
Description  NFC Ferrite Antenna (13.56MHz)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ANFCA-4030-A02 Datasheet(HTML) 1 Page - Abracon Corporation

  ANFCA-4030-A02 Datasheet HTML 1Page - Abracon Corporation ANFCA-4030-A02 Datasheet HTML 2Page - Abracon Corporation ANFCA-4030-A02 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ANFCA-4030-A02
• Mobiles
• NFC Payment readers
• Electronic wallets
• Health care ID scanners
• NFC data loggers transport
• Ticketing systems
• Museum information systems
• Electronic Parking Payments
• Industrial data collection.
• Ultra thin flexible antenna structure ( 220+/-46 μm)
• Peel and Stick antenna designs
• Ferrite sheet backing optimizes magnetic fields
• Wide operating temperature range -40ºC to +85ºC
• Matched to leading NFC controller IC’s
• Customized solutions available
APPLICATIONS:
FEATURES:
STANDARD SPECIFICATIONS:
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Moisture Sensitivity Level (MSL) – MSL 1
40 x 30 mm
Pb RoHS/RoHS II compliant
NFC Ferrite Antenna (13.56MHz)
Maximum Ratings
Item
Value
Operating Temperature Range
-40ºC to + 85ºC
Storage Temperature Range
-40ºC to + 85ºC
2 Faraday, Suite# B
| Irvine | CA 92618 Revised:10.09.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
Item
Spec
Operating Frequency (MHz)
13.56
Inductance (μH)
1.7±10%
RAC (Ω)
1.8±20%
Test Condition
1 MHz/500mV
Test equipment: TH2828S.
Product Customization
Products can be customized according to customer requirements. Features such as the dimensions or shape of
the coil or its inductance can be customized. Please contact ABRACON or authorized distributor / agent for
further details.
Connection to the PCB
While soldering thin wires to the pads on the antenna is possible, great care must be taken, (see manual soldering
Section 10.1). However it is recommended to make contact to the antenna pads via Pogo Pins. These are soldered onto
the product PCB, and interface mechanically via a pressure contact to the pads on the NFC antenna. Volume
applications using the NFC antenna should always use Pogo Pins to make the connections.


Similar Part No. - ANFCA-4030-A02

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ANFCA-4030-A01 ABRACON-ANFCA-4030-A01 Datasheet
1Mb / 3P
   NFC Ferrite Antenna (13.56MHz)
10.04.15
More results

Similar Description - ANFCA-4030-A02

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ANFCA-4535-A01 ABRACON-ANFCA-4535-A01 Datasheet
1Mb / 3P
   NFC Ferrite Antenna (13.56MHz)
10.04.15
ANFCA-2525-A02 ABRACON-ANFCA-2525-A02 Datasheet
1Mb / 3P
   NFC Ferrite Antenna (13.56MHz)
10.07.15
ANFCA-4545-A01 ABRACON-ANFCA-4545-A01 Datasheet
1Mb / 3P
   NFC Ferrite Antenna (13.56MHz)
10.09.15
ANFCA-4040-A02 ABRACON-ANFCA-4040-A02 Datasheet
1Mb / 3P
   NFC Ferrite Antenna (13.56MHz)
10.09.15
ANFCA-5040-A02 ABRACON-ANFCA-5040-A02 Datasheet
1Mb / 3P
   NFC Ferrite Antenna (13.56MHz)
10.09.15
ANFCA-4030-A01 ABRACON-ANFCA-4030-A01 Datasheet
1Mb / 3P
   NFC Ferrite Antenna (13.56MHz)
10.04.15
ANFCA-3225-A02 ABRACON-ANFCA-3225-A02 Datasheet
1Mb / 3P
   NFC Ferrite Antenna (13.56MHz)
10.07.15
ANFCA-5035-A01 ABRACON-ANFCA-5035-A01 Datasheet
1Mb / 3P
   NFC Ferrite Antenna (13.56MHz)
10.09.15
ANFCA-2515-A02 ABRACON-ANFCA-2515-A02 Datasheet
1Mb / 3P
   NFC Ferrite Antenna (13.56MHz)
10.05.15
ANFCA-1510-A02 ABRACON-ANFCA-1510-A02 Datasheet
1Mb / 3P
   NFC Ferrite Antenna (13.56MHz)
10.04.15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com