Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-19253E50H-U5T1U Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-19253E50H-U5T1U
Description  CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19253E50H-U5T1U Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-19253E50H-U5T1U Datasheet HTML 7Page - Seiko Instruments Inc S-19253E50H-U5T1U Datasheet HTML 8Page - Seiko Instruments Inc S-19253E50H-U5T1U Datasheet HTML 9Page - Seiko Instruments Inc S-19253E50H-U5T1U Datasheet HTML 10Page - Seiko Instruments Inc S-19253E50H-U5T1U Datasheet HTML 11Page - Seiko Instruments Inc S-19253E50H-U5T1U Datasheet HTML 12Page - Seiko Instruments Inc S-19253E50H-U5T1U Datasheet HTML 13Page - Seiko Instruments Inc S-19253E50H-U5T1U Datasheet HTML 14Page - Seiko Instruments Inc S-19253E50H-U5T1U Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
FOR AUTOMOTIVE 105
°C OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.0_00
S-19253xxxH Series
11
Explanation of Terms
1. Low dropout voltage regulator
This is a voltage regulator which made dropout voltage small by its built-in low on-resistance output transistor.
2. Output voltage (VOUT)
This voltage is output at an accuracy of
±3.0% when the input voltage, the output current and the temperature are
in a certain condition
*1.
*1. Differs depending on the product.
Caution
If the certain condition is not satisfied, the output voltage may exceed the accuracy range of
±3.0%.
Refer to " Electrical Characteristics" and " Characteristics (Typical Data)" for details.
3. Line regulation
ΔVOUT1
ΔVIN • VOUT
Indicates the dependency of the output voltage against the input voltage. That is, the value shows how much the
output voltage changes due to a change in the input voltage after fixing output current constant.
4. Load regulation (
ΔVOUT2)
Indicates the dependency of the output voltage against the output current. That is, the value shows how much the
output voltage changes due to a change in the output current after fixing input voltage constant.
5. Dropout voltage (Vdrop)
Indicates the difference between input voltage (VIN1) and the output voltage when the output voltage becomes 98%
of the output voltage value (VOUT3) at VIN = VOUT(S)
+ 1.0 V after the input voltage (VIN) is decreased gradually.
Vdrop = VIN1
− (VOUT3 × 0.98)


Similar Part No. - S-19253E50H-U5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19253E50H-U5T1U SII-S-19253E50H-U5T1U Datasheet
2Mb / 30P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
logo
ABLIC Inc.
S-19253E50H-U5T1U ABLIC-S-19253E50H-U5T1U Datasheet
782Kb / 30P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
More results

Similar Description - S-19253E50H-U5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19243A12A-E8T1U SII-S-19243A12A-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19254E12H-E8T1U SII-S-19254E12H-E8T1U Datasheet
2Mb / 32P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243A12H-E8T1U SII-S-19243A12H-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244A12H-E8T1U SII-S-19244A12H-E8T1U Datasheet
3Mb / 68P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244A12A-E8T1U SII-S-19244A12A-E8T1U Datasheet
3Mb / 68P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
logo
ABLIC Inc.
S-1335 ABLIC-S-1335 Datasheet
756Kb / 67P
   HIGH RIPPLE-REJECTION SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
Rev.1.3_02
logo
Torex Semiconductor
XC6601 TOREX-XC6601_2 Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
logo
Seiko Instruments Inc
S-1137 SII-S-1137 Datasheet
2Mb / 47P
   HIGH RIPPLE-REJECTION LOW DROPOUT SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
logo
Skyworks Solutions Inc.
AAT1161 SKYWORKS-AAT1161 Datasheet
1Mb / 18P
   Soft Start Function
logo
Mechatronics, Inc.
MA1751 MECHATRONICS-MA1751 Datasheet
375Kb / 1P
   soft start function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com