Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KPC357NT0W Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KPC357NT0W
Description  4PIN MINI-FLAT LOW INPUT CURRENT PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC357NT0W Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KPC357NT0W_15 Datasheet HTML 1Page - COSMO  Electronics Corporation KPC357NT0W_15 Datasheet HTML 2Page - COSMO  Electronics Corporation KPC357NT0W_15 Datasheet HTML 3Page - COSMO  Electronics Corporation KPC357NT0W_15 Datasheet HTML 4Page - COSMO  Electronics Corporation KPC357NT0W_15 Datasheet HTML 5Page - COSMO  Electronics Corporation KPC357NT0W_15 Datasheet HTML 6Page - COSMO  Electronics Corporation KPC357NT0W_15 Datasheet HTML 7Page - COSMO  Electronics Corporation KPC357NT0W_15 Datasheet HTML 8Page - COSMO  Electronics Corporation KPC357NT0W_15 Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P04003.2
- 5 -
http://www.cosmo-ic.com
cosmo
KPC357NT0W Series
4PIN MINI-FLAT LOW INPUT CURRENT
PHOTOCOUPLER
Fig.6 Collector Current
vs. Collector-Emitter Voltage
Fig.7 Relative Current Transfer Ratio
vs. Ambient Temperature
0
0
1
1
2
2
3
4
6
5
7
0.5mA
9
8
5mA
I =10mA
4
3
5
6
Ta=25°
1mA
C
0.1mA
F
- 5 5
0
0
5 0
2 5
5 0
1 1 5
7 5
I = 0 . 5 m A
V
= 5 V
1 5 0
1 0 0
F
C E
Collector-Emitter Voltage VCE (V)
Ambient Temperature Ta (℃)
Fig.8 Collector-Emitter Saturation Voltage
vs. Ambient Temperature
Fig.9 Collector-Emitter Saturation
Voltage vs. Forward Current
0
-5 5
0
5 0
2 5
7 5
1 1 5
Ic = 1 m A
0 .0 2
0 .0 4
0 .0 6
0 .1 0
0 .0 8
0 .1 2
0 .1 6
0 .1 4
I = 1 0 m A
F
Ambient Temperature Ta (℃)
Forward Current IF (mA)
Fig.10 Response Time (Rise)
vs. Load Resistance
Fig.11 Response Time (Fall)
vs. Load Resistance
1 0
1
0 . 1
t r
0 .5
0 .2
0 .1
1
2
5
1 0
2 0
1 0 0
5 0
I c = 2 m A
V
= 2 V
T a = 2 5 ° C
C E
1 0
0 .1
1
0 .1
0 .2
1
0 .5
5
2
2 0
1 0
T a = 2 5 °
I c = 2 m A
V
= 2 V
1 0 0
5 0
C
tf
C E
Load Resistance RL (KΩ)
Load Resistance RL (KΩ)
0
4
0
8
1
2
3
5
4
6
7
C
Ta=25°
Ic=7m A
Ic=5mA
Ic=3m A
Ic=1m A
Ic=0.5mA
2
6
10


Similar Part No. - KPC357NT0W_15

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC357NT0W COSMO-KPC357NT0W Datasheet
139Kb / 6P
   High Reliability Photocoupler
More results

Similar Description - KPC357NT0W_15

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC357NT0Z COSMO-KPC357NT0Z_15 Datasheet
214Kb / 10P
   4PIN MINI-FLAT LOW INPUT CURRENT PHOTOCOUPLER
KPC357NT0T COSMO-KPC357NT0T_15 Datasheet
214Kb / 10P
   4PIN MINI-FLAT LOW INPUT CURRENT PHOTOCOUPLER
KPC357NT COSMO-KPC357NT_16 Datasheet
334Kb / 10P
   4PIN MINI-FLAT PHOTOTRANSISTOR PHOTOCOUPLER
KPC452 COSMO-KPC452_15 Datasheet
215Kb / 10P
   4PIN MINI-FLAT PHOTODARLINGTON PHOTOCOUPLER
KPC354NT COSMO-KPC354NT_15 Datasheet
223Kb / 10P
   4PIN MINI-FLAT PHOTOTRANSISTOR PHOTOCOUPLER
KPC355NT COSMO-KPC355NT_15 Datasheet
215Kb / 10P
   4PIN MINI-FLAT PHOTODARLINGTON PHOTOCOUPLER
KPS28010Z COSMO-KPS28010Z_15 Datasheet
220Kb / 10P
   4PIN SSOP LOW INPUT CURRENT PHOTOCOUPLER
KT101Z COSMO-KT101Z_16 Datasheet
177Kb / 10P
   4PIN LSOP LOW INPUT CURRENT PHOTOCOUPLER
KPS28010W COSMO-KPS28010W_15 Datasheet
214Kb / 10P
   4PIN SSOP LOW INPUT CURRENT PHOTOCOUPLER
KT101T COSMO-KT101T_16 Datasheet
176Kb / 10P
   4PIN LSOP LOW INPUT CURRENT PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com