Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1705251824 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1705251824
Description  Impact 85 Ohm Plus 3 Pair Vertical Backplane Header, Unguided, Dual Endwall
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1705251824 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1705251824 Datasheet HTML 1Page - Molex Electronics Ltd. 1705251824 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 01/18/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1705251824
Status:
Active
Overview:
Impact™ Backplane Connector and Cable Assembly System
Description:
Impact™ 85 Ohm Plus 3 Pair Vertical Backplane Header, Unguided, Dual Endwall, 8
Columns, 72 Circuits, Pin Length 4.90mm, Plated Through Hole Dimension 0.46mm,
Lead Free
Documents:
Drawing (PDF)
Packaging Specification PK-70873-7700 (PDF)
Product Specification PS-170540-999-001 (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification AS-76060-990-001 (PDF)
Agency Certification
UL
E29179
General
Product Family
Backplane Connectors
Series
170525
Application
Conventional
Application Tooling Documents
TM-622018799
Component Type
PCB Header
Overview
Impact™ Backplane Connector and Cable Assembly
System
Product Name
Impact™
UPC
887191209821
Physical
Circuits (Loaded)
72
Circuits (maximum)
72
Color - Resin
Gray
Durability (mating cycles max)
200
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
2.886/g
Number of Columns
8
Number of Pairs
3
Number of Rows
9
Orientation
Vertical
PC Tail Length
1.40mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.00mm
Packaging Type
Tray
Pitch - Mating Interface
1.35mm, 1.90mm
Pitch - Termination Interface
1.35mm, 1.90mm
Plating min - Mating
0.762µm
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole - Compliant Pin
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/21/2016 (20 June
2016)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
170525 Series
Mates With
170530 Impact™ 85 Ohm Plus Right Angle
Receptacle


Similar Part No. - 1705251824

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1705251824 MOLEX1-1705251824_17 Datasheet
35Kb / 2P
   Impact 85 Ohm Plus 3 Pair Vertical Backplane Header, Unguided, Dual Endwall
More results

Similar Description - 1705251824

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1705251824 MOLEX1-1705251824_17 Datasheet
35Kb / 2P
   Impact 85 Ohm Plus 3 Pair Vertical Backplane Header, Unguided, Dual Endwall
1705251817 MOLEX1-1705251817_17 Datasheet
35Kb / 2P
   Impact 85 Ohm Plus 3 Pair Vertical Backplane Header, Unguided, Left Endwall
1705251618 MOLEX1-1705251618_17 Datasheet
35Kb / 2P
   Impact 85 Ohm Plus 3 Pair Vertical Backplane Header, Unguided, Left Endwall
1705251814 MOLEX11-1705251814 Datasheet
35Kb / 2P
   Impact 85 Ohm Plus 3 Pair Vertical Backplane Header, Unguided, Left Endwall
1705251813 MOLEX11-1705251813 Datasheet
35Kb / 2P
   Impact 85 Ohm Plus 3 Pair Vertical Backplane Header, Unguided, Left Endwall
1705251618 MOLEX11-1705251618 Datasheet
35Kb / 2P
   Impact 85 Ohm Plus 3 Pair Vertical Backplane Header, Unguided, Left Endwall
1705251813 MOLEX1-1705251813_17 Datasheet
35Kb / 2P
   Impact 85 Ohm Plus 3 Pair Vertical Backplane Header, Unguided, Left Endwall
1705251117 MOLEX1-1705251117_17 Datasheet
35Kb / 2P
   Impact 85 Ohm Plus 3 Pair Vertical Backplane Header, Unguided, Left Endwall
1705251816 MOLEX1-1705251816_17 Datasheet
35Kb / 2P
   Impact 85 Ohm Plus 3 Pair Vertical Backplane Header, Unguided, Left Endwall
1705251837 MOLEX1-1705251837_17 Datasheet
43Kb / 2P
   Impact 85 Ohm Plus 3 Pair Vertical Backplane Header, Unguided, Right Endwall
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com