Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C5500-B-_-12 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # C5500-B-_-12
Description  HB LEDs available in white, red, blue, and green
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C5500-B-_-12 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  C5500-B-_-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers C5500-B-_-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.califialighting.com
COASTLINE C5500 SERIES
C5500
C5500
C-Cool White
B
lue
-B
S-Standard
DS-Daisychain
12”
12”
C5500-C-S-12
C5500-B-DS-12
Model
Color
Type
Length
Example
DIMENSIONS
DAISYCHAIN CONFIGURATION
ORDERING INFORMATION
SW-1001
C5500-B-DS-12
PS-1033
Class 2 Power Supply (40 Watt)
In-line On/Off Switch
ACCESSORIES
Califia Lighting Part #PS-1033
Califia Lighting Part #SW-1001
All luminaires are easily customizable. Power accessories can be ordered separately.


Similar Part No. - C5500-B-_-12

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
C5500-01010000 BELDEN-C5500-01010000 Datasheet
161Kb / 2P
   Teck90 600V, 2G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5500-0102500 BELDEN-C5500-0102500 Datasheet
161Kb / 2P
   Teck90 600V, 2G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5500-0105000 BELDEN-C5500-0105000 Datasheet
161Kb / 2P
   Teck90 600V, 2G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5500-0107500 BELDEN-C5500-0107500 Datasheet
161Kb / 2P
   Teck90 600V, 2G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5500-INJ10000 BELDEN-C5500-INJ10000 Datasheet
161Kb / 2P
   Teck90 600V, 2G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
More results

Similar Description - C5500-B-_-12

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEDGUARDIANSL302 OSRAM-LEDGUARDIANSL302 Datasheet
108Kb / 3P
   Available color version: orange LEDs, red LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LG75 AVAGO-HLMP-LG75 Datasheet
271Kb / 11P
   Red, Green and Blue 4 mm Standard Oval LEDs
HLMP-LG71 AVAGO-HLMP-LG71 Datasheet
292Kb / 11P
   Red, Green and Blue 4 mm Standard Oval LEDs
logo
Cree, Inc
XPG3 CREE-XPG3 Datasheet
2Mb / 33P
   Available in outdoor white and 70-, 80- and 90-CRI white
logo
P-tec Corporation
PL22-CDR21 P-TEC-PL22-CDR21_14 Datasheet
75Kb / 1P
   Available in Color, White
logo
Cree, Inc
XP-G CREE-XP-G Datasheet
2Mb / 28P
   Available in white, outdoor white and 80-CRI, 85-CRI and 90-CRI white
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MYA0 AVAGO-ASMT-MYA0 Datasheet
529Kb / 6P
   Available in Warm White color
HLMP-LD15 AVAGO-HLMP-LD15 Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com