Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si4468 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # Si4468
Description  Highly configurable packet handler
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4468 Datasheet(HTML) 5 Page - Silicon Laboratories

  Si4468 Datasheet HTML 1Page - Silicon Laboratories Si4468 Datasheet HTML 2Page - Silicon Laboratories Si4468 Datasheet HTML 3Page - Silicon Laboratories Si4468 Datasheet HTML 4Page - Silicon Laboratories Si4468 Datasheet HTML 5Page - Silicon Laboratories Si4468 Datasheet HTML 6Page - Silicon Laboratories Si4468 Datasheet HTML 7Page - Silicon Laboratories Si4468 Datasheet HTML 8Page - Silicon Laboratories Si4468 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
Si4468/7
Rev 1.0
5
Table 2. Synthesizer AC Electrical Characteristics
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Synthesizer Frequency
Range
FSYN
850
1050
MHz
350
525
MHz
284
350
MHz
142
175
MHz
Synthesizer Frequency
Resolution
FRES-960
850–1050 MHz
—28.6
Hz
FRES-525
420–525 MHz
—14.3
Hz
FRES-420
350–420 MHz
—11.4—
Hz
FRES-350
283–350 MHz
—9.5
Hz
FRES-175
142–175 MHz
—4.7
Hz
Synthesizer Settling Time
tLOCK
Measured from exiting Ready mode with
XOSC running to any frequency.
Including VCO Calibration.
—50—
µs
Phase Noise
L
(fM)
F = 10 kHz, 169 MHz, High Perf Mode
–117
–108 dBc/Hz
F = 100 kHz, 169 MHz, High Perf Mode
–120
–115 dBc/Hz
F = 1 MHz, 169 MHz, High Perf Mode
–138
–135 dBc/Hz
F = 10 MHz, 169 MHz, High Perf Mode
–148
–143 dBc/Hz
F = 10 kHz, 915 MHz, High Perf Mode
–102
–94 dBc/Hz
F = 100 kHz, 915 MHz, High Perf Mode
–105
–97 dBc/Hz
F = 1 MHz, 915 MHz, High Perf Mode
–125
–122 dBc/Hz
F = 10 MHz, 915 MHz, High Perf Mode
–138
–135 dBc/Hz
Note:
All minimum and maximum values are guaranteed across the recommended operating conditions of supply voltage and
from –40 to +85 °C unless otherwise stated. All typical values apply at VDD = 3.3 V and 25 °C unless otherwise stated.


Similar Part No. - Si4468

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4468 SILABS-SI4468 Datasheet
1Mb / 57P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
SI4468-A2A-IM SILABS-SI4468-A2A-IM Datasheet
1Mb / 57P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
More results

Similar Description - Si4468

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4063 SILABS-SI4063 Datasheet
958Kb / 37P
   Highly configurable packet handler
SI1012-A SILABS-SI1012-A Datasheet
986Kb / 2P
   Programmable packet handler
SI1014-A SILABS-SI1014-A Datasheet
987Kb / 2P
   Programmable packet handler
SI1013-A SILABS-SI1013-A Datasheet
986Kb / 2P
   Programmable packet handler
logo
Renesas Technology Corp
DA9083 RENESAS-DA9083 Datasheet
700Kb / 63P
   High Current, Highly Configurable System PMIC
18-Mar-2022
logo
C-Media Electronics
CM118B CMEDIA-CM118B Datasheet
605Kb / 25P
   Highly Integrated & Configurable USB Audio Single Chip
logo
List of Unclassifed Man...
37652 ETC2-37652 Datasheet
52Kb / 1P
   BOARD HANDLER TRAYS
logo
Honeywell Accelerometer...
19PA217-NT HONEYWELL-ACC-19PA217-NT Datasheet
46Kb / 1P
   PACKET
logo
Pericom Semiconductor C...
PI7C9X2G404SL PERICOM-PI7C9X2G404SL Datasheet
301Kb / 1P
   Packet Switch
PI7C9X2G606PR PERICOM-PI7C9X2G606PR Datasheet
420Kb / 1P
   Packet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com