Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRU8045A-3R5Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRU8045A-3R5Y
Description  Shielded construction
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRU8045A-3R5Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRU8045A-3R5Y Datasheet HTML 1Page - Bourns Electronic Solutions SRU8045A-3R5Y Datasheet HTML 2Page - Bourns Electronic Solutions SRU8045A-3R5Y Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
n
Shieldedconstruction
n
Inductancerange:3.5to100µH
n
Ratedcurrentupto5A
n
AEC-Q200qualified
n
RoHScompliant*andhalogenfree**
Applications
n
Automotivesystems:
-Driverassistant
-Infotainment
-Lighting
n
DC/DCconverters
n
Powersupplies
SRU8045ASeries-ShieldedPowerInductors
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
**Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;(b)theChlorine
(Cl)contentis900ppmorless;and(c)thetotalBromine(Br)andChlorine(Cl)contentis1500ppmorless.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdevice
performancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Operating Temp. .......... -40 °C to +125 °C
(Temperature rise included)
Storage Temperature .. -40 °C to +125 °C
Temperature Rise .....40 °C at rated Irms
Rated Current
............ Inductance drops 35 % at Isat
Failure In Time (FIT)........24.7/109 hours
Mean Time Between Failures (MTBF)
..................................40.4 x 106 hours
Electrical Specifications @ 25 °C
General Specifications
Core..............................................Ferrite
Wire ............................Enameled copper
Terminal Finish ...................................Sn
Packaging..... 1000 pcs. per 13-inch reel
Materials
Product Dimensions
Recommended Layout
DIMENSIONS:
MM
(INCHES)
Electrical Schematic
How to Order
SRU8045A - 100Y
Model
Value Code (see table)
Soldering Profile
Bourns
Part Number
Inductance
@ 100 kHz /
0.1 V
Q
(Ref.)
Test
Freq.
(MHz)
SRF
(MHz)
Typ.
DCR (W)
I rms
(A)
I sat
(A)
Typ.
Max.
L (µH) Tol. (%)
SRU8045A-3R5Y
3.5
± 30
12
7.96
45
0.0188 0.025 5.00
5.00
SRU8045A-4R7Y
4.7
± 30
10
7.96
30
0.022 0.0275 4.60
4.40
SRU8045A-6R2Y
6.2
± 30
10
7.96
23
0.0285 0.036 4.20
3.80
SRU8045A-100Y
10
± 30
16
2.52
18
0.035
0.048 3.50
3.30
SRU8045A-220Y
22
± 30
18
2.52
12
0.094
0.122 2.25
2.15
SRU8045A-330Y
33
± 30
14
2.52
8
0.118
0.15
2.00
1.80
SRU8045A-470Y
47
± 30
12
2.52
6
0.215
0.27
1.45
1.40
SRU8045A-680Y
68
± 30
8
2.52
4
0.32
0.40
1.25
1.20
SRU8045A-101Y
100
± 30
20
0.796
3
0.40
0.50
1.00
0.92
200
Max. Peak
Temperature -5
30 sec. max.
Max. Time Above
217
:
60~150 sec. max.
Peak Temperature
250
max.
250
150
200
100
50
0
100
50
150
Time (Seconds)
+4.0 °C/Sec. Max.
150~200 °C / 60~120 Sec.
+3.0 °C/Sec. Max.
-(1.0~5.0) °C/Sec. Max.
Temperature
Rising Area
Preheat
Area
Reflow
Area
Forced
Cooling Area
250
Peak Temperature: 250 °C
217 °C
60~120 Sec.
60 Sec.
Max.
60~150 Sec.
6.4
(.252)
TYP.
6.2
(.244)
6.2
(.244)
1.4
(.055)
1.4
(.055)
1.4
(.055)
1.4
(.055)
3.4
(.134)
3.4
(.134)
4.5±0.3
(.177±.012)
8.0±0.3
(.315±.012)
8.0±0.3
(.315±.012)
TYP.
2.4
(.094)
TYP.
3.20
(.126)
TYP.
2.4
(.094)
330
330


Similar Part No. - SRU8045A-3R5Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU8045A-3R5Y BOURNS-SRU8045A-3R5Y Datasheet
263Kb / 3P
   Shielded Power Inductors
More results

Similar Description - SRU8045A-3R5Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP5030TA-R10Y BOURNS-SRP5030TA-R10Y Datasheet
415Kb / 3P
   Shielded construction
logo
Vishay Siliconix
IHLP-6767GZ-51 VISHAY-IHLP-6767GZ-51 Datasheet
278Kb / 6P
   Shielded construction
Revision: 02-Mar-17
logo
XFMRS Inc.
XFTPRH105 XFMRS-XFTPRH105 Datasheet
519Kb / 3P
   Shielded construction
logo
AVX Corporation
LMXSF AVX-LMXSF Datasheet
91Kb / 4P
   Magnetically Shielded Construction
LMXSL AVX-LMXSL Datasheet
86Kb / 2P
   Magnetically Shielded Construction
logo
Sumida Corporation
CDRH2D11 SUMIDA-CDRH2D11_13 Datasheet
136Kb / 4P
   Magnetically shielded construction.
logo
TOKO, Inc
181LY-102J TOKO-181LY-102J Datasheet
260Kb / 2P
   Magnetically shielded construction
logo
Sumida Corporation
CDRH10D48AA SUMIDA-CDRH10D48AA Datasheet
228Kb / 2P
   Magnetically shielded construction
logo
Hirose Electric
GT17 HIROSE-GT17 Datasheet
1Mb / 47P
   All surface shielded construction.
logo
Sumida Corporation
CDPQ2010 SUMIDA-CDPQ2010 Datasheet
291Kb / 4P
   Ferrite core construction, Magnetically shielded
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com