Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA85A10 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # AA85A10
Description  Formerly KOMATSULITE a product
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

AA85A10 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  AA85A10 Datasheet HTML 1Page - Bourns Electronic Solutions AA85A10 Datasheet HTML 2Page - Bourns Electronic Solutions AA85A10 Datasheet HTML 3Page - Bourns Electronic Solutions AA85A10 Datasheet HTML 4Page - Bourns Electronic Solutions AA85A10 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
AASeriesBreaker(ThermalCutoffDevice)
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 520 390 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com
Typical Part Marking
Wiring Recommendations
Thisisnotasurfacemountdeviceforreflowsoldering.Therefore,Nitabwiringshouldbeaccomplishedbyeitherresistanceorlaserwelding.
Solderconnectionsshouldbeavoided.
Standard Packaging Specifications
Plastic Bag.......................................................................................................................................................................1,000pcs.(fixed)
InnerBox .........................................................................................................................................................................3,000pcs.(fixed)
Outer Box ....................................................................................................................................30,000 pcs. max. (up to 10 inner boxes)
X2715A
AA77A10
02
DATECODE:
MONTH(1~9,X,Y,Z)
DATE
YEAR
MACHINENO.
ROMANNUMERAL(I,II,III,ETC.)or
ARABICNUMERAL(1,2,3,ETC.)=OKAYAMAFACTORY
ALPHABET=SHIGAFACTORY
MANUFACTURER’STRADEMARK
SPECIALSPECIFICATIONSCODE
TERMINALTYPE
MANUFACTURER’S
INTERNALCODE
(ALPHANUMERICCHARACTER)
ARMMATERIAL
(A=CuALLOY)
TRIPTEMPERATURE-°C
(72,77,82,85)
SERIESDESIGNATOR
Application Temperature Range
...........................................-30 ~ 100 °C
Storage Conditions
1) Thebreakermustbestoredintheoriginalpackaging(plasticbagorcarton)with
thefollowingconditions:ambienttemperatureof-10to+40°C,RH<75%withno
radicaltemperaturechange,directsunshine,excessivevibrationorshock.
2) Avoidstoragelocationswherethereisapossibilityofgeneratingcorrosivegas
suchasfromsaltbreeze,chlorine,hudrogensulfide,ammonium,sulfide-oxidation,
hydrogenchloride,acetate,etc.
3) Storageperiodshouldbenolongerthan24monthsfromdateofshipment.


Similar Part No. - AA85A10

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA8500 AGAMEM-AA8500 Datasheet
41Kb / 1P
   VIDEO AMPLIFIER
AA8500AP AGAMEM-AA8500AP Datasheet
160Kb / 5P
   VIDEO AMPLIFIER
More results

Similar Description - AA85A10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KCA72AB0 ETC2-KCA72AB0 Datasheet
722Kb / 5P
   Komatsulite??KCA Series A-Type Breaker
NR72AB0 ETC2-NR72AB0 Datasheet
734Kb / 5P
   Komatsulite??NR Series A-Type Breaker
LC72AY-1 ETC2-LC72AY-1 Datasheet
816Kb / 5P
   Komatsulite??LC Series Breaker
logo
3M Electronics
SC402S 3M-SC402S Datasheet
190Kb / 29P
   Formerly SC400 Serial Resistive
logo
List of Unclassifed Man...
HC72AY-1 ETC2-HC72AY-1 Datasheet
707Kb / 5P
   Komatsulite HC Series Breaker
logo
Sharma Electro Componen...
124-XXX SHARMA-124-XXX Datasheet
19Kb / 1P
   Formerly sold as RS Components
logo
List of Unclassifed Man...
NR72CB0 ETC2-NR72CB0 Datasheet
739Kb / 5P
   Komatsulite??NR Series C-Type Breaker
logo
STMicroelectronics
AN4377 STMICROELECTRONICS-AN4377 Datasheet
1Mb / 29P
   This document focuses on a product evaluation board for a simple
logo
Marl International Limi...
652-105-75_1309 MARL-652-105-75_1309 Datasheet
407Kb / 4P
   Product will operate over a wide voltage range
533-105-63_1307 MARL-533-105-63_1307 Datasheet
255Kb / 4P
   Product will operate over a wide voltage range
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com