Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145173DW Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC145173DW
Description  Dual-Band PLL Frequency Synhesizer with ADC and Frequency Counter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145173DW Datasheet(HTML) 1 Page - Motorola, Inc

  MC145173DW Datasheet HTML 1Page - Motorola, Inc MC145173DW Datasheet HTML 2Page - Motorola, Inc MC145173DW Datasheet HTML 3Page - Motorola, Inc MC145173DW Datasheet HTML 4Page - Motorola, Inc MC145173DW Datasheet HTML 5Page - Motorola, Inc MC145173DW Datasheet HTML 6Page - Motorola, Inc MC145173DW Datasheet HTML 7Page - Motorola, Inc MC145173DW Datasheet HTML 8Page - Motorola, Inc MC145173DW Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
MC145173
1
MOTOROLA
Advance Information
Dual-Band PLL Frequency
Synthesizer with ADC and
Frequency Counter
CMOS
The MC145173 is a single–chip CMOS synthesizer with a four–wire serial
interface for primary use in AM–FM broadcast receivers. The device also finds
use in long–wave (LW) and short–wave (SW) receivers. Two inputs to a single
high–speed N counter are provided, along with 2 phase detectors; one for a
VHF loop up to 130 MHz, and another for an HF loop up to 40 MHz. The VHF
phase detector has a current source/sink output and both detectors feature
linear transfer functions (no dead zones). An external crystal ties across
on–chip circuitry which drives a completely–programmable reference counter.
Thus, a broad range of tuning resolution is possible. The crystal oscillator is
buffered and fed to an open–drain output which is active in the HF mode only.
Due to the patented BitGrabber
™ registers, address or steering bits are not
needed in the serial data stream for random access of the registers. The serial
port is byte–oriented to facilitate control via an MCU. Tuning across a band is
accomplished with a two–byte transfer to the N register.
The 6–bit analog–to–digital converter (ADC) has two input channels. The
converter is read via a one–byte transfer which includes an end–of–conversion
(EOC) bit.
A 22–stage frequency counter is provided and accepts two IF (intermediate
frequency) signals. Primary use for the frequency counter is for the seek or
scan function on broadcast radio receivers. A proper frequency count ensures
tuning of valid stations on their center frequencies. Reading the count is
accomplished with a three–byte serial transfer which includes a count–com-
plete (CC) bit.
Four general purpose digital outputs are included. One of the outputs is
open–drain; the others are totem–pole (push–pull). Two general purpose digital
inputs are provided also. One input has a comparator with a switch point at 33%
of VDD.
• Operating Voltage Range: 4.5 to 5.5 V
• Maximum Operating Frequency: VHFin = 130 MHz @ 210 mV p–p
HFin = 40 MHz @ 210 mV p–p
• Maximum Frequency of Reference Counter: 15 MHz
• Maximum Frequency of Frequency Counter: 20 MHz
• Maximum Supply Current: Operating Mode = 12 mA
Standby Mode = 30
µA
• Approximate ADC Conversion Time: 360 µs
• Operating Temperature Range: – 40 to + 85°C
• R Counter Division Range: 1 and 5 to 16,383
• N Counter Division Range: 40 to 32,767
• Accommodates Downconversion or Upconversion Receiver Design
for AM Broadcast Band
• Direct Interface to Motorola SPI Data Port
• Programmer’s Guide Included in Datasheet
BitGrabber is a trademark of Motorola, Inc.
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Order this document
by MC145173/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MC145173
OUTPUT B
VHFin
VDD
HF PDout
Rx
14
15
16
17
18
13
12
VHF PDout
OUTPUT D
OUTPUT C
VSS
10
9
8
7
6
5
4
3
VHF IFin
HF IFin
INPUT A
INPUT B
INPUT D
Dout
CLK
Din
11
20
21
22
19
PIN ASSIGNMENT
INPUT C
OUTPUT A
HFin
DW SUFFIX
SOG PACKAGE
CASE 751E
ORDERING INFORMATION
MC145173DW SOG Package
REFout
OSCout
2
1
ENB
OSCin
23
24
24
1
© Motorola, Inc. 1995
REV 1
3/95


Similar Part No. - MC145173DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14517 MOTOROLA-MC14517 Datasheet
202Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
MC14517 ONSEMI-MC14517 Datasheet
157Kb / 8P
   Dual 64-Bit Static Shift Register
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC145170-1 MOTOROLA-MC145170-1 Datasheet
456Kb / 27P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC145170-2 MOTOROLA-MC145170-2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
More results

Similar Description - MC145173DW

ManufacturerPart #DatasheetDescription
logo
Agere Systems
W3000 AGERE-W3000 Datasheet
327Kb / 28P
   W3000 PLL Dual-Band Frequency Synthesizer
logo
Fujitsu Component Limit...
MB15C100 FUJITSU-MB15C100 Datasheet
285Kb / 28P
   IF Band PLL Frequency Synthesizer
MB15C103 FUJITSU-MB15C103 Datasheet
150Kb / 16P
   IF Band PLL Frequency Synthesizer
MB15C101 FUJITSU-MB15C101 Datasheet
151Kb / 17P
   IF Band PLL Frequency Synthesizer
logo
Sanyo Semicon Device
LM7007M SANYO-LM7007M Datasheet
228Kb / 9P
   Dual-PLL Frequency Synthesizers
logo
Motorola, Inc
MC145149 MOTOROLA-MC145149 Datasheet
157Kb / 12P
   Dual PLL Frequency Synthesizer
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
   Dual PLL frequency synthesizer
logo
WAGO Kontakttechnik Gmb...
750-404-000-003 WAGO-750-404-000-003 Datasheet
561Kb / 12P
   Frequency Counter
750-404 WAGO-750-404 Datasheet
561Kb / 12P
   Frequency Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com