Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145166 Datasheet(PDF) 10 Page - Motorola, Inc

Part # MC145166
Description  Dual PLLs for 46/49 Mhz Cordless Telephones
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145166 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MC145166 Datasheet HTML 3Page - Motorola, Inc MC145166 Datasheet HTML 4Page - Motorola, Inc MC145166 Datasheet HTML 5Page - Motorola, Inc MC145166 Datasheet HTML 6Page - Motorola, Inc MC145166 Datasheet HTML 7Page - Motorola, Inc MC145166 Datasheet HTML 8Page - Motorola, Inc MC145166 Datasheet HTML 9Page - Motorola, Inc MC145166 Datasheet HTML 10Page - Motorola, Inc MC145166 Datasheet HTML 11Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MC145166
•MC145167
MOTOROLA
10
PACKAGE DIMENSIONS
P SUFFIX
PLASTIC DIP
CASE 648–08
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE MOLD FLASH.
5. ROUNDED CORNERS OPTIONAL.
–A–
B
F
C
S
H
G
D
J
L
M
16 PL
SEATING
18
9
16
K
PLANE
–T–
M
A
M
0.25 (0.010)
T
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.740
0.770
18.80
19.55
B
0.250
0.270
6.35
6.85
C
0.145
0.175
3.69
4.44
D
0.015
0.021
0.39
0.53
F
0.040
0.70
1.02
1.77
G
0.100 BSC
2.54 BSC
H
0.050 BSC
1.27 BSC
J
0.008
0.015
0.21
0.38
K
0.110
0.130
2.80
3.30
L
0.295
0.305
7.50
7.74
M
0
10
0
10
S
0.020
0.040
0.51
1.01
_
_
_
_
DW SUFFIX
SOG PACKAGE
CASE 751G–02
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
10.15
10.45
0.400
0.411
B
7.40
7.60
0.292
0.299
C
2.35
2.65
0.093
0.104
D
0.35
0.49
0.014
0.019
F
0.50
0.90
0.020
0.035
G
1.27 BSC
0.050 BSC
J
0.25
0.32
0.010
0.012
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
10.05
10.55
0.395
0.415
R
0.25
0.75
0.010
0.029
M
B
M
0.010 (0.25)
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER
SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN
EXCESS OF D DIMENSION AT MAXIMUM
MATERIAL CONDITION.
–A–
–B–
P
8X
G
14X
D
16X
SEATING
PLANE
–T–
S
A
M
0.010 (0.25)
B S
T
16
9
8
1
F
J
R X 45
_
__
__
M
C
K


Similar Part No. - MC145166

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145160 MOTOROLA-MC145160 Datasheet
189Kb / 7P
   Dual PLLs For 46/49 MHz Cordless Telephones CMOS
MC145162 MOTOROLA-MC145162 Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
MC145162-1 MOTOROLA-MC145162-1 Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
MC145162D MOTOROLA-MC145162D Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
logo
LANSDALE Semiconductor ...
MC145162D LANSDALE-MC145162D Datasheet
1Mb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
More results

Similar Description - MC145166

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145168 MOTOROLA-MC145168 Datasheet
45Kb / 2P
   Dual PLLs For 46/49 Mhz Cordless Telephones
MC145160 MOTOROLA-MC145160 Datasheet
189Kb / 7P
   Dual PLLs For 46/49 MHz Cordless Telephones CMOS
logo
ELAN Microelectronics C...
EM92600 EMC-EM92600 Datasheet
52Kb / 6P
   DUAL PLL FOR 46/49 MHZ CORDLESS PHONE
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_07 Datasheet
189Kb / 6P
   Cordless Telephones
logo
Nippon Precision Circui...
SM5132 NPC-SM5132 Datasheet
219Kb / 6P
   Two PLLs for Cordless Telephons
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-DEB1 SUNTSU-SATCA-3C1GF-DEB1 Datasheet
1Mb / 6P
   Cordless Home Telephones
logo
CML Microcircuits
MX118 CMLMICRO-MX118 Datasheet
368Kb / 7P
   FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
logo
NXP Semiconductors
PCD5032 PHILIPS-PCD5032 Datasheet
136Kb / 24P
   ADPCM CODEC for digital cordless telephones
1997 Apr 03
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_14 Datasheet
255Kb / 6P
   Cordless Telephones PBX Modems
TLP222G TOSHIBA-TLP222G Datasheet
138Kb / 6P
   Cordless Telephones PBX Modems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com