Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145074 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC145074
Description  Stero Audio Sigma-Delta Digital-to-Analog Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145074 Datasheet(HTML) 1 Page - Motorola, Inc

  MC145074 Datasheet HTML 1Page - Motorola, Inc MC145074 Datasheet HTML 2Page - Motorola, Inc MC145074 Datasheet HTML 3Page - Motorola, Inc MC145074 Datasheet HTML 4Page - Motorola, Inc MC145074 Datasheet HTML 5Page - Motorola, Inc MC145074 Datasheet HTML 6Page - Motorola, Inc MC145074 Datasheet HTML 7Page - Motorola, Inc MC145074 Datasheet HTML 8Page - Motorola, Inc MC145074 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MC145074
1
MOTOROLA
Product Preview
Stereo Audio Sigma-Delta
Digital-to-Analog Converter
CMOS
The MC145074 is a high precision, Stereo Audio Digital–to–Analog
Converter that utilizes second order sigma–delta modulators with 2–tap FIR
feedback architecture. The part can be used as a stand alone stereo digital
modulator, or as a companion part to the MC145076 smoothing filter to achieve
high quality, low cost audio performance.
• Peak S/(N+D) > 100 dB
• Single 5 V Supply Operation
• Accepts 16, 18, or 20–Bit Data Words
• Dual/Single Pin Data Input Modes
• Programmable WCLK Divider
• Operating Temperature Range: – 40 to + 85°C
• Low Power Consumption: 40 mW Typical
• Companion to MC145076 Stereo Audio FIR Smoothing Filter
2
STBY
DIL/WDLY
DIR/DILR
BCLK
DMODE
RES1
RES0
3
4
5
13
14
15
CONTROL
LOGIC
SERIAL/PARALLEL
INTERFACE
OFFSET SCALER
Σ ± ∆
MODULATOR
CHOP
DOL
DOR
16
SERIAL/PARALLEL
INTERFACE
OFFSET SCALER
Σ ± ∆
MODULATOR
CHOP
9
6
WCLK
TIMING
MSTR
DIV2
7
Xout
Xin
12
11
8
1
VDD
VSS
LEFT CHANNEL
RIGHT CHANNEL
10
This document contains information on a product under development. Motorola reserves the right to change or discontinue this product without notice.
Order this document
by MC145074/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
PIN ASSIGNMENT
MC145074
D SUFFIX
16 PIN SOIC
CASE 751B–05
ORDERING INFORMATION
MC145074D
SOIC Package
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
Xin
DMODE
RES1
RES0
DOL
DOR
DIV2
Xout
DIR/DILR
DIL/WDLY
STBY
VSS
MSTR
WCLK
BCLK
VDD
16
1
© Motorola, Inc. 1996
REV 1
5/96


Similar Part No. - MC145074

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145073 MOTOROLA-MC145073 Datasheet
228Kb / 16P
   Dual 16-Bit Stereo Audio Sigma-Delta ADC
MC145073DW MOTOROLA-MC145073DW Datasheet
228Kb / 16P
   Dual 16-Bit Stereo Audio Sigma-Delta ADC
MC145076 MOTOROLA-MC145076 Datasheet
124Kb / 8P
   MC 145076 Stereo Audio FIR Smoothing Filter
MC145076D MOTOROLA-MC145076D Datasheet
124Kb / 8P
   MC 145076 Stereo Audio FIR Smoothing Filter
More results

Similar Description - MC145074

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1608 TI1-PCM1608_15 Datasheet
1,012Kb / 46P
[Old version datasheet]   Delta-Sigma Digital-to-Analog Converter
PCM1753 TI1-PCM1753 Datasheet
1Mb / 38P
[Old version datasheet]   Multi-Level Delta-Sigma Audio Digital-to- Analog Converter
logo
Burr-Brown (TI)
DSD1702 BURR-BROWN-DSD1702 Datasheet
417Kb / 28P
   ENHANCED MULTIFORMAT, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
TLC320AD58C TI-TLC320AD58C Datasheet
178Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57 TI1-TLC320AD57 Datasheet
135Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57C TI-TLC320AD57C Datasheet
133Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD58 TI1-TLC320AD58 Datasheet
192Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A_10 Datasheet
121Kb / 14P
   Six-channel, Delta-sigma Analog-to-digital Converter
logo
Texas Instruments
ADC12EU050 TI1-ADC12EU050 Datasheet
989Kb / 44P
[Old version datasheet]   45 MSPS Sigma-Delta Analog-to-Digital Converter
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A Datasheet
188Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com