Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F125 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # C8051F125
Description  The C8051F12x series is pin compatible
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F125 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button C8051F125 Datasheet HTML 3Page - Silicon Laboratories C8051F125 Datasheet HTML 4Page - Silicon Laboratories C8051F125 Datasheet HTML 5Page - Silicon Laboratories C8051F125 Datasheet HTML 6Page - Silicon Laboratories C8051F125 Datasheet HTML 7Page - Silicon Laboratories C8051F125 Datasheet HTML 8Page - Silicon Laboratories C8051F125 Datasheet HTML 9Page - Silicon Laboratories C8051F125 Datasheet HTML 10Page - Silicon Laboratories C8051F125 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AN131
Rev. 1.3
7
Software Examples
Example 1
//-----------------------------------------------------------------------------
// F12x_INIT_1.c
//-----------------------------------------------------------------------------
// Copyright 2002 Cygnal Integrated Products, Inc.
//
// AUTH: FB
// DATE: 19 SEP 02
//
// This file contains example initialization routines for the C8051F12x series
// of devices.
//
// This program uses the the 24.5 MHz internal oscillator multiplied by two
// for an effective SYSCLK of 49 MHz. This program also initializes and uses
// UART1 at <BAUDRATE> bits per second.
//
//
// Target: C8051F12x
// Tool chain: KEIL C51 6.03 / KEIL EVAL C51
//
//-----------------------------------------------------------------------------
// Includes
//-----------------------------------------------------------------------------
#include <c8051f120.h>
// SFR declarations
#include <stdio.h>
// printf() and getchar()
//-----------------------------------------------------------------------------
// 16-bit SFR Definitions for 'F12x
//-----------------------------------------------------------------------------
sfr16 DP
= 0x82;
// data pointer
sfr16 ADC0
= 0xbe;
// ADC0 data
sfr16 ADC0GT
= 0xc4;
// ADC0 greater than window
sfr16 ADC0LT
= 0xc6;
// ADC0 less than window
sfr16 RCAP2
= 0xca;
// Timer2 capture/reload
sfr16 RCAP3
= 0xca;
// Timer3 capture/reload
sfr16 RCAP4
= 0xca;
// Timer4 capture/reload
sfr16 TMR2
= 0xcc;
// Timer2
sfr16 TMR3
= 0xcc;
// Timer3
sfr16 TMR4
= 0xcc;
// Timer4
sfr16 DAC0
= 0xd2;
// DAC0 data
sfr16 DAC1
= 0xd2;
// DAC1 data
sfr16 PCA0CP5
= 0xe1;
// PCA0 Module 5 capture
sfr16 PCA0CP2
= 0xe9;
// PCA0 Module 2 capture
sfr16 PCA0CP3
= 0xeb;
// PCA0 Module 3 capture
sfr16 PCA0CP4
= 0xed;
// PCA0 Module 4 capture
sfr16 PCA0
= 0xf9;
// PCA0 counter
sfr16 PCA0CP0
= 0xfb;
// PCA0 Module 0 capture
sfr16 PCA0CP1
= 0xfd;
// PCA0 Module 1 capture


Similar Part No. - C8051F125

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F125 SILABS-C8051F125 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F125 SILABS-C8051F125 Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
C8051F125 SILABS-C8051F125 Datasheet
6Mb / 350P
   8K ISP FLASH MCU Family
Rev. 1.5
C8051F125-GQ SILABS-C8051F125-GQ Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F125

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECX-19A ECS-ECX-19A_17 Datasheet
590Kb / 2P
   The ECX-19A SMD crystal is pin out compatible with our CSM-12
logo
List of Unclassifed Man...
OCC8001-02 ETC1-OCC8001-02 Datasheet
382Kb / 2P
   The OCC8001-02 transceiver is a pin compatible successor of the OCC8001-01 with identical functionality,
logo
NXP Semiconductors
PCD509X2 PHILIPS-PCD509X2 Datasheet
93Kb / 16P
   The PCD50912 is designed for GAP compatible DECT handsets
1998 Apr 27
logo
NEC
UPD8355 NEC-UPD8355 Datasheet
262Kb / 6P
   pin for pin compatible
logo
Emerson Network Power
BXA40 EMERSON-NETWORKPOWER-BXA40 Datasheet
243Kb / 4P
   Pin-compatible with NFC40 Series
logo
Linear Technology
LT1011AIS8 LINER-LT1011AIS8 Datasheet
239Kb / 20P
   Pin Compatible with LM111 Series Devices
logo
List of Unclassifed Man...
HD-50-1-6 ETC-HD-50-1-6 Datasheet
150Kb / 1P
   The desing of the HD Series knob is unmistakbaly unique
logo
AiT Semiconductor Inc.
A4052 AITSEMI-A4052 Datasheet
459Kb / 11P
   BATTERY MANAGEMENT 1A IS COMPATIBLE WITH THE USB INTERFACE, LINEAR BATTERY MANAGEMENT CHIP
REV1.0
logo
List of Unclassifed Man...
CMG010020 ETC2-CMG010020 Datasheet
70Kb / 1P
   The CMG Series is a self powered
logo
Ohmite Mfg. Co.
SINK-CSM OHMITE-SINK-CSM Datasheet
411Kb / 2P
   The economically priced CSM Series is suitable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com