Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACTFG001 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTFG001
Description  SAW BANDPASS FILTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTFG001 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTFG001 Datasheet HTML 1Page - Advanced Crystal Technology ACTFG001 Datasheet HTML 2Page - Advanced Crystal Technology ACTFG001 Datasheet HTML 3Page - Advanced Crystal Technology ACTFG001 Datasheet HTML 4Page - Advanced Crystal Technology ACTFG001 Datasheet HTML 5Page - Advanced Crystal Technology ACTFG001 Datasheet HTML 6Page - Advanced Crystal Technology ACTFG001 Datasheet HTML 7Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
- 2 -
Features
SAW filter for GPS.
1
High stability and reliability with good performance and no adjustment.
2
Narrow and sharp pass band characteristics. RoHS compatible.
3
Low insertion loss and deep stop band attenuation for interference.
4
Low – loss SAW filter for GPS.
5
Package size 1.4*1.1
Package Dimensions
Ceramic Package: Unit:mm
Pin Configuration
1
Input
4
Output
2,3,5
Ground
Marking
Top View, Laser Printing
“G1”:
Part number
” 1”:
Terminal 1
“*”:
Lot number (The code shown below varies in a 4-year cycle)
Code
1
2
3
4
5
6
7
8
9
10
11
12
2015
a
b
c
d
e
f
g
h
i
j
k
m
2016
n
p
q
r
s
t
u
v
w
x
y
z
2017
A
B
C
D
E
F
G
H
J
K
L
M
2018
N
P
Q
R
S
T
U
V
W
X
Y
Z
Maximum Ratings
Rating
Value
Unit
DC Voltage (between any Terminals)
VDC
10
V
RF Power (in BW)
P
10
dBm
Operating Temperature Range
TA
-40 ~ +85
°C
Storage Temperature Range
Tstg
-40 ~ +85
°C


Similar Part No. - ACTFG001

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTFG002 ACT-ACTFG002 Datasheet
257Kb / 7P
   SAW BANDPASS FILTER
2014
ACTFG002-1568-GPSBDS-1411 ACT-ACTFG002-1568-GPSBDS-1411 Datasheet
257Kb / 7P
   SAW BANDPASS FILTER
2014
ACTFG003 ACT-ACTFG003 Datasheet
256Kb / 7P
   SAW BANDPASS FILTER
2015
ACTFG003-1575.42MLIL-1411 ACT-ACTFG003-1575.42MLIL-1411 Datasheet
256Kb / 7P
   SAW BANDPASS FILTER
2015
More results

Similar Description - ACTFG001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com