Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H25-BB-6R-SB-100-ABZC-15V Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # H25-BB-6R-SB-100-ABZC-15V
Description  E25 Incremental Optical Encoder
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

H25-BB-6R-SB-100-ABZC-15V Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  H25-BB-6R-SB-100-ABZC-15V Datasheet HTML 1Page - List of Unclassifed Manufacturers H25-BB-6R-SB-100-ABZC-15V Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E25 Incremental Optical Encoder
Mechanical Specifications
Coupling Bore: 1/4” and 3/8” nominal, standard
Starting Torque at 25° C: 0.07 in-oz typical
Bearings: Class ABEC 5
Coupling Material: Aluminum with protective finish
Bearing Housing
: Die cast aluminum with protective finish
Cover: Drawn aluminum, 0.060” wall, protective finish standard. Die cast
aluminum with protective finish for EM, SM, ECS and SCS terminations
Bearing Life: 1 X 109 revs (6,700 hrs at 2500 RPM) at rated load
Maximum RPM: 10,000
Weight: 13 oz., typical
Enclosure Rating: NEMA 2 (IP43)
Electrical Specifications
Code: Incremental
Output Format: 2 channels in quadrature, 1/2 cycle index
gated with negative B channel
Cycles Per Shaft Turn: 1 to 28,800 (see table 2)
For resolutions above 3,600 see BEI for interpolation options
Supply Voltage: 5 to 28 VDC available
Current Requirements: 100 mA typical +output load, 250 mA (max)
Voltage/Output: (see note 5)
28V/V: Line Driver, 5–28 VDC in, Vout = Vin
28V/5: Line Driver, 5–28 VDC in, Vout = 5 VDC
28V/OC: Open Collector, 5–28 VDC in, OCout
Protection Level: Reverse, overvoltage and output short circuit (see note 5)
Frequency Response: 100 kHz, up to 800 KHz with interpolation option
(see note 7)
Output Terminations: (See table 1, back)
Note: Consult factory for other electrical options
Environmental Specifications
Temperature: Operating, 0º to 70º C; extended temperature
testing available (see note 8); Storage, -25º to 90º C unless
extended temperature option called out.
Shock: 50 g’s for 11 msec duration
Vibration: 5 to 2000 Hz @ 20 g’s
Humidity: 98% RH without condensation
NOTES & TABLES: All notes and tables referred to in the text can be
found on the back of this page.
E25 Incremental Ordering Options for assistance call 800-350-2727
Use this diagram, working from left to right to construct your model number (example:
e25BB-4H-500-aBZc-28V/V-sM18).
SPECIAL
FEATuRES:
S= Special
features specified
on purchase order
(consult factory)
See note 6
TYPE:
E = Heavy Duty
25 = 2.500” Dia.
CYCLES PER TuRN:
(Enter Cycles)
See Table 2
COMPLEMENTS
C = Complementary
Outputs
Blank = None
See note 4
OuTPuT
TERMINATION:
M16 = MS3102R16S-1P
M18 =MS3102R18-1P
C = Pigtail Cable
CS = Cable with seal
Cable length specified in inches
(i.e. C18 = Pigtail 18” long)
See table 1 & note 8
VOLTAgE/OuTPuT:
15V/V = 5-15 V
in/out 28V/V
= 5-28Vin/out
28V/5 = 5-28Vin
/5V
out
28V/OC = 5-28Vin
/OC
out
See note 5
OuTPuT
TERMINATION
LOCATION:
E = End
S = Side
OPTIONAL FACE MOuNTS
4H = 0.250 I.D., Std
4R = 0.250 I.D., High Performance
6R = 0.375 I.D., High Performance
See note 1
SHAFT SEAL
CONFIguRATION:
SB = Seal Integral with Bearing
Blank = Shielded Bearing
See note 2
NO. OF CHANNELS:
A = Single Channel
AB = Dual Quad. Ch.
ABZ = Dual with Index
AZ = Single with Index
See note 3
E25
HOuSINg CONFIg.
LETTER:
BA, BB, or BC
Installation Note:
To prevent damage,
the coupling must
be operated without
excessive axial com-
pression or extension.
For proper installation,
rotate the coupling on
the mating shaft prior
to tightening the set
screws.
C
The E25 Incremental Encoder is available with the following certifications:
EN 55011 and EN 61000-6-2
Canadian Standards
Class I, Zone 0, Group IIC
U.S. Standards Class I, Group A,B,C & D;
Class II Group E,F & G
CENELEC EEX ia IIC T4
tel: 805-968-0782 /800-350-2727 | fax: 805-968-3154 / 800-960-2726
7230 Hollister ave., Goleta, ca 93117-2807 |
www.beisensors.com
specification no. 02047-001 rev.08-11
The E25 has been designed as a light
duty encoder for applications such as
robotics, precision computer peripher-
als and OEM motors and controls.
It is designed with an integrated
mounting ring and shaft coupling.
the integrated mounting ring and
shaft coupling allow for simplified
installing and a low overall profile
when the unit is mounted on a motor.
These self-contained mounting and coupling
features can result in reduced interface cost.
COuPLINg DATA
STANDARD
COuPLINg
TYPE 4H
HIgH-PERFORMANCE
COuPLINg
TYPE 4R
TYPE 6R
Coupling Bore
.250/.251
.2500/.2505
.3750/.3755
Dimension A1(E25BA only)
.16
.08
.08
Dimension A2 (E25BB & BC)
.10
.02
.02
Axial Motion (Inches Max.)
±.010
±.020
±.030
Parallel Offset(Inches Max.)
.010
.010
.010
Angular Misalignment (Degrees Max.)
2
2
2
Torsional Spring Rate (arc-sec/oz-in)
52
15
21


Similar Part No. - H25-BB-6R-SB-100-ABZC-15V

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
H25 SENSATA-H25 Datasheet
306Kb / 10P
   H25 | ABSOLUTE ENCODER
logo
Gilway Technical Lamp
H250 GILWAY-H250 Datasheet
59Kb / 1P
   Subminiature Krypton Lams with Lens(Clear)-End
logo
Cooper Bussmann, Inc.
H25030-1 COOPER-H25030-1 Datasheet
269Kb / 3P
   FRN-R ??250Vac/125Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
H25030-2 COOPER-H25030-2 Datasheet
269Kb / 3P
   FRN-R ??250Vac/125Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
H25030-3 COOPER-H25030-3 Datasheet
269Kb / 3P
   FRN-R ??250Vac/125Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
More results

Similar Description - H25-BB-6R-SB-100-ABZC-15V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H25D-SS-2000-ABZC ETC2-H25D-SS-2000-ABZC Datasheet
618Kb / 3P
   H25 Incremental Optical Encoder
L25G-F3-SB-2000-ABZC ETC2-L25G-F3-SB-2000-ABZC Datasheet
738Kb / 3P
   L25 Incremental Optical Encoder
H25D-SS-2000-ABZC-28V ETC2-H25D-SS-2000-ABZC-28V Datasheet
598Kb / 2P
   H25 Incremental Optical Encoder
S25F-62-R1-SS-1024 ETC2-S25F-62-R1-SS-1024 Datasheet
1Mb / 2P
   HS25 Incremental Optical Encoder
HS35F-100-R1-SS-2048 ETC2-HS35F-100-R1-SS-2048 Datasheet
1Mb / 3P
   HS35 Incremental Optical Encoder
logo
Agilent(Hewlett-Packard...
HEDS-9040 HP-HEDS-9040 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040-T00 AVAGO-HEDS-9040-T00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9140-E00 AVAGO-HEDS-9140-E00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com