Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRH-4RUO Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SRH-4RUO
Description  MOUNTING HARDWARE SHIPPED UNASSEMBLED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SRH-4RUO Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SRH-4RUO Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
STANDARD TOLERANCE
( UNLESS OTHERWISE SPECIFIED )
A. Wright
B. Oliver
CHECKED:
.XX
± .02
.XXX
± .010
.X
± .1
DECIMALS
DESIGNED:
SRH-4RUO
C
07/17/14
CAD GENERATED DOCUMENT, DO NOT MEASURE DRAWING.
CAGE CODE : 32559
07/17/14
DATE:
1
1
SHEET #
OF
TEL: (949) 951-8808
FAX: (949) 951-3974
4 THOMAS, IRVINE, CA. 92618
4U SUBRACK HANDLE, OVAL
PART NO:
TITLE:
± 1°
ANGULAR
DATE:
®
REVISION:
Engineering Release
REV.
A
07/17/14
DESCRIPTION
DATE
APPROVED
J. C.
NOTES
2. MOUNTING HARDWARE SHIPPED UNASSEMBLED
1. MATERIAL: ALUMINUM
6.280 [159.5mm]
6.55 [166.4mm]
0.63 [15.9mm]
1.37 [34.8mm]
2X 0.27 [6.9mm]
M4x0.7 SCREWS
INCLUDED (X2)
RECOMMENDED MOUNTING PATTERN
6.280 [159.5mm]
0.16 [4.1mm]
M4x0.7 THREAD
Corrected Part Number Typo
B
06/11/15
J. C.
Engineering Update w/o Changes
C
05/21/16
J. C.


Similar Part No. - SRH-4RUO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SRH-4RUR ETC2-SRH-4RUR Datasheet
55Kb / 1P
   MOUNTING HARDWARE SHIPPED UNASSEMBLED
SRH-4RUT ETC2-SRH-4RUT Datasheet
105Kb / 1P
   MOUNTING HARDWARE SHIPPED UNASSEMBLED
More results

Similar Description - SRH-4RUO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SRH-6RUO ETC2-SRH-6RUO Datasheet
55Kb / 1P
   MOUNTING HARDWARE SHIPPED UNASSEMBLED
SRH-2RUO ETC2-SRH-2RUO Datasheet
56Kb / 1P
   MOUNTING HARDWARE SHIPPED UNASSEMBLED
SRH-3RUO ETC2-SRH-3RUO Datasheet
56Kb / 1P
   MOUNTING HARDWARE SHIPPED UNASSEMBLED
SRH-4RUT ETC2-SRH-4RUT Datasheet
105Kb / 1P
   MOUNTING HARDWARE SHIPPED UNASSEMBLED
SRH-6RUR ETC2-SRH-6RUR Datasheet
55Kb / 1P
   MOUNTING HARDWARE SHIPPED UNASSEMBLED
SRH-2RUR ETC2-SRH-2RUR Datasheet
56Kb / 1P
   MOUNTING HARDWARE SHIPPED UNASSEMBLED
SRH-3RUT ETC2-SRH-3RUT Datasheet
60Kb / 1P
   MOUNTING HARDWARE SHIPPED UNASSEMBLED
SRH-6RUT ETC2-SRH-6RUT Datasheet
59Kb / 1P
   MOUNTING HARDWARE SHIPPED UNASSEMBLED
SRH-2RUT ETC2-SRH-2RUT Datasheet
60Kb / 1P
   MOUNTING HARDWARE SHIPPED UNASSEMBLED
SRH-3RUR ETC2-SRH-3RUR Datasheet
55Kb / 1P
   MOUNTING HARDWARE SHIPPED UNASSEMBLED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com