Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG184BP Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part # DG184BP
Description  High-Speed Drivers with Dual DPST JFET Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG184BP Datasheet(HTML) 2 Page - TEMIC Semiconductors

  DG184BP Datasheet HTML 1Page - TEMIC Semiconductors DG184BP Datasheet HTML 2Page - TEMIC Semiconductors DG184BP Datasheet HTML 3Page - TEMIC Semiconductors DG184BP Datasheet HTML 4Page - TEMIC Semiconductors DG184BP Datasheet HTML 5Page - TEMIC Semiconductors DG184BP Datasheet HTML 6Page - TEMIC Semiconductors DG184BP Datasheet HTML 7Page - TEMIC Semiconductors DG184BP Datasheet HTML 8Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DG183/184/185
2
Siliconix
S-52895—Rev. D, 16-Jun-97
Ordering Information
Temp Range
Package
Part Number
–25to 85
_C
16-Pin Sidebraze
DG183BP
–25 to 85
_C
16-Pin Sidebraze
DG184BP
DG183AP/883
16-Pin Sidebraze
DG184AP/883,
JM38510/11103BEA
–55 to 125
_C
DG185AP/883,
JM38510/11104BEA
14-Pin Flat Pack
JM38510/11103BXA
14-Pin Flat Pack
JM38510/11104BXA
Absolute Maximum Ratings
V+ to V–
36 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
V+ to VD
33 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VD to V–
33 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VD to VD
"22 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VL to V–
36 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VL to VIN
8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VL to VR
8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VIN to VR
8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VR to V–
27 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VR to VIN
2 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current (S or D) DG183
200 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current (S or D) DG184, DG185
30 mA
. . . . . . . . . . . . . . . . . . . . . . . . .
Current (All Other Pins)
30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
–65 to 150
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipationa
16-Pin Sidebrazeb
900 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
14-Pin Flat Packc
900 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
All leads welded or soldered to PC Board.
b.
Derate 12 mW/
_C above 75_C
c.
Derate 10 mW/
_C above 75_C
Schematic Diagram (Typical Channel)
Figure 1.
VR
VL
V+
S
IN
D
V–


Similar Part No. - DG184BP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG184BP INTERSIL-DG184BP Datasheet
75Kb / 9P
   High-Speed Drivers with JFET Switch
April 1999
More results

Similar Description - DG184BP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG183 VISHAY-DG183_V01 Datasheet
89Kb / 9P
   High-Speed Drivers and Dual DPST JFET Switches
18-Jul-08
DG183 VISHAY-DG183 Datasheet
82Kb / 8P
   High-Speed Drivers and Dual DPST JFET Switches
Rev. D, 16-Jun-97
DG189 VISHAY-DG189_V01 Datasheet
111Kb / 9P
   High-Speed Drivers with Dual SPDT JFET Switches
18-Jul-08
DG189 VISHAY-DG189 Datasheet
127Kb / 9P
   High-Speed Drivers with Dual SPDT JFET Switches
Rev. D, 20-Jun-05
DG180 VISHAY-DG180 Datasheet
84Kb / 8P
   High-Speed Drivers with Dual SPST JFET Switches
Rev. D, 16-Jun-97
DG180 VISHAY-DG180_V01 Datasheet
91Kb / 9P
   High-Speed Drivers with Dual SPST JFET Switches
18-Jul-08
DG188 VISHAY-DG188 Datasheet
89Kb / 8P
   High-Speed Drivers with SPDT JFET Switches
Rev. E, 16-Jun-97
DG186 VISHAY-DG186_V01 Datasheet
88Kb / 9P
   High-Speed Drivers with SPDT JFET Switches
18-Jul-08
logo
Intersil Corporation
DG181 INTERSIL-DG181 Datasheet
75Kb / 9P
   High-Speed Drivers with JFET Switch
April 1999
DG426 INTERSIL-DG426 Datasheet
213Kb / 4P
   2 CHANNEL DRIVERS WITH SPST AND DPST FET SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com