Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACTF4208 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF4208
Description  Low-loss RF filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF4208 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF4208 Datasheet HTML 1Page - Advanced Crystal Technology ACTF4208 Datasheet HTML 2Page - Advanced Crystal Technology ACTF4208 Datasheet HTML 3Page - Advanced Crystal Technology ACTF4208 Datasheet HTML 4Page - Advanced Crystal Technology ACTF4208 Datasheet HTML 5Page - Advanced Crystal Technology ACTF4208 Datasheet HTML 6Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics
(-40 ~ +85)
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fC
-
422.925
-
MHz
Maximum Insertion Loss in 420.00 ~ 425.85 MHz
IL
-
2.3
3.0
dB
Absolute Attenuation
α
0.30 … 382.50 MHz
55
65
-
dB
382.50 … 410.00 MHz
45
55
-
dB
410.00 … 415.85 MHz
45
55
-
dB
440.00 … 462.50 MHz
40
50
-
dB
462.50 … 782.50 MHz
50
60
--
dB
782.50 … 1500.0 MHz
35
38
--
dB
1500.0 … 2000.0 MHz
15
19
--
dB
Pass Band Ripple
Δα
420.00 ~ 425.85 MHz
0.8
1.2
dB
Group Delay Variation
420.00 ~ 425.85 MHz
70
120
ns
Input VSWR in 420.00 ~ 425.85 MHz
-
1.8:1
2.0:1
Output VSWR in 420.00 ~ 425.85 MHz z
-
1.8:1
2.0:1
Source / Load Impedance (single ended)
50
RoHS Compatible
Electrostatic Sensitive Device
Typical Frequency Response
- 2 -


Similar Part No. - ACTF4208

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF420 ACT-ACTF420 Datasheet
89Kb / 3P
   low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF420/315.0/QCC8C ACT-ACTF420/315.0/QCC8C Datasheet
89Kb / 3P
   low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF4201 ACT-ACTF4201 Datasheet
381Kb / 6P
   RF filter
ACTF4201-415-DCC8 ACT-ACTF4201-415-DCC8 Datasheet
381Kb / 6P
   RF filter
ACTF4201/415/DCC8 ACT-ACTF4201/415/DCC8 Datasheet
381Kb / 6P
   RF filter
More results

Similar Description - ACTF4208

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF9226 ACT-ACTF9226 Datasheet
491Kb / 7P
   Low-loss RF filter
ACTF8092 ACT-ACTF8092 Datasheet
439Kb / 7P
   Low-loss RF filter
ACTF8026 ACT-ACTF8026 Datasheet
308Kb / 2P
   RF low-loss filter
ACTF9194 ACT-ACTF9194 Datasheet
665Kb / 6P
   Low-loss RF filter
ACTF9191 ACT-ACTF9191 Datasheet
503Kb / 5P
   Low-loss RF filter
ACTF8035 ACT-ACTF8035 Datasheet
337Kb / 5P
   Low-loss RF filter
ACTF9205 ACT-ACTF9205 Datasheet
659Kb / 6P
   Low-loss RF filter
ACTF9188 ACT-ACTF9188 Datasheet
696Kb / 6P
   Low-loss RF filter
ACTF9402 ACT-ACTF9402 Datasheet
372Kb / 6P
   Low-loss RF filter
ACTF9389 ACT-ACTF9389 Datasheet
312Kb / 5P
   Low-loss RF filter
ACTF9228 ACT-ACTF9228 Datasheet
240Kb / 6P
   Low-loss RF filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com