Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBC180-1T24L Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # MBC180-1T24L
Description  4 x 2 x 0.75 Inches Form factor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MBC180-1T24L Datasheet(HTML) 1 Page - Bel Fuse Inc.

  MBC180-1T24L Datasheet HTML 1Page - Bel Fuse Inc. MBC180-1T24L Datasheet HTML 2Page - Bel Fuse Inc. MBC180-1T24L Datasheet HTML 3Page - Bel Fuse Inc. MBC180-1T24L Datasheet HTML 4Page - Bel Fuse Inc. MBC180-1T24L Datasheet HTML 5Page - Bel Fuse Inc. MBC180-1T24L Datasheet HTML 6Page - Bel Fuse Inc. MBC180-1T24L Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The MBC180 Series of ultra low open frame medical power supplies
feature a wide universal AC input range of 85 V – 264 VAC, offering
output power 180 W with 13 CFM of forced air cooling or up to 120 W
with natural convection cooling. They are available in a variety of
isolated single output voltages.
The MBC series was designed to 3rd edition medical approvals and
provides 2x MOPP (Means of Patient Protection) isolation for Class I
and Class II installations.
These power supplies are ideal for medical, telecom, datacom,
industrial equipment and other applications.
4 x 2 x 0.75 Inches Form factor
180 Watts with Forced Air Cooling
Approval to EN60601 3rd Edition
Efficiencies up to 92%
-40 to 70°C degree operating temperature
12 V / 0.5 A Fan Output, Thermal Shut-Down feature
3.37 million Hours, Telcordia -SR332-issue 3 MTBF
Standby Power < 0.5 W
Medical (BF) Safety Approvals
Diagnostic
Drug Pump
Monitoring
Dialysis
Home Health Care
Portable Equipment


Similar Part No. - MBC180-1T24L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MBC180-1T24L BEL-MBC180-1T24L Datasheet
896Kb / 7P
   4 x 2 x 0.75 Inches Form factor
More results

Similar Description - MBC180-1T24L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MBC180 BEL-MBC180 Datasheet
896Kb / 7P
   4 x 2 x 0.75 Inches Form factor
ABC180-1T12L BEL-ABC180-1T12L Datasheet
1Mb / 7P
   4 x 2 x 0.75 Inches Form factor
MBC275 BEL-MBC275 Datasheet
1Mb / 7P
   5 x 3 x 0.75 Inches Form factor
ABC275-1T12L BEL-ABC275-1T12L Datasheet
1Mb / 7P
   5 x 3 x 0.75 Inches form factor
ABC275 BEL-ABC275 Datasheet
506Kb / 5P
   5 x 3 x 0.75 Inches form factor
MBC275-1T12L BEL-MBC275-1T12L Datasheet
1Mb / 7P
   5 x 3 x 0.75 Inches Form factor
ABC275 BEL-ABC275_V01 Datasheet
722Kb / 7P
   5 x 3 x 0.75 Inch Form Factor
MBC150 BEL-MBC150 Datasheet
730Kb / 6P
   4 x 2 x 1.3 Inch Form Factor
ABC40 BEL-ABC40_V01 Datasheet
547Kb / 6P
   4 x 2 x 1.2 Inch Form Factor
ABC180 BEL-ABC180_V01 Datasheet
630Kb / 7P
   4 x 2 x 0.75 Inch Form Factor 180 Watts with Forced Air Cooling
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com