Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H40A-4000-ABC-15V Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # H40A-4000-ABC-15V
Description  H40 Shock Proof Optical Encoder
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

H40A-4000-ABC-15V Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  H40A-4000-ABC-15V Datasheet HTML 1Page - List of Unclassifed Manufacturers H40A-4000-ABC-15V Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tel: 805-968-0782 /800-350-2727 | Fax: 805-968-3154 / 800-960-2726 | 7230 Hollister Ave., Goleta, CA 93117-2807
www.beisensors.com
H40 Shock Proof Optical Encoder
Dimensions
Tables
Figure 1
Notes
1, 2, 3, 5, 6, 7, 8, 10, 13, 16, 20, 24, 25, 26, 30, 32, 33, 34, 36,
37, 40, 45, 48, 50, 51, 56*, 60, 64, 66, 72, 75, 80, 86, 88, 90,
100, 102, 120, 122,125, 127, 128, 132, 144, 148, 150, 158,
160, 175, 176, 180, 187, 192, 200, 202, 204*, 217, 220, 240,
250, 254, 255, 256, 264*, 274, 280, 283, 288, 292, 300, 312,
320, 321, 325, 360, 366, 372, 375, 377, 380, 381, 384, 385,
393, 400, 430, 432, 450, 462, 480, 490, 500, 502, 508, 512,
522, 530, 550, 560*, 576, 598, 600, 604, 625, 628, 635, 638,
640, 660, 672, 676, 680, 687, 690, 700, 720, 725, 735, 740, 744,
748, 750, 762, 768, 780, 785, 800, 812, 825, 850, 864, 878, 888,
900, 912, 914, 938, 942, 955, 960, 1000, 1016, 1024, 1030,
1035, 1036, 1040, 1054, 1056, 1074, 1076, 1080,1088, 1100,
1101, 1125, 1136, 1200, 1237, 1250, 1257, 1270, 1280, 1300,
1314, 1332, 1333, 1390, 1400, 1414, 1427, 1440, 1484,
1500, 1562, 1570, 1596, 1600, 1650, 1666, 1718, 1745,
1774, 1800, 1840*, 1850, 1855, 1875, 1894, 1920, 1952,
1968, 1979, 1995, 2000, 2048, 2080, 2094, 2100, 2160,
2164, 2199, 2200, 2250, 2356, 2400, 2485, 2500, 2514,
2519, 2540, 3000, 3125, 3600, 4000, 4096, 5000
*AB or ABC output only. NOTE: Resolutions up to 72,000 are available.
4.06
4.00
2.56
1/4-20 UNC-2B
0.50 DEEP (4) ON
A 3.0 DIA B.C.
2.03
9.36
2.1
2.39
4.00
1.30
4.75
3.56
DIA
1.56
0.75
0.6248
0.6244
DIA
0.59
2.45
2.146
± 0.005
COUPLING ACCESS PORT
1/2 - NPSF (DRYSEAL) STRAIGHT PIPE THREADS
NOTE: THIS WIRING PORT WILL BE SEALED WITH A PIPE
PLUG IF THE EM OR EC OPTION IS SPECIFIED
.281 DIA (4)
1/4-20 UNC-2B
0.50 DEEP (4) ON
A Ø 3.0 B.C.
Ø 0.6248
0.6244
Ø .281 (4)
Ø 3.56
Ø
4.5
1/4-20 UNC-2B
0.50 DEEP (4) ON
A Ø 3.0 B.C.
Ø 0.6248
0.6244
Ø .281 (4)
Ø 3.56
Ø
4.5
1/4-20 UNC-2B
0.50 DEEP (4) ON
A Ø 3.0 B.C.
Ø 0.6248
0.6244
Ø .281 (4)
Ø 3.56
Ø
4.5
1/4-20 UNC-2B
0.50 DEEP (4) ON
A Ø 3.0 B.C.
Ø 0.6248
0.6244
Ø .281 (4)
Ø 3.56
Ø
4.5
H40B
Field Replaceable Coupling
& Bearing Assembly
Rear View
H40A
SPEED (RPM)
Bearing Life vs. Speed at Various Radial Loads
Incremental
8-Bit Absolute*
Latch and Interrogate are optional
*or SELECT on Dual Count
encoders
GRAY
NATURAL
TERMINAL
CODE
BINARY
NUMBER
G0
20
1
G1
21
2
G2
22
3
G3
23
4
G4
24
5
G5
25
6
G6
26
7
G7
27
8
SPARE
9
SPARE
10
LATCH
11
INTERROGATE
12
SPARE
13
+VDC
14
0V (COMMON)
15
CASE GROUND
16
TERMINAL
FUNCTION
A
CHANNEL A
B
B
Z
Z
V
+VDC
G
GROUND (0V)
CG
CASE GROUND
A
A
B
B
Z
Z
S
SPARE*
Output Functions
Table 1
Incremental Output Terminations
Disc Resolutions for Incremental Encoder Model H40
Table 2
Table 3
1. Mounting is usually done either using the D-style square flange mount, E- or
G-style servo mounts, or one of the standard face mounts, F1 for example. Consult
factory for additional face mount options.
2.The shaft seal is recommended in virtually all installations. The most common excep-
tions are applications requiring a very low starting torque or those requiring operation at
both high temperature and high speed.
3. Non-standard index widths and multiple indices are available by special order.
Consult factory.
4. Complementary outputs are recommended for use with line driver type (source/
sink) outputs. When used with differential receivers, this combination provides a high
degree of noise immunity.
5. Output IC’s: Output IC’s are available as either Line Driver (LD) or NPN Open Collector
(OC) types. Open Collectors require pull-up resistors, resulting in higher output source
impedance (sink impedance is similar to that of line drivers). In general, use of a Line
Driver style output is recommended. Line Drivers source or sink current and their lower
impedance mean better noise immunity and faster switching times.
Warning: Do not
connect any line driver outputs directly to circuit common/OV, which may damage the
driver. Unused outputs should be isolated and left floating. Our applications specialists
would be pleased to discuss your system requirements and the compatibility of your
receiving electronics with Line Driver type outputs.
28V/V: Multi-voltage Line Driver (7272*): 100 mA source/sink. Input voltage 5 to 28 VDC
+/- 5% standard (Note: Vout = Vin). This driver is TTL compatible when used with 5 volt
supply. Supply lines are protected against overvoltage to 60 volts and reverse voltage.
Outputs are short circuit protected for one minute. Supply current is 120 mA typical (plus
load current). This is the recommended replacement for 3904R and 7406R open collector
outputs with internal pullup resistors. It is also a direct replacement for any 4469, 88C30,
8830 or 26LS31 line driver
28V/5: Multi-voltage Line Driver (7272*): 100 mA source/sink. Input voltage 5 to 28 VDC
+/- 5% standard, internally regulated with 5V (TTL compatible) logic out. Supply lines are
protected against overvoltage to 60 volts and reverse voltage. Outputs are short circuit
protected for one minute. Supply current is 90 mA typical (plus load current).
15V/V: Multi-voltage Line Driver (4469*): 100 mA source/sink. Input voltage 5 to 15
VDC +/- 5% standard (Note: Vout = Vin). TTL compatible when used with 5 volt supply.
Supply lines are protected against overvoltage to 60 volts and reverse voltage. Outputs
are short circuit protected for one minute. Supply current is 90 mA typical (plus load cur-
rent). This is a direct replacement for the 4469 Line Driver.
28V/OC: NPN Open Collector (3904*, 7273*). Current sink of 80 mA max. Current
sourced by external pull- up resistor. Output can be pulled up to voltage other than supply
voltage (30 V max). Input voltage 5 to 28 VDC +/- 5% standard. Supply current is 120 mA
typical. This replaces prior IC’s with designations of 3904, 7406, 3302, 681 and 689.
5V/OCR, 15V/OCR, 24V/OCR: Open Collector (3904R*, 7406R*, 7273R*): Current sink of
70 mA max. Includes internal pull-ups sized at approximately 100 ohms/volt. Max current
source is 10 mA. Supply current is 100 mA typical, 120 mA with internal pull-ups. The 5V/
OCR, 15V/OCR and 24V/OCR are often replaced by the 28V/V in system upgrades.
3904, 3904R, 4469, 5V/V, 5V/OC, 5V/OCR, 9V/OC: Intrinsically safe line driver and open
collector outputs. These drivers are specific to intrinsically safe encoders, and are installed per the
appropriate control drawings listed in Table 2.1 on page 48 of the 2008 BEI Specifying Guide.
6. Special –S at the end of the model number is used to define a variety of non-standard
features such as special shaft lengths, voltage options, or special testing. Please consult
the factory to discuss your special requirements.
7. Higher frequency response may be available. Please consult with the factory.
8. Extended temperature ratings are available in the following ranges:
-40 to 70°C, -40 to 85°C, –20 to 105°C and –40 to 105°C depending on the particular
model. Some models can operate down to
-55°C. Extended temperature ranges can affect other performance factors. Consult with
factory for more specific information.
9. Mating straight plug receptacles may be ordered from the factory:
For M12 use MS3116F12-10S, For M14 use MS3106F14S-6S
For M14/19 use MS3116J14-19S, For M16 use MS3106F16S-1S
For M18 use MS3106F18-1S, For M20 use MS3106F20-29S
* Products manufactured prior to April 2007 used the line driver IC number instead of voltage output in model number.
M16
CONNECTOR
CHANNELS DESIGNATED
IN MODEL NUMBER
PIN
ABZ
ABC
A
A
A
B
B
B
C
Z
A
D
+V(SUPPLY VOLTAGE)
E
B
F
OV (CIRCUIT COMMON)
G
CASE GROUND (CG)
M18 CONNECTOR
PIN
CHANNEL
A
CHANNEL A
B
B
C
Z
D
+VDC
F
GROUND (OV)
G CASE GROUND
H
A
I
B
J
Z


Similar Part No. - H40A-4000-ABC-15V

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
H40 SENSATA-H40 Datasheet
329Kb / 7P
   EXTRA HEAVY DUTY ENCODER
logo
Baumer IVO GmbH & Co. K...
H400 IVO-H400 Datasheet
508Kb / 4P
   Totalizers mechanic
H400.010A02A IVO-H400.010A02A Datasheet
508Kb / 4P
   Totalizers mechanic
H400.010A02B IVO-H400.010A02B Datasheet
508Kb / 4P
   Totalizers mechanic
H400.010A03C IVO-H400.010A03C Datasheet
508Kb / 4P
   Totalizers mechanic
More results

Similar Description - H40A-4000-ABC-15V

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1212598 PHOENIX-1212598 Datasheet
45Kb / 2P
   Shock-proof, dust-proof, and splash-proof housing, IP65
logo
C&K Components
ENC CK-COMPONENTS-ENC Datasheet
398Kb / 4P
   Optical Encoder
13 Sep 22
logo
Lin Eng. Inc.
E8T LINENGINEERING-E8T Datasheet
453Kb / 4P
   OPTICAL ENCODER
E4T LINENGINEERING-E4T Datasheet
365Kb / 5P
   OPTICAL ENCODER
logo
Bourns Electronic Solut...
ENC1J-D28-L00128L BOURNS-ENC1J-D28-L00128L Datasheet
252Kb / 3P
   Rotary Optical Encoder
logo
Nippon Precision Circui...
SMD-01 NPC-SMD-01 Datasheet
259Kb / 10P
   Optical Encoder Head
logo
Bourns Electronic Solut...
ENC1J-D28-L00128L BOURNS-ENC1J-D28-L00128L_12 Datasheet
274Kb / 3P
   Rotary Optical Encoder
logo
Nippon Precision Circui...
SM5906AF NPC-SM5906AF Datasheet
231Kb / 30P
   Shock-proof Memory Controller for Video CD Players
logo
CUI INC
C14 CUI-C14_10 Datasheet
412Kb / 5P
   panel mount optical encoder
logo
List of Unclassifed Man...
L25G-F3-SB-2000-ABZC ETC2-L25G-F3-SB-2000-ABZC Datasheet
738Kb / 3P
   L25 Incremental Optical Encoder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com