Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASPIAIG-S8050-470 Datasheet(PDF) 6 Page - Abracon Corporation

Part # ASPIAIG-S8050-470
Description  COMPACT SHIELDED SMD POWER INDUCTOR FOR AUTOMOTIVE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPIAIG-S8050-470 Datasheet(HTML) 6 Page - Abracon Corporation

  ASPIAIG-S8050-470 Datasheet HTML 1Page - Abracon Corporation ASPIAIG-S8050-470 Datasheet HTML 2Page - Abracon Corporation ASPIAIG-S8050-470 Datasheet HTML 3Page - Abracon Corporation ASPIAIG-S8050-470 Datasheet HTML 4Page - Abracon Corporation ASPIAIG-S8050-470 Datasheet HTML 5Page - Abracon Corporation ASPIAIG-S8050-470 Datasheet HTML 6Page - Abracon Corporation ASPIAIG-S8050-470 Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LLC
ABRACON IS
ISO9001-2008
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 12.21.2016
COMPACT SHIELDED SMD POWER INDUCTOR
FOR AUTOMOTIVE
ASPIAIG-SXXXX SERIES
MSL = 1
Pb RoHS/RoHS II Compliant
ASPIAIG-S6055: 6.0 x 6.0 x 5.5 mm
ASPIAIG-S8050: 8.0 x 8.0 x 5.0 mm
PACKAGING
TAPE AND REEL: 800 PCS/REEL (S6055)
TAPE AND REEL: 900 PCS/REEL (S8050)
SERIES#
W
E
F
P0
P1
P2
D0
A0
B0
T
K0
ASPIAIG-S6055 16.0±0.3
1.75±0.1
7.5±0.1
4.0±0.1
8.0±0.1
2.0±0.1
1.5+0.1/-0.0
6.3±0.1
6.3±0.1 0.50±0.05 5.7±0.1
ASPIAIG-S8050 16.0±0.3
1.75±0.1
7.5±0.1
4.0±0.1
12.0±0.1
2.0±0.1
1.5+0.1/-0.0
8.3±0.1
8.3±0.1 0.50±0.05 5.2±0.1
D1
100 ± 0.5
D2
330 ± 0.1
W1
16.4 +0.2 / -0.0
W2
22.4 MAX
K
10.75 ± 0.2
M
2.3 ± 0.2
N
13.0 +0.2 / -0.0
PACKAGING: DIRECTION OF ROLLING


Similar Part No. - ASPIAIG-S8050-470

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPIAIG-H6530-100 ABRACON-ASPIAIG-H6530-100 Datasheet
1Mb / 6P
   COMPACT SHIELDED SMD POWER INDUCTOR FOR AUTOMOTIVE
12.21.2016
ASPIAIG-H6530-150 ABRACON-ASPIAIG-H6530-150 Datasheet
1Mb / 6P
   COMPACT SHIELDED SMD POWER INDUCTOR FOR AUTOMOTIVE
12.21.2016
ASPIAIG-H6530-1R0 ABRACON-ASPIAIG-H6530-1R0 Datasheet
1Mb / 6P
   COMPACT SHIELDED SMD POWER INDUCTOR FOR AUTOMOTIVE
12.21.2016
ASPIAIG-H6530-1R5 ABRACON-ASPIAIG-H6530-1R5 Datasheet
1Mb / 6P
   COMPACT SHIELDED SMD POWER INDUCTOR FOR AUTOMOTIVE
12.21.2016
ASPIAIG-H6530-220 ABRACON-ASPIAIG-H6530-220 Datasheet
1Mb / 6P
   COMPACT SHIELDED SMD POWER INDUCTOR FOR AUTOMOTIVE
12.21.2016
More results

Similar Description - ASPIAIG-S8050-470

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPIAIG-HXXXX ABRACON-ASPIAIG-HXXXX Datasheet
1Mb / 6P
   COMPACT SHIELDED SMD POWER INDUCTOR FOR AUTOMOTIVE
12.21.2016
logo
XFMRS Inc.
XFCSPL3 XFMRS-XFCSPL3 Datasheet
543Kb / 2P
   Compact Shielded Power Inductor
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com