Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABMJB-902 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABMJB-902
Description  Low Power MEMS Jitter Attenuator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABMJB-902 Datasheet(HTML) 1 Page - Abracon Corporation

  ABMJB-902 Datasheet HTML 1Page - Abracon Corporation ABMJB-902 Datasheet HTML 2Page - Abracon Corporation ABMJB-902 Datasheet HTML 3Page - Abracon Corporation ABMJB-902 Datasheet HTML 4Page - Abracon Corporation ABMJB-902 Datasheet HTML 5Page - Abracon Corporation ABMJB-902 Datasheet HTML 6Page - Abracon Corporation ABMJB-902 Datasheet HTML 7Page - Abracon Corporation ABMJB-902 Datasheet HTML 8Page - Abracon Corporation ABMJB-902 Datasheet HTML 9Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ABMJB-902
Low Power MEMS Jitter Attenuator
2.9 x 2.8 x 1.45 mm SOT23-6L
Moisture Sensitivity Level: MSL=1
Pb RoHS/RoHS II Compliant
ESD Sensitive
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
• Low power and miniature package programmable jitter attenuator
• Input/output frequency up to 200MHz
• I/O pins can be configured as output enable (OE), frequency switching (CSEL),
power down (PDB) input, or CLK1 (2) output.
• <10μA current consumption with PDB active
• Operating temperature range from -40˚C to +85˚C
• 6-pin SOT23 RoHS-compliant packages
• Related devices:
- ABMJB-903: Single-ended input, differential output, and phase noise cleaning
FEATURES:
APPLICATIONS:
• IEEE1588 GPIO clock cleanup
• FPGA-generated clock cleanup
• 1/10/40/100 Gigabit Ethernet (GbE)
• SONET/SDH
• PCI-Express
• CPRI/OBSAI wireless base stations
• Fibre Channel
• SAS/SATA
• DIMM
STANDARD SPECIFICATIONS:
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 03.09.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
Absolute Maximum Ratings (1)
Parameters
Min.
Typ.
Max.
Units
Notes
Supply Voltage (VDD)
+4.6
V
Input Voltage (VIN)
-0.5
VDD +0.5
V
s
0
2
,
g
n
ir
e
d
l
o
S
C
º
0
6
2
+
e
r
u
t
a
r
e
p
m
e
T
d
a
e
L
C
º
5
1
1
+
e
r
u
t
a
r
e
p
m
e
T
e
s
a
C
Storage Temperature (TS)
-65
+150
ºC
Operation Ratings (2)
Parameters
Min.
Typ.
Max.
Units
Notes
Supply Voltage (VDD)
+2.25
+3.63
V
Junction Thermal Resistance ( JA)
195
ºC/W SOT23, Still-Air
Ambient Temperature (TA)
-40
+85
ºC
DC Electrical Characteristics
VDD = 3.3V±10% or 2.5V±10%; CL = 15pF; TA = 25°C
Parameters
Min.
Typ.
Max.
Units
Notes
Supply Current, dynamic (IDD)
12
18
mA
VDD = 3.3V, 30MHz, Load = 15pF
<10
µA
When PDB = 0
Operating Voltage (VDD)
+2.25
+3.63
V
Power Supply Ramp (tPU)
0.001
100
ms
Time for VDD to reach 90% VDD. Power
ramp must be monotonic.
Output Current, low drive (IOLD)
4
mA
VOL = 0.4V, VOH = VDD - 0.9V, VDD =
3.3V
Output Current, standard drive (IOSD)
8
mA
Output Current, high drive (IOHD)
16
mA
Notes:
1. Exceeding the absolute maximum ratings may damage the device.
2. The device is not guaranteed to function outside tis operating ratings.


Similar Part No. - ABMJB-902

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABMJB-903 ABRACON-ABMJB-903 Datasheet
1Mb / 13P
   High Performance MEMS Jitter Attenuator
03.26.15
More results

Similar Description - ABMJB-902

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABMJB-903 ABRACON-ABMJB-903 Datasheet
1Mb / 13P
   High Performance MEMS Jitter Attenuator
03.26.15
logo
Vectron International, ...
FX-703 VECTRON-FX-703 Datasheet
693Kb / 10P
   Low Jitter VCSO Frequency Translator Jitter Attenuator
logo
Renesas Technology Corp
ICS874003D-02 RENESAS-ICS874003D-02 Datasheet
574Kb / 16P
   Jitter Attenuator
2019
logo
M/A-COM Technology Solu...
28326-BRF-001-A MA-COM-28326-BRF-001-A_15 Datasheet
109Kb / 2P
   Digital Jitter-Attenuator
28324-BRF-001-A MA-COM-28324-BRF-001-A_15 Datasheet
109Kb / 2P
   Digital Jitter-Attenuator
28320-BRF-001-A MA-COM-28320-BRF-001-A_15 Datasheet
109Kb / 2P
   Digital Jitter-Attenuator
logo
Pericom Semiconductor C...
PI6CX201ALE PERICOM-PI6CX201ALE Datasheet
627Kb / 5P
   25MHz Jitter Attenuator
logo
List of Unclassifed Man...
CS61600 ETC1-CS61600 Datasheet
149Kb / 14P
   PCM JITTER ATTENUATOR
logo
OPLINK Communications I...
UVOA OPLINK-UVOA Datasheet
126Kb / 2P
   MEMS Variable Optical Attenuator
UVOA-S0175 OPLINK-UVOA-S0175 Datasheet
126Kb / 2P
   MEMS Variable Optical Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com