Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60001-011 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 60001-011
Description  The optical isolator can accommodate standard operating voltages from 5 to 28 VDC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

60001-011 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  60001-011 Datasheet HTML 1Page - List of Unclassifed Manufacturers 60001-011 Datasheet HTML 2Page - List of Unclassifed Manufacturers 60001-011 Datasheet HTML 3Page - List of Unclassifed Manufacturers 60001-011 Datasheet HTML 4Page - List of Unclassifed Manufacturers 60001-011 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Tel: 805-968-0782/800-350-2727 | Fax: 805-968-3154/ 800-960-2726 | 7230 Hollister Ave, Goleta, CA
93117-2807| www.beisensors.com
Specification No. 02125-001 Rev 0713
Differential Line Driver
Encoder signals from 5 VDC to 24 VDC (must specify the voltage when ordering)
This is the preferred type of encoder output as it has the best noise immunity. Connect each encoder signal to its like optical isolator
input (A to A, A/ to A/, etc).
Single Ended Line Driver
Encoder signal from 5 VDC to 24 VDC (must specify the voltage when ordering)
Connect encoder output A to optical isolator module input channel A, B to B and Z to Z. Connect the A/, B/, and Z/ inputs of the optical
isolator to circuit common of the encoder supply. Single ended operation is limited to shorter cable runs and is more susceptible to noise.
CONNECTION INSTRUCTIONS #1
Z
Z/
No Connection
No Connection
ENCODER
B/
B
A/
A
CONTROLLER
A
A/
B
B/
Z
Z/
Vs, 5V to 28V
0V, Power Common
A
A
A/
A/
B
B
B/
B/
Z
Z
Z/
Z/
+V
0V
A
A/
B
B/
Z/
Z
+V
0V
REG
VS
0V
Optical Isolator
Encoder Differential Line Driver Output
Figure 1
Standard Connection to
Optical Isolator Module
CONNECTION INSTRUCTIONS #2
A
A
A/
B
B
B/
Z
Z
Z/
+V
0V
A
A/
B
B/
Z/
Z
+V
0V
REG
VS
0V
Optical Isolator
Encoder Single Ended Line Driver Output
Figure 2
Connection Diagram
Single Ended Line Driver
Encoder
Supply
Z
No Connection
Connect A/, B/, Z/ to
Encoder Circuit
Common
ENCODER
B
A
CONTROLLER
A
A/
B
B/
Z
Z/
Vs, 5V to 28V
0V, Power Common
No Connection


Similar Part No. - 60001-011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6000 ETC2-6000 Datasheet
158Kb / 1P
   THE BREAD BOARDING MEDIUM FOR SURFACE MOUNT
6000 ETC2-6000 Datasheet
99Kb / 1P
   TEST TIPS AND PLUGS
6000 ETC2-6000 Datasheet
373Kb / 1P
   PLUGS AND JACKS
logo
Keysight Technologies
6000 KEYSIGHT-6000 Datasheet
2Mb / 41P
   InfiniiVision 6000 X-Series Oscilloscopes
logo
Tyco Electronics
6000 MACOM-6000 Datasheet
266Kb / 5P
   Pushbutton Switches, 30mm, Round or Mushroom Buttons
More results

Similar Description - 60001-011

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LPM126-OUTA1-05 BEL-LPM126-OUTA1-05 Datasheet
2Mb / 16P
   Standard output voltages of 1.5 to 54 VDC
logo
Advantech Co., Ltd.
ULI-238TS ADVANTECH-ULI-238TS Datasheet
419Kb / 1P
   CAN (Control Area Network) Optical Isolator
18-Jan-2022
logo
Guangdong Youtai Semico...
70XX UMW-70XX Datasheet
3Mb / 8P
   This series of detectors can detect fixed voltages from 2.2V to 7V.
Ver 2.0
logo
XP Power Limited
VCP24US05 XPPOWER-VCP24US05 Datasheet
422Kb / 2P
   Low Cost, Output Voltages from 5 to 24 V, PCB Mount
logo
OPLINK Communications I...
MINI-OISA OPLINK-MINI-OISA Datasheet
275Kb / 2P
   Optical Isolator
logo
Suntan Capacitors
BZX55C SUNTAN-BZX55C Datasheet
116Kb / 4P
   The Zener voltages are graded according to the
logo
Pasternack Enterprises,...
PE8319 PASTERNACK-PE8319 Datasheet
214Kb / 3P
   50 Ohm 2.92mm Isolator Operating From 27 GHz to 31 GHz And 5 Watts With 20 dB Isolation
PE8320 PASTERNACK-PE8320 Datasheet
214Kb / 3P
   50 Ohm 2.92mm Isolator Operating From 26.5 GHz to 40 GHz And 5 Watts With 14 dB Isolation
logo
SL Power Electronics
SC-100 SLPOWER-SC-100 Datasheet
89Kb / 2P
   Output voltages from 3.3 V to 48 V
logo
XP Power Limited
AEH XPPOWER-AEH Datasheet
617Kb / 5P
   Output Voltages from 2.5 V to 48 V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com