Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145073DW Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC145073DW
Description  Dual 16-Bit Stereo Audio Sigma-Delta ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145073DW Datasheet(HTML) 2 Page - Motorola, Inc

  MC145073DW Datasheet HTML 1Page - Motorola, Inc MC145073DW Datasheet HTML 2Page - Motorola, Inc MC145073DW Datasheet HTML 3Page - Motorola, Inc MC145073DW Datasheet HTML 4Page - Motorola, Inc MC145073DW Datasheet HTML 5Page - Motorola, Inc MC145073DW Datasheet HTML 6Page - Motorola, Inc MC145073DW Datasheet HTML 7Page - Motorola, Inc MC145073DW Datasheet HTML 8Page - Motorola, Inc MC145073DW Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MC145073
MOTOROLA
2
MAXIMUM RATINGS* (Voltages referenced to VSS, unless otherwise stated)
Symbol
Parameter
Value
Unit
VDD(A)
Analog Supply Voltage
6.0
V
VDD(D)
Digital Supply Voltage
6.0
V
Iin
DC Input Current, per Pin
± 20
mA
Vin(A)
Analog Input Voltage
VSS(A) – 0.3 to
VDD(A) + 0.3
V
Vin(D)
Digital Inputs
– 0.3 to VDD(D) + 0.3
V
Tstg
Storage Temperature
– 65 to 150
°C
Tl
Lead Temperature 1 mm From Case for
10 Seconds
260
°C
* Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Operation Ranges, Analog Specifications,
AC Electrical Characteristics, and DC Electrical Characteristics tables.
OPERATION RANGES
Symbol
Parameter
Min
Max
Unit
Note
VDD(A)
Analog Supply Voltage
4.5
5.5
V
VDD(D)
Digital Supply Voltage
4.5
5.5
V
Vin(A)
Analog Input Voltage (AIN(+L), AIN(–L), AIN(+R), AIN(–R))
1.9
V p–p
1
fCLK
CLK Frequency
3.072
18.432
MHz
2
CLOAD
Capacitive Load on Any Output
0
50
pF
Ta
Ambient Operating Temperature
– 40
85
°C
NOTES:
1. Differential inputs greater than 3.8 V p–p will overload the modulators. These voltages are subject to the gain error tolerance specifications
in the Analog Specifications table.
2. The internal clock frequency or input sampling frequency is governed by the divide mode and output data rate. The divide mode can be either
1, 2, or 3. The output data rate ranges from 24 kHz to 48 kHz. The minimum clock frequency of 3.072 MHz is for a 24 kHz output rate in the
clock divide by 1 mode. The maximum clock frequency of 18.432 MHz is for a 48 kHz output rate in the clock divide by 3 mode.
DC ELECTRICAL SPECIFICATIONS
(Voltages referenced to VSS(D); Full Temperature and Voltage Ranges per Operation Ranges Table, unless otherwise indicated.)
Symbol
Parameter
Min
Max
Unit
VIH
Minimum High–Level Digital Input Voltage
0.7 x VDD(D)
V
VIL
Maximum Low–Level Digital Input Voltage
0.3 x VDD(D)
V
IIN
Maximum Input Leakage Current
10
µA
VOH
Minimum High–Level Digital Output Voltage (IOH = – 20 µA)
4.4
V
VOL
Maximum Low–Level Digital Output Voltage (IOL = 20 µA)
0.1
V
IDDu(D)
Maximum Digital Power Supply Current, Operating
45
mA
IDDd(D)
Maximum Digital Power Supply Current, Power–Down
250
µA
IDDu(A)
Maximum Analog Power Supply Current, Operating
10
mA
IDDd(A)
Maximum Analog Power Supply Current, Power–Down
150
µA
PO
Power Consumption, Operating
250
mW
Ppd
Power Consumption, Power–Down
2.0
mW
Cin
Maximum Input Capacitance
20
pF
This device contains protection circuitry to
guard against damage due to high static volt-
ages or electric fields. However, precautions
must be taken to avoid applications of any volt-
age higher than maximum rated voltages to this
high–impedance circuit.


Similar Part No. - MC145073DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145074 MOTOROLA-MC145074 Datasheet
183Kb / 14P
   Stero Audio Sigma-Delta Digital-to-Analog Converter
MC145074D MOTOROLA-MC145074D Datasheet
183Kb / 14P
   Stero Audio Sigma-Delta Digital-to-Analog Converter
MC145076 MOTOROLA-MC145076 Datasheet
124Kb / 8P
   MC 145076 Stereo Audio FIR Smoothing Filter
MC145076D MOTOROLA-MC145076D Datasheet
124Kb / 8P
   MC 145076 Stereo Audio FIR Smoothing Filter
More results

Similar Description - MC145073DW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
logo
New Japan Radio
NJU3610 NJRC-NJU3610 Datasheet
269Kb / 14P
   1bit Delta-Sigma Stereo ADC
logo
Analog Devices
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1180 CHIPSEA-CS1180 Datasheet
757Kb / 30P
   20-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com