Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC144112 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC144112
Description  Quad Six-Bit Digital-to-Analog Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC144112 Datasheet(HTML) 6 Page - Motorola, Inc

  MC144112 Datasheet HTML 1Page - Motorola, Inc MC144112 Datasheet HTML 2Page - Motorola, Inc MC144112 Datasheet HTML 3Page - Motorola, Inc MC144112 Datasheet HTML 4Page - Motorola, Inc MC144112 Datasheet HTML 5Page - Motorola, Inc MC144112 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MC144112
MOTOROLA
6
PACKAGE DIMENSIONS
D SUFFIX
SOG (SMALL OUTLINE GULL–WING) PACKAGE
CASE 751A–03
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
J
K
M
P
R
8.55
3.80
1.35
0.35
0.40
0.19
0.10
0
°
5.80
0.25
8.75
4.00
1.75
0.49
1.25
0.25
0.25
7
°
6.20
0.50
0.337
0.150
0.054
0.014
0.016
0.008
0.004
0
°
0.299
0.010
0.344
0.157
0.068
0.019
0.049
0.009
0.009
7
°
0.244
0.019
1.27 BSC
0.050 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
-A-
-B-
P
G
C
K
SEATING
PLANE
D 14 PL
M
J
7 PL
R X 45
°
1
7
8
14
0.25 (0.010)
T
B
A
M
S
S
B
0.25 (0.010) M
M
F
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
Mfax is a trademark of Motorola, Inc.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 141,
P.O. Box 5405, Denver, Colorado 80217. 1–303–675–2140 or 1–800–441–2447
4–32–1 Nishi–Gotanda, Shagawa–ku, Tokyo, Japan. 03–5487–8488
Mfax
™: RMFAX0@email.sps.mot.com – TOUCHTONE 1–602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
Motorola Fax Back System
– US & Canada ONLY 1–800–774–1848
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
– http://sps.motorola.com/mfax/
HOME PAGE: http://motorola.com/sps/
CUSTOMER FOCUS CENTER: 1–800–521–6274
MC144112/D


Similar Part No. - MC144112

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14411 MOTOROLA-MC14411 Datasheet
107Kb / 3P
   Low-Power Complemetary Mos
logo
Freescale Semiconductor...
MC144110 FREESCALE-MC144110 Datasheet
683Kb / 12P
   Digital-to-Analog Converters with Serial Interface
logo
LANSDALE Semiconductor ...
MC144110DW LANSDALE-MC144110DW Datasheet
464Kb / 8P
   Digital-to-Analog Converters with Serial Interface
logo
Freescale Semiconductor...
MC144110DW FREESCALE-MC144110DW Datasheet
683Kb / 12P
   Digital-to-Analog Converters with Serial Interface
logo
LANSDALE Semiconductor ...
MC144110DW LANSDALE-MC144110DW Datasheet
199Kb / 8P
   Digital?뱓o?밃nalog Converters with Serial Interface
More results

Similar Description - MC144112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8555 TI1-ADS8555_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8555 TI1-ADS8555 Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8555 TI1-ADS8555_16 Datasheet
1Mb / 43P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A Datasheet
188Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
CS5451A CIRRUS-CS5451A_05 Datasheet
160Kb / 13P
   Six-channel, Delta-sigma Analog-to-digital Converter
logo
Texas Instruments
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7744 TI1-DAC7744_14 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com