Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-19107C26H-M5T1U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-19107C26H-M5T1U
Description  VOLTAGE DETECTOR WITH SENSE PIN
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19107C26H-M5T1U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-19107C26H-M5T1U Datasheet HTML 1Page - Seiko Instruments Inc S-19107C26H-M5T1U Datasheet HTML 2Page - Seiko Instruments Inc S-19107C26H-M5T1U Datasheet HTML 3Page - Seiko Instruments Inc S-19107C26H-M5T1U Datasheet HTML 4Page - Seiko Instruments Inc S-19107C26H-M5T1U Datasheet HTML 5Page - Seiko Instruments Inc S-19107C26H-M5T1U Datasheet HTML 6Page - Seiko Instruments Inc S-19107C26H-M5T1U Datasheet HTML 7Page - Seiko Instruments Inc S-19107C26H-M5T1U Datasheet HTML 8Page - Seiko Instruments Inc S-19107C26H-M5T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
S-19105/19107 Series
www.sii-ic.com
FOR AUTOMOTIVE 105°C OPERATION BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
VOLTAGE DETECTOR WITH SENSE PIN
© SII Semiconductor Corporation, 2014-2016
Rev.1.2_01
1
The S-19105/19107 Series is a high-accuracy voltage detector developed using CMOS technology. The detection voltage
is fixed internally with an accuracy of
±3.5% (−VDET(S) ≥ 2.2 V). The release voltage is set to the same value as the
detection voltage, since there is no hysteresis width. It operates with current consumption of 500 nA typ.
Apart from the power supply pin, the detection voltage input pin (SENSE pin) is also prepared, so the output is stable even
if the SENSE pin falls to 0 V.
The release signal can be delayed by setting a capacitor externally, and the release delay time accuracy is
±34% (CD =
4.7 nF, Ta =
−40°C to +105°C).
Two output forms Nch open-drain output and CMOS output are available.
Caution This product can be used in vehicle equipment and in-vehicle equipment. Before using the product in
the purpose, contact to SII Semiconductor Corporation is indispensable.
Features
• Detection voltage:
1.0 V to 5.0 V (0.1 V step)
• Detection voltage accuracy:
±3.5% (2.2 V ≤ −VDET(S) ≤ 5.0 V, Ta = −40°C to +105°C)
±(2.5% + 22 mV) (1.0 V ≤ −VDET(S) < 2.2 V, Ta = −40°C to +105°C)
• Current consumption:
500 nA typ.
• Operation voltage range:
0.95 V to 10.0 V
• Release delay time accuracy:
±34% (CD = 4.7 nF, Ta = −40°C to +105°C)
• Output form:
Nch open-drain output (Active "L")
CMOS output (Active "L")
• Operation temperature range:
Ta =
−40°C to +105°C
• Lead-free (Sn 100%), halogen-free
• AEC-Q100 qualified
*1
*1. Contact our sales office for details.
Applications
• For automotive use (accessory, car navigation system, car audio system, etc.)
Package
• SOT-23-5


Similar Part No. - S-19107C26H-M5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19100C12A-M5T2U SII-S-19100C12A-M5T2U Datasheet
2Mb / 39P
   BUILT-IN DELAY CIRCUIT
S-19100C12A-M5T2U SII-S-19100C12A-M5T2U Datasheet
2Mb / 39P
   FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S-19100C12A-N4T2U SII-S-19100C12A-N4T2U Datasheet
2Mb / 39P
   BUILT-IN DELAY CIRCUIT
S-19100C12A-N4T2U SII-S-19100C12A-N4T2U Datasheet
2Mb / 39P
   FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S-19100C12H-I4T1U SII-S-19100C12H-I4T1U Datasheet
2Mb / 45P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
More results

Similar Description - S-19107C26H-M5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1002NA10I-M5T1U SII-S-1002NA10I-M5T1U Datasheet
3Mb / 39P
   VOLTAGE DETECTOR WITH SENSE PIN
S19102 SII-S19102 Datasheet
2Mb / 37P
   VOLTAGE DETECTOR WITH SENSE PIN
S-19104N10H-M5T1U SII-S-19104N10H-M5T1U Datasheet
5Mb / 40P
   VOLTAGE DETECTOR WITH SENSE PIN
logo
ABLIC Inc.
S-1002 ABLIC-S-1002 Datasheet
2Mb / 39P
   VOLTAGE DETECTOR WITH SENSE PIN
Rev.1.1_03
logo
Seiko Instruments Inc
S-19103N10H-M5T1U SII-S-19103N10H-M5T1U Datasheet
3Mb / 34P
   VOLTAGE DETECTOR WITH SENSE PIN
S-19102N10H-M5T1U SII-S-19102N10H-M5T1U Datasheet
4Mb / 37P
   VOLTAGE DETECTOR WITH SENSE PIN
S1002 SII-S1002 Datasheet
2Mb / 39P
   VOLTAGE DETECTOR WITH SENSE PIN
S19103 SII-S19103 Datasheet
1Mb / 34P
   VOLTAGE DETECTOR WITH SENSE PIN
logo
Torex Semiconductor
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6118 TOREX-XC6118 Datasheet
355Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com