Electronic Components Datasheet Search |
|
S-19108N11H-M5T1U Datasheet(PDF) 1 Page - Seiko Instruments Inc |
|
S-19108N11H-M5T1U Datasheet(HTML) 1 Page - Seiko Instruments Inc |
1 / 37 page S-19102/19108 Series www.sii-ic.com FOR AUTOMOTIVE 105°C OPERATION VOLTAGE DETECTOR WITH SENSE PIN © SII Semiconductor Corporation, 2014-2016 Rev.1.2_01 1 The S-19102/19108 Series is a high-accuracy voltage detector developed using CMOS technology. The detection voltage is fixed internally with an accuracy of ±3.5% (−VDET(S) ≥ 2.2 V). It operates with current consumption of 500 nA typ. Apart from the power supply pin, the detection voltage input pin (SENSE pin) is also prepared, so the output is stable even if the SENSE pin falls to 0 V. Two output forms Nch open-drain output and CMOS output are available. Caution This product can be used in vehicle equipment and in-vehicle equipment. Before using the product in the purpose, contact to SII Semiconductor Corporation is indispensable. Features • Detection voltage: 1.0 V to 5.0 V (0.1 V step) • Detection voltage accuracy: ±3.5% (2.2 V ≤ −VDET(S) ≤ 5.0 V, Ta = −40°C to +105°C) ±(2.5% + 22 mV) (1.0 V ≤ −VDET(S) < 2.2 V, Ta = −40°C to +105°C) • Current consumption: 500 nA typ. • Operation voltage range: 0.95 V to 10.0 V • Hysteresis width: 5% ± 2% (Ta = −40°C to +105°C) • Output form: Nch open-drain output (Active "L") CMOS output (Active "L") • Operation temperature range: Ta = −40°C to +105°C • Lead-free (Sn 100%), halogen-free • AEC-Q100 qualified *1 *1. Contact our sales office for details. Applications • For automotive use (accessory, car navigation system, car audio system, etc.) Package • SOT-23-5 |
Similar Part No. - S-19108N11H-M5T1U |
|
Similar Description - S-19108N11H-M5T1U |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |