Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8541D15FN-IGST2S Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-8541D15FN-IGST2S
Description  SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8541D15FN-IGST2S Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-8541D15FN-IGST2S Datasheet HTML 1Page - Seiko Instruments Inc S-8541D15FN-IGST2S Datasheet HTML 2Page - Seiko Instruments Inc S-8541D15FN-IGST2S Datasheet HTML 3Page - Seiko Instruments Inc S-8541D15FN-IGST2S Datasheet HTML 4Page - Seiko Instruments Inc S-8541D15FN-IGST2S Datasheet HTML 5Page - Seiko Instruments Inc S-8541D15FN-IGST2S Datasheet HTML 6Page - Seiko Instruments Inc S-8541D15FN-IGST2S Datasheet HTML 7Page - Seiko Instruments Inc S-8541D15FN-IGST2S Datasheet HTML 8Page - Seiko Instruments Inc S-8541D15FN-IGST2S Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.4.0_01
S-8540/8541 Series
3
Product Name Structure
The control types, product types, and output voltage for the S-8540/8541 series can be selected at the
user’s request.
Please refer to the “1.
Product name” for the definition of the product name, “2.
Package” regarding the package drawings and “3. Product name list” for the full product names.
1.
Product name
S-854x x x FN - xxx T2 x
Product name (abbreviation)
*2
Package name (abbreviation)
FN: 8-Pin MSOP
Output voltage
*3
15 to 60
(e.g. When the output voltage is 1.5 V, it is expressed as 15.)
Product type
A: Fixed output voltage, fosc = 600 kHz
B: Feed back type, fosc = 600kHz
C: Fixed output voltage, fosc = 300 kHz
D: Feed back type, fosc = 300 kHz
Control system
0: PWM control
1: PWM/PFM switching control
Environmental code
S: Lead-free, halogen-free
G: Lead-free (for details, please contact our sales office)
IC direction in tape specifications
*1
*1. Refer to the taping specifications at the end of this book.
*2. Refer to the “3. Product name list”.
*3. 00: Feed back type
2.
Package
Package Name
Drawing Code
Package
Tape
Reel
8-Pin MSOP
FN008-A-P-SD
FN008-A-C-SD
FN008-A-R-SD


Similar Part No. - S-8541D15FN-IGST2S

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8541D00FN-IMET2G SII-S-8541D00FN-IMET2G Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8541D00FN-IMET2z SII-S-8541D00FN-IMET2z Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S-8541D15FN-IGST2S

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8340A25AFT-T2-X SII-S-8340A25AFT-T2-X Datasheet
3Mb / 55P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8363B-I6T1U2 SII-S-8363B-I6T1U2 Datasheet
2Mb / 50P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR
logo
Fujitsu Component Limit...
MB3759 FUJITSU-MB3759 Datasheet
287Kb / 27P
   Switching Regulator Controller (Switchable between push-pull and single-end functions)
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Fujitsu Component Limit...
MB3759 FUJITSU-MB3759_06 Datasheet
269Kb / 28P
   Switching Regulator Controller (Switchable between push-pull and single-end functions)
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com