Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EECRF0H105N Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EECRF0H105N
Description  Electric Double Layer Capacitors (Gold Capacitor)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EECRF0H105N Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EECRF0H105N Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Electric Double Layer Capacitors (Gold Capacitor)
Sleeve
9.5 max. 6±1
1.2±0.1
0.8±0.1
+
01.1±0.05
(Recommended
PCB hole diameter)
Endurance : +85 °C 2000 h
Category temperature range : –40 °C to +85 °C
RoHS compliant
Backup of data/RTC of base station, electronic meter, and industrial equipment
Stacked Coin Type
Series :
RF Low temperature assured product
(Unit : mm)
Features
Recommended applications
Specifications
Dimensions in mm(not to scale)
Characteristics list
Cap (F)
0D (mm)
0.1
13.5 max
0.68, 1.0
21.5 max
Category temp. range
–40 °C to +85 °C
Maximum operating voltage
5.5 V.DC
Nominal capacitance
0.1 F
0.68 F, 1.0 F
Characteristics at
low temperature
Capacitance change ±30 % of initial measured value at +20 °C (at –40 °C)
Internal resistance
< 7 times of initial measured value at +20 °C (at –40 °C)
Endurance
After 2000 hours application of maximum operating voltage at +85 °C
Capacitance change ±30 % of initial measured value at 20 °C
Internal resistance
150
Ω or less (0.1 F)
40
Ω or less (0.68 F, 1.0 F)
Shelf life
After 2000 hours storage at +85 °C without load (voltage)
Capacitance change Capacitance change shall meet the specified limits for Endurance
Internal resistance
Internal resistance shall meet the specified limits for Endurance
✽1 The recommended discharge current is a reference value. Please design your equipment(circuit) in consideration of IR drop.
Do not use reflow soldering. Please refer to the page of “Application guidelines”.
Category
temp.
range
(°C)
Maximum
operating
voltage
(V.DC)
Capacitance
(F)
Capacitance
tolerance
(F)
Internal
resistance
(Initial specified value)
(
Ω) at 1 kHz
Recommended
1
discharge current
Parts number
Mass
(Reference value)
(g)
Min.
packaging
q'ty
(pcs)
–40 to +85
5.5
0.1
0.080 to 0.180
< 75
300 µA or less
EECRF0H104N
3.3
200
0.68
0.544 to 1.224
< 20
1 mA or less
EECRF0H684N
10.0
100
1.0
0.8 to 1.8
< 20
1 mA or less
EECRF0H105N
10.0
100
Jan. 2016
01


Similar Part No. - EECRF0H105N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EECRF0H105 PANASONIC-EECRF0H105 Datasheet
46Kb / 1P
   Stacked Coin Type
More results

Similar Description - EECRF0H105N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EECF5R5H104N PANASONIC-EECF5R5H104N Datasheet
44Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)
EECRG0V224HN PANASONIC-EECRG0V224HN Datasheet
216Kb / 6P
   Electric Double Layer Capacitors (Gold Capacitor)
ABC0000CE19 PANASONIC-ABC0000CE19 Datasheet
58Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)
EECRG0V224H PANASONIC-EECRG0V224H Datasheet
216Kb / 6P
   Electric Double Layer Capacitors (Gold Capacitor)
EECS0HD224H PANASONIC-EECS0HD224H Datasheet
213Kb / 6P
   Electric Double Layer Capacitors (Gold Capacitor)
EECF5R5U224N PANASONIC-EECF5R5U224N Datasheet
42Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)
EECS0HD224N PANASONIC-EECS0HD224N Datasheet
44Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)
EECSE0H224N PANASONIC-EECSE0H224N Datasheet
52Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)
EECS5R5H474N PANASONIC-EECS5R5H474N Datasheet
212Kb / 6P
   Electric Double Layer Capacitors (Gold Capacitor)
EECRG0V224N PANASONIC-EECRG0V224N Datasheet
47Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com