Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UH8106XXG-AE3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UH8106XXG-AE3-R
Description  CMOS IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UH8106XXG-AE3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UH8106XXG-AE3-R Datasheet HTML 1Page - Unisonic Technologies UH8106XXG-AE3-R Datasheet HTML 2Page - Unisonic Technologies UH8106XXG-AE3-R Datasheet HTML 3Page - Unisonic Technologies UH8106XXG-AE3-R Datasheet HTML 4Page - Unisonic Technologies UH8106XXG-AE3-R Datasheet HTML 5Page - Unisonic Technologies UH8106XXG-AE3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UH8106
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R118-024.a
ABSOLUTE MAXIMUM RATING (T
A=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Magnetic Flux Density
B
Unlimited
mT
Supply Voltage
VDD
7
V
Output Current
IO
1
mA
SIP-3
400
mW
Power Dissipation
SOT-23
PD
200
mW
Maximum Junction Temp
TJ
150
°C
Operation Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS (T
A=25°C, unless otherwise specified)
PARAMETER
SYMBOL
Conditions
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
Operating
2.2
5.5
V
Ambient Temperature
TA
-40
85
°C
ELECTRICAL CHARACTERISTICS
VDD=2.2V to 5.5V, TA=25°C, unless otherwise specified
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage Range
VDD
Operating
2.2
5.5
V
Average (|B|<|Brp|, VDD=3.6V)
4
6
uA
Awake (|B|<|Brp|, VDD=3.6V)
2
3
mA
Supply Current
IDD
Sleep (|B|<|Brp|, VDD=3.6V)
2
3
uA
Output Leakage Current
IOFF
VOUT = 5V, only for UH8106N
0.1
uA
Output Low Voltage
VOL
ISINK = 1mA, |B|>|Bop|
0.02
0.4
V
Output High Voltage
VOH
ISOURCE = 1mA, |B|<|Brp|,
only for UH8106C
VDD-0.4
V
Wake up Time
tAWAKE
50
uS
Period
tPERIOD
35
mS
Duty cycle
d.c.
0.17
%
MAGNETIC CHARACTERISTICS (T
A=25°C, VDD=2.2V to 5.5V , 1mT=10Gauss)
RANK
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operation Points
|BOP|
|B| > |BOP|
13
18
23
Gauss
Release Points
|BRP|
|B| < |BRP|
5
10
15
Gauss
1
Hysteresis
|BHYS|
|BOPX–BRPX|
8
Gauss
Operation Points
|BOP|
|B| > |BOP|
10
18
40
Gauss
Release Points
|BRP|
|B| < |BRP|
5
10
35
Gauss
2
Hysteresis
|BHYS|
|BOPX–BRPX|
8
Gauss


Similar Part No. - UH8106XXG-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH8100 UTC-UH8100 Datasheet
153Kb / 6P
   LOW POWER HALL EFFECT SWITCH
UH8100AG-AE3-R UTC-UH8100AG-AE3-R Datasheet
153Kb / 6P
   LOW POWER HALL EFFECT SWITCH
UH8100AG-AE3-R UTC-UH8100AG-AE3-R Datasheet
142Kb / 4P
   LOW POWER HALL EFFECT SWITCH
UH8100AL-AE3-R UTC-UH8100AL-AE3-R Datasheet
153Kb / 6P
   LOW POWER HALL EFFECT SWITCH
UH8100BG-AE3-R UTC-UH8100BG-AE3-R Datasheet
153Kb / 6P
   LOW POWER HALL EFFECT SWITCH
More results

Similar Description - UH8106XXG-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3510 UTC-3510 Datasheet
106Kb / 9P
   CMOS IC
3521 UTC-3521 Datasheet
45Kb / 4P
   CMOS IC
UPSL104AG-AG6-R UTC-UPSL104AG-AG6-R Datasheet
184Kb / 6P
   CMOS IC
US5C3305G-SM1-R UTC-US5C3305G-SM1-R Datasheet
225Kb / 5P
   CMOS IC
US206HG-10-AF5-R UTC-US206HG-10-AF5-R Datasheet
153Kb / 4P
   CMOS IC
UU97950G-P48-R UTC-UU97950G-P48-R Datasheet
297Kb / 14P
   CMOS IC
UCSR3602SL-D07A-T UTC-UCSR3602SL-D07A-T Datasheet
258Kb / 9P
   CMOS IC
L5201 UTC-L5201_15 Datasheet
169Kb / 7P
   CMOS IC
US3651AL-D08-T UTC-US3651AL-D08-T Datasheet
228Kb / 9P
   CMOS IC
88NXX UTC-88NXX_15 Datasheet
237Kb / 8P
   CMOS IC
M7240 UTC-M7240_15 Datasheet
211Kb / 7P
   CMOS IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com