Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8540B60FN-IADT2G Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-8540B60FN-IADT2G
Description  SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8540B60FN-IADT2G Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-8540B60FN-IADT2G Datasheet HTML 2Page - Seiko Instruments Inc S-8540B60FN-IADT2G Datasheet HTML 3Page - Seiko Instruments Inc S-8540B60FN-IADT2G Datasheet HTML 4Page - Seiko Instruments Inc S-8540B60FN-IADT2G Datasheet HTML 5Page - Seiko Instruments Inc S-8540B60FN-IADT2G Datasheet HTML 6Page - Seiko Instruments Inc S-8540B60FN-IADT2G Datasheet HTML 7Page - Seiko Instruments Inc S-8540B60FN-IADT2G Datasheet HTML 8Page - Seiko Instruments Inc S-8540B60FN-IADT2G Datasheet HTML 9Page - Seiko Instruments Inc S-8540B60FN-IADT2G Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540/8541 Series
Rev.4.0_01
6
Absolute Maximum Ratings
Table 4
(Ta = 25 °C unless otherwise specified)
Item
Symbol
Absolute Maximum Ratings
Unit
VIN pin voltage
VIN
VSS
− 0.3 to VSS + 12
V
CVREF pin voltage
VCVREF
VSS
− 0.3 to VIN + 0.3
V
ON/OFF pin voltage
VON/OFF
VSS
− 0.3 to VSS + 12
V
FB pin voltage*1
VFB
VSS
− 0.3 to VSS + 12
V
VOUT pin voltage
VOUT
VSS
− 0.3 to VSS + 12
V
SENSE pin voltage
VSENSE
VSS
− 0.3 to VSS + 12
V
EXT pin voltage
VEXT
VSS
− 0.3 to VIN + 0.3
V
EXT pin current
IEXT
± 100
mA
Power dissipation
PD
300 (When not mounted on board)
mW
500*2
mW
Operating ambient temperature
Topr
− 40 to + 85
°C
Storage temperature
Tstg
− 40 to + 125
°C
*1. Feed back type (B, D types)
*2. When mounted on board
[Mounted board]
(1) Board size :
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name : JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
(1) When mounted on board
(2) When not mounted on board
0
50
100
150
400
200
0
Ambient temperature Ta (
°C)
500
300
100
600
0
50
100
150
200
100
0
Ambient temperature Ta (
°C)
250
150
50
300
350
Figure 4 Power Dissipation of Package


Similar Part No. - S-8540B60FN-IADT2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8540B00FN-IMAT2G SII-S-8540B00FN-IMAT2G Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540B00FN-IMAT2z SII-S-8540B00FN-IMAT2z Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S-8540B60FN-IADT2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8340A25AFT-T2-X SII-S-8340A25AFT-T2-X Datasheet
3Mb / 55P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8363B-I6T1U2 SII-S-8363B-I6T1U2 Datasheet
2Mb / 50P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR
logo
Fujitsu Component Limit...
MB3759 FUJITSU-MB3759 Datasheet
287Kb / 27P
   Switching Regulator Controller (Switchable between push-pull and single-end functions)
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Fujitsu Component Limit...
MB3759 FUJITSU-MB3759_06 Datasheet
269Kb / 28P
   Switching Regulator Controller (Switchable between push-pull and single-end functions)
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com