Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA2020 Datasheet(PDF) 1 Page - MTRONPTI

Part # PA2020
Description  Solid State High Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

PA2020 Datasheet(HTML) 1 Page - MTRONPTI

  PA2020 Datasheet HTML 1Page - MTRONPTI PA2020 Datasheet HTML 2Page - MTRONPTI PA2020 Datasheet HTML 3Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Solid State High Power Amplifier
1.0 – 2.0 GHz, 1.2 kW, Wide Instantaneous Bandwidth, Built-in protection
Broadband Series: PA2020
Copyright © 2015 MtronPTI. All rights reserved.
Rev. 20150317 | Page 1 of 3
2525 Shader Road, Orlando FL 32804
Mtronpti.com 407-298-2000
FEATURES
Small form factor rack mounted system
High power advanced GaN design
1.0 – 2.0 GHz
1200 Watt output power
61 dB gain
180 - 240 Volt operation
Built-in remote control, monitoring and protection
APPLICATIONS
Linear CW and composite signal applications
EMI / EMC test equipment
High Power. Monitored. Line powered
Pushing limits.
Testing limits of the newest design requires precision power and
continuous life testing. The MtronPTI PA2020 Solid State Power
Amp provides a minimum of 1200 Watts of CW power across the full
bandwidth and less than 3.0 dBP-P gain flatness along with full remote
monitoring and control.
With full power operation from 1.0 GHz to 2.0 GHz and built in
VSWR protection, the PA2020 has 61 dB of gain and a compact R5U
+ R3U rack mount.
MtronPTI’s line of Solid State Power Amplifiers is backed by a
multi-national design and manufacturing team with more than 150
years combined PA design experience. MtronPTI’s continuing focus
on client service ensures full program life engineering support from
specification to production to next generation architecture planning.
Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Comment
PASSBAND
Operating Frequency Range
FCARRIER
1
2
GHz
Power Output
POUT_MIN
1200
Watts
CW
Small Signal Gain
ARF_MIN
61
dB
Power Gain Flatness
3.0
dBP-P
ARF_MAX – ARF_MIN
Input Return Loss
RLIN
10
dB
Within the FSIG bandwidth into 50
2-tone Intermodulation (IMD)
-30
dBc
50 dBm/tone,
= 1 MHz
Harmonics
-20
dBc
At rated POUT
Non Harmonic Spurious
-60
dBc
Power
Operating Voltage
VAC
180
240
VAC
Power Consumption
PDISS
5000
Watts
Max Input Power
PIN_MIN
+8
dBm
Without damage
Load VSWR Protection
∞ : 1
Environmental & Physical
Parameter
Symbol
Min.
Typ.
Max.
Units
Comment
Operating Case Temperature
TOC
0
+50
°C
Storage Temperature
TSTR
-20
+70
°C
Relative Humidity
95
%
@ 40 °C Non-condensing
Dimensions
R5U + R3U
Without cabinet
Weight
RF Connectors IN / OUT
Type N female / 7/16
Optional: digital monitor & control
FWD, REV, VSWR, GAIN, ALC,
V & I, TEMP
Ethernet RJ-45 TCP/IP, RS422/485,
GPIB
Remote Bluetooth application


Similar Part No. - PA2020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PA200 VISHAY-PA200 Datasheet
122Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 20-Nov-01
logo
Tyco Electronics
PA2001 MACOM-PA2001 Datasheet
237Kb / 1P
   Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
logo
M/A-COM Technology Solu...
PA2001 MA-COM-PA2001 Datasheet
107Kb / 1P
   Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
logo
Pulse A Technitrol Comp...
PA2001NL PULSE-PA2001NL Datasheet
789Kb / 3P
   SMT Gate Drive Transformers
PA2001NL PULSE-PA2001NL Datasheet
789Kb / 3P
   Higher Volt- sec capability
More results

Similar Description - PA2020

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PA1014 MTRONPTI-PA1014 Datasheet
359Kb / 3P
   Solid State High Power Amplifier
PA1016 MTRONPTI-PA1016 Datasheet
855Kb / 3P
   Solid State High Power Amplifier
PA3034 MTRONPTI-PA3034 Datasheet
100Kb / 2P
   Solid State High Power Amplifier
PA1067 MTRONPTI-PA1067 Datasheet
416Kb / 2P
   Solid State High Power Amplifier
PA1068 MTRONPTI-PA1068 Datasheet
1Mb / 2P
   Solid State High Power Amplifier
PA2037 MTRONPTI-PA2037 Datasheet
127Kb / 2P
   Solid State High Power Amplifier
PA1052 MTRONPTI-PA1052 Datasheet
1,006Kb / 2P
   Solid State High Power Amplifier
PA3033 MTRONPTI-PA3033 Datasheet
101Kb / 2P
   Solid State High Power Amplifier
PA1049 MTRONPTI-PA1049 Datasheet
833Kb / 3P
   Solid State High Power Amplifier
PA1044 MTRONPTI-PA1044 Datasheet
778Kb / 3P
   Solid State High Power Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com