Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8550AA-I8T1U Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-8550AA-I8T1U
Description  RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8550AA-I8T1U Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-8550AA-I8T1U Datasheet HTML 1Page - Seiko Instruments Inc S-8550AA-I8T1U Datasheet HTML 2Page - Seiko Instruments Inc S-8550AA-I8T1U Datasheet HTML 3Page - Seiko Instruments Inc S-8550AA-I8T1U Datasheet HTML 4Page - Seiko Instruments Inc S-8550AA-I8T1U Datasheet HTML 5Page - Seiko Instruments Inc S-8550AA-I8T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8550AA-I8T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8550AA-I8T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8550AA-I8T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
S-8550 Series
Rev.5.0_01
4
Pin Configurations
1. SOT-23-5
Table 1
13
2
4
5
Top view
Figure 3
Pin No.
Symbol
Description
1
VIN
IC power supply pin
2
VSS
GND pin
3
ON/OFF
Shutdown pin
“H” : Power on (normal operation)
“L” : Power off (standby)
4
FB
Output voltage feedback pin
5
CONT
External inductor connection pin
2. SNT-8A
Table 2
7
6
5
8
2
3
4
1
Top view
Figure 4
Pin No.
Symbol
Description
1
FB
Output voltage feedback pin
2
NC*1
No connection
3
VSS*2
Small signal GND Pin
4
ON/OFF
Shutdown pin
“H”:Power on (normal operation)
“L”:Power off (standby)
5
VIN
IC power supply pin
6
PVSS*2
Power GND pin
7
NC*1
No connection
8
CONT
External inductor connection pin
*1. The NC pin is electrically open.
The NC pin can be connected to VIN, VSS or PVSS.
*2. Connect VSS and PVSS to GND.


Similar Part No. - S-8550AA-I8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8550AA-I8T1U SII-S-8550AA-I8T1U Datasheet
1Mb / 31P
   STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
More results

Similar Description - S-8550AA-I8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8550 SII-S8550 Datasheet
1Mb / 31P
   STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
logo
ABLIC Inc.
S-8550 ABLIC-S-8550 Datasheet
622Kb / 31P
   STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
Rev.5.0_02
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110 Datasheet
2Mb / 1P
   PWM Switching Regulators
logo
First Components Intern...
FC3255 FCI-FC3255 Datasheet
2Mb / 18P
   1.5A PWM Switching Regulators
logo
Sanyo Semicon Device
SB10-05A3-BT SANYO-SB10-05A3-BT Datasheet
77Kb / 3P
   High frequency rectification (switching regulators, converters, choppers).
logo
Zhaoxingwei Electronics...
SB07-03C ZHAOXINGWEI-SB07-03C Datasheet
171Kb / 2P
   High frequency rectification (switching regulators, converters, choppers).
logo
Sanyo Semicon Device
SB10-05P-TD-E SANYO-SB10-05P-TD-E Datasheet
65Kb / 3P
   High frequency rectification (switching regulators, converters, choppers).
logo
Seiko Instruments Inc
S-8550 SII-S-8550 Datasheet
426Kb / 26P
   STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECIFICATION, PWM CONTROL SWITCHING REGULATORS
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
S-8333CAAA-I8T1U SII-S-8333CAAA-I8T1U Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com