Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16SVF1000M Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 16SVF1000M
Description  Conductive Polymer Aluminum Solid Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

16SVF1000M Datasheet(HTML) 1 Page - Panasonic Semiconductor

  16SVF1000M Datasheet HTML 1Page - Panasonic Semiconductor 16SVF1000M Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Conductive Polymer Aluminum Solid Capacitors
+
L
R
W
0.2 max.
Lot. No.
Polarity marking (−)
Series
R. Capacitance
R. Voltage
Surface Mount Type
Series : SVF
High voltage (50 V.DC max.)
Large capacitance (1000 μF max.)
125 °C 1000 h
RoHS compliance, Halogen free
Features
Size code
B6
C6
E7
E12
F12
Category temperature range
–55 °C to +125 °C
Rated voltage range
16 V.DC to 25 V.DC
16 V.DC to 50 V.DC
Rated capacitance range
27 μF to 82 μF
10 μF to 180 μF
18 μF to 270 μF
39 μF to 560 μF
68 μF to 1000 μF
Capacitance tolerance
±20 % (120 Hz / + 20 °C)
Leakage current
Please see the attached characteristics list
Dissipation factor (tan
d)
Please see the attached characteristics list
Endurance
+125 °C, 1000 h, rated voltage applied
Capacitance change
Within ±20 % of the initial value
tan d
< 200 % of the initial limit
DC leakage current Within the initial limit
Damp heat
(Steady State)
+60 °C, 90 % to 95 %, 1000 h, No-applied voltage
Capacitance change
Within ±20 % of the initial value
tan d
< 150 % of the initial limit
DC leakage current Within the initial limit (after voltage processing)
Marking
Unit : mm
Size
code fD±0.5
L
+0.1
W±0.2 H±0.2 C±0.2
R
P±0.2
B6
5.0
5.9
5.3
5.3
6.0
0.6 to 0.8
1.4
C6
6.3
5.9
6.6
6.6
7.3
0.6 to 0.8
2.1
E7
8.0
6.9
8.3
8.3
9.0
0.6 to 0.8
3.2
E12
8.0
11.9
8.3
8.3
9.0
0.8 to 1.1
3.2
F12
10.0
12.6
10.3
10.3
11.0 0.8 to 1.1
4.6
−0.4
Specifications
Dimensions (not to scale)
✽ Externals of figure are the reference.
Oct. 2016
00


Similar Part No. - 16SVF1000M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
16SVP100M SANYO-16SVP100M Datasheet
81Kb / 2P
   4. SPECIFICATIONS FOR EACH SERIES
logo
Panasonic Semiconductor
16SVP100M PANASONIC-16SVP100M Datasheet
52Kb / 2P
   Surface Mount Type
logo
Sanyo Semicon Device
16SVP150M SANYO-16SVP150M Datasheet
81Kb / 2P
   4. SPECIFICATIONS FOR EACH SERIES
logo
Panasonic Semiconductor
16SVP150M PANASONIC-16SVP150M Datasheet
52Kb / 2P
   Surface Mount Type
logo
Sanyo Semicon Device
16SVP15M SANYO-16SVP15M Datasheet
81Kb / 2P
   4. SPECIFICATIONS FOR EACH SERIES
More results

Similar Description - 16SVF1000M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
APSC160ELL331 CHEMI-CON-APSC160ELL331 Datasheet
303Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSK2R5ELL561 CHEMI-CON-APSK2R5ELL561 Datasheet
294Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSA100ELL470 CHEMI-CON-APSA100ELL470 Datasheet
37Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
63SXV33M PANASONIC-63SXV33M Datasheet
48Kb / 1P
   Conductive Polymer Aluminum Solid Capacitors ?
logo
List of Unclassifed Man...
APSA6R3ELL681MJB5S ETC2-APSA6R3ELL681MJB5S Datasheet
43Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
2R5SVT560M PANASONIC-2R5SVT560M Datasheet
542Kb / 7P
   Conductive Polymer Aluminum Solid Capacitors
SVPE PANASONIC-SVPE_V01 Datasheet
1Mb / 7P
   Conductive Polymer Aluminum Solid Capacitors
01-Apr-22
logo
Nippon Precision Circui...
APSF2R0ESS102MF08S NPC-APSF2R0ESS102MF08S Datasheet
49Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
United Chemi-Con, Inc.
APSK2R5ELL221 CHEMI-CON-APSK2R5ELL221 Datasheet
294Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXG160ARA102 CHEMI-CON-APXG160ARA102 Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXG200ARA560 CHEMI-CON-APXG200ARA560 Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com