Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM611001 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # KM611001
Description  1M x 1Bit High-Speed CMOS SRAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM611001 Datasheet(HTML) 3 Page - Samsung semiconductor

  KM611001 Datasheet HTML 1Page - Samsung semiconductor KM611001 Datasheet HTML 2Page - Samsung semiconductor KM611001 Datasheet HTML 3Page - Samsung semiconductor KM611001 Datasheet HTML 4Page - Samsung semiconductor KM611001 Datasheet HTML 5Page - Samsung semiconductor KM611001 Datasheet HTML 6Page - Samsung semiconductor KM611001 Datasheet HTML 7Page - Samsung semiconductor KM611001 Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KM611001/L
CMOS SRAM
Rev 2.0
July-1996
3
5pF*
+5.0V
DOUT
Output Load (B)
for tHZ, tLZ, tWHZ, tOW, tOLZ, & tOHZ
Output Load (A)
AC CHARACTERISTICS
TEST CONDITIONS ON DATA RAM(TA= 0 to 70 °C, Vcc=5.0V 10%, unless otherwise specified.)
Parameter
Input Pulse Level
Input Rise and Fall Time
Input and Output Timing Reference Levels
Output Load
Value
0 to 3 V
3ns
1.5V
See below
* Including Scope and Jig Capacitance
255
480
CAPACITANCE*(f=1MHz, TA =25 °C)
* Note: Capacitance is sampled and not 100% tested.
Item
Symbol
Test Condition
Min.
Max.
Unit
Input Capacitance
Input/Output Capacitance
CIN
CI/O
VIN=0V
VI/O=0V
7
7
pF
pF
-
-
±
30pF*
+5.0V
DOUT
255
480


Similar Part No. - KM611001

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM6161002A SAMSUNG-KM6161002A Datasheet
436Kb / 9P
   64K x 16 Bit Speed Static RAM (5V Operating), Revolutionary Pin Out
KM6161002A-12 SAMSUNG-KM6161002A-12 Datasheet
436Kb / 9P
   64K x 16 Bit Speed Static RAM (5V Operating), Revolutionary Pin Out
KM6161002A-15 SAMSUNG-KM6161002A-15 Datasheet
436Kb / 9P
   64K x 16 Bit Speed Static RAM (5V Operating), Revolutionary Pin Out
KM6161002A-20 SAMSUNG-KM6161002A-20 Datasheet
436Kb / 9P
   64K x 16 Bit Speed Static RAM (5V Operating), Revolutionary Pin Out
KM6161002AI SAMSUNG-KM6161002AI Datasheet
436Kb / 9P
   64K x 16 Bit Speed Static RAM (5V Operating), Revolutionary Pin Out
More results

Similar Description - KM611001

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L10248A LYONTEK-LY61L10248A_13 Datasheet
297Kb / 13P
   1M X 8 BIT HIGH SPEED CMOS SRAM
LY61L10248A LYONTEK-LY61L10248A_16 Datasheet
790Kb / 14P
   1M X 8 BIT HIGH SPEED CMOS SRAM
logo
Brilliance Semiconducto...
BH62UV8001 BSI-BH62UV8001_08 Datasheet
221Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 1M X 8 bit
BH62UV8001 BSI-BH62UV8001 Datasheet
148Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 1M X 8 bit
BH616UV1610 BSI-BH616UV1610_06 Datasheet
152Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
BH616UV1611 BSI-BH616UV1611_08 Datasheet
227Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
logo
AMIC Technology
A63L0618 AMICC-A63L0618 Datasheet
243Kb / 17P
   1M X 18 Bit Synchronous High Speed SRAM
A63L06361 AMICC-A63L06361_15 Datasheet
207Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM
logo
Hanbit Electronics Co.,...
HMS1M32M8S HANBIT-HMS1M32M8S Datasheet
190Kb / 10P
   High-Speed SRAM MODULE 4Mbyte(1M x 32-Bit)
logo
Brilliance Semiconducto...
BH616UV1611 BSI-BH616UV1611 Datasheet
149Kb / 12P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit / 2M x 8-bit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com