Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMMBT4403LT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # SMMBT4403LT1G
Description  Switching Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMMBT4403LT1G Datasheet(HTML) 3 Page - ON Semiconductor

  SMMBT4403LT1G Datasheet HTML 1Page - ON Semiconductor SMMBT4403LT1G Datasheet HTML 2Page - ON Semiconductor SMMBT4403LT1G Datasheet HTML 3Page - ON Semiconductor SMMBT4403LT1G Datasheet HTML 4Page - ON Semiconductor SMMBT4403LT1G Datasheet HTML 5Page - ON Semiconductor SMMBT4403LT1G Datasheet HTML 6Page - ON Semiconductor SMMBT4403LT1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MMBT4403L, SMMBT4403L
www.onsemi.com
3
Figure 3. Charge Data
IC, COLLECTOR CURRENT (mA)
2.0
3.0
5.0
7.0
10
1.0
10
20
50
70
100
200
0.1
300
500
0.7
0.5
VCC = 30 V
IC/IB = 10
Figure 4. Turn−On Time
IC, COLLECTOR CURRENT (mA)
20
30
50
5.0
10
7.0
Figure 5. Rise Time
IC, COLLECTOR CURRENT (mA)
Figure 6. Storage Time
IC, COLLECTOR CURRENT (mA)
QT
QA
25
°C
100
°C
TRANSIENT CHARACTERISTICS
0.3
0.2
30
70
100
10
20
50
70
100
200
300
500
30
IC/IB = 10
tr @ VCC = 30 V
tr @ VCC = 10 V
td @ VBE(off) = 2 V
td @ VBE(off) = 0
20
30
50
5.0
10
7.0
70
100
10
20
50
70
100
200
300
500
30
VCC = 30 V
IC/IB = 10
10
20
50
70
100
200
300
500
30
100
20
70
50
200
30
IC/IB = 10
IC/IB = 20
IB1 = IB2
ts′ = ts - 1/8 tf
6
8
10
0
4
2
0.1
2.0 5.0
10
20
50
1.0
0.5
0.2
0.01 0.02
0.05
100
Figure 7. Frequency Effects
f, FREQUENCY (kHz)
SMALL−SIGNAL CHARACTERISTICS NOISE FIGURE
VCE = −10 Vdc, TA = 25°C; Bandwidth = 1.0 Hz
IC = 1.0 mA, RS = 430 W
IC = 500 mA, RS = 560 W
IC = 50 mA, RS = 2.7 kW
IC = 100 mA, RS = 1.6 kW
RS = OPTIMUM SOURCE RESISTANCE
50
100
200
500
1k
2k
5k
10k
20k
50k
6
8
10
0
4
2
Figure 8. Source Resistance Effects
RS, SOURCE RESISTANCE (OHMS)
f = 1 kHz
IC = 50 mA
100
mA
500
mA
1.0 mA


Similar Part No. - SMMBT4403LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMMBT4403LT1G ONSEMI-SMMBT4403LT1G Datasheet
150Kb / 7P
   Switching Transistor
March, 2012 ??Rev. 12
More results

Similar Description - SMMBT4403LT1G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MBD1505 AITSEMI-MBD1505 Datasheet
889Kb / 5P
   TRANSISTOR SWITCHING TRANSISTOR
REV1.0
logo
GUANGDONG HOTTECH INDUS...
MMBT4401 HOTTECH-MMBT4401 Datasheet
182Kb / 2P
   Switching transistor
logo
Guangdong Kexin Industr...
FMMT717 KEXIN-FMMT717 Datasheet
37Kb / 2P
   Switching Transistor
FMMT720 KEXIN-FMMT720 Datasheet
38Kb / 2P
   Switching Transistor
logo
ON Semiconductor
BSV52LT1G ONSEMI-BSV52LT1G Datasheet
114Kb / 3P
   Switching Transistor
August, 2009 ??Rev. 3
logo
SeCoS Halbleitertechnol...
MMBT4403W SECOS-MMBT4403W Datasheet
301Kb / 5P
   Switching Transistor
logo
ON Semiconductor
MMBT4401WT1G ONSEMI-MMBT4401WT1G Datasheet
186Kb / 6P
   Switching Transistor
October, 2010 -- Rev. 2
logo
Guangdong Kexin Industr...
MMBT4403W KEXIN-MMBT4403W Datasheet
52Kb / 2P
   Switching Transistor
logo
SeCoS Halbleitertechnol...
MMBT4403W SECOS-MMBT4403W_15 Datasheet
301Kb / 5P
   Switching Transistor
logo
GUANGDONG HOTTECH INDUS...
HCPS2907A HOTTECH-HCPS2907A Datasheet
398Kb / 4P
   SWITCHING TRANSISTOR
logo
Unisonic Technologies
2SA1507 UTC-2SA1507 Datasheet
166Kb / 5P
   SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com