Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT4401LT1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MMBT4401LT1G
Description  Switching Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT4401LT1G Datasheet(HTML) 5 Page - ON Semiconductor

  MMBT4401LT1G Datasheet HTML 1Page - ON Semiconductor MMBT4401LT1G Datasheet HTML 2Page - ON Semiconductor MMBT4401LT1G Datasheet HTML 3Page - ON Semiconductor MMBT4401LT1G Datasheet HTML 4Page - ON Semiconductor MMBT4401LT1G Datasheet HTML 5Page - ON Semiconductor MMBT4401LT1G Datasheet HTML 6Page - ON Semiconductor MMBT4401LT1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MMBT4401L, SMMBT4401L
www.onsemi.com
5
STATIC CHARACTERISTICS
-55
°C
Figure 13. DC Current Gain
IC, COLLECTOR CURRENT (A)
Figure 14. Collector Saturation Region
IB, BASE CURRENT (mA)
0.4
0.6
0.8
1.2
0.2
0
IC = 1.0 mA
0.001
10 mA
100 mA
500 mA
50
250
300
500
0.01
0.1
0
1
TJ = 150°C
400
25
°C
VCE = 5.0 V
VCE = 2.0 V
VCE = 1.0 V
Figure 15. Collector−Emitter Saturation
Voltage vs. Collector Current
IC, COLLECTOR CURRENT (A)
0.15
0.20
0.30
0.35
0.05
Figure 16. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
0.01
0.1
0
-0.5
0
+0.5
-1.0
-1.5
-2.0
1
150
°C
qVC for VCE(sat)
qVB for VBE
0.0001
-2.5
1.0
2.0
5.0
10
20
50
100
500
200
0.1 0.2
0.5
0.01
0.1
1.0
110
300 mA
100
150
200
350
450
-55
°C
0.001
25
°C
0.10
0.25
IC/IB = 10
100


Similar Part No. - MMBT4401LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT4401LT1G ONSEMI-MMBT4401LT1G Datasheet
213Kb / 8P
   Switching Transistor(NPN Silicon)
September, 2004 ??Rev. 4
MMBT4401LT1G ONSEMI-MMBT4401LT1G Datasheet
160Kb / 7P
   Switching Transistor
October, 2011 ??Rev. 10
MMBT4401LT1G ONSEMI-MMBT4401LT1G Datasheet
153Kb / 7P
   Switching Transistor
October, 2011 ??Rev. 10
MMBT4401LT1G ONSEMI-MMBT4401LT1G Datasheet
153Kb / 7P
   Switching Transistor NPN Silicon
October, 2011 ??Rev. 10
More results

Similar Description - MMBT4401LT1G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MBD1505 AITSEMI-MBD1505 Datasheet
889Kb / 5P
   TRANSISTOR SWITCHING TRANSISTOR
REV1.0
logo
GUANGDONG HOTTECH INDUS...
MMBT4401 HOTTECH-MMBT4401 Datasheet
182Kb / 2P
   Switching transistor
logo
Guangdong Kexin Industr...
FMMT717 KEXIN-FMMT717 Datasheet
37Kb / 2P
   Switching Transistor
FMMT720 KEXIN-FMMT720 Datasheet
38Kb / 2P
   Switching Transistor
logo
ON Semiconductor
BSV52LT1G ONSEMI-BSV52LT1G Datasheet
114Kb / 3P
   Switching Transistor
August, 2009 ??Rev. 3
logo
SeCoS Halbleitertechnol...
MMBT4403W SECOS-MMBT4403W Datasheet
301Kb / 5P
   Switching Transistor
logo
ON Semiconductor
MMBT4401WT1G ONSEMI-MMBT4401WT1G Datasheet
186Kb / 6P
   Switching Transistor
October, 2010 -- Rev. 2
logo
Guangdong Kexin Industr...
MMBT4403W KEXIN-MMBT4403W Datasheet
52Kb / 2P
   Switching Transistor
logo
SeCoS Halbleitertechnol...
MMBT4403W SECOS-MMBT4403W_15 Datasheet
301Kb / 5P
   Switching Transistor
logo
GUANGDONG HOTTECH INDUS...
HCPS2907A HOTTECH-HCPS2907A Datasheet
398Kb / 4P
   SWITCHING TRANSISTOR
logo
Unisonic Technologies
2SA1507 UTC-2SA1507 Datasheet
166Kb / 5P
   SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com