Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT2222L Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMBT2222L
Description  General Purpose Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT2222L Datasheet(HTML) 1 Page - ON Semiconductor

  MMBT2222L Datasheet HTML 1Page - ON Semiconductor MMBT2222L Datasheet HTML 2Page - ON Semiconductor MMBT2222L Datasheet HTML 3Page - ON Semiconductor MMBT2222L Datasheet HTML 4Page - ON Semiconductor MMBT2222L Datasheet HTML 5Page - ON Semiconductor MMBT2222L Datasheet HTML 6Page - ON Semiconductor MMBT2222L Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 1994
October, 2016 − Rev. 11
1
Publication Order Number:
MMBT2222LT1/D
MMBT2222L, MMBT2222AL,
SMMBT2222AL
General Purpose Transistors
NPN Silicon
Features
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector − Emitter Voltage
MMBT2222L
MMBT2222AL, SMMBT2222AL
VCEO
30
40
Vdc
Collector − Base Voltage
MMBT2222L
MMBT2222AL, SMMBT2222AL
VCBO
60
75
Vdc
Emitter − Base Voltage
MMBT2222L
MMBT2222AL, SMMBT2222AL
VEBO
5.0
6.0
Vdc
Collector Current − Continuous
IC
600
mAdc
Collector Current − Peak (Note 3)
ICM
1100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR− 5 Board
(Note 1) TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
RqJA
556
°C/W
Total Device Dissipation Alumina
Substrate (Note 2) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. FR− 5 = 1.0
 0.75  0.062 in.
2. Alumina = 0.4
 0.3  0.024 in. 99.5% alumina.
3. Reference SOA curve.
SOT−23
CASE 318
STYLE 6
MARKING DIAGRAM
xxx = 1P or M1B
M
= Date Code*
G
= Pb−Free Package
COLLECTOR
3
1
BASE
2
EMITTER
(Note: Microdot may be in either location)
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
1
2
1
3
xxx M
G
G
www.onsemi.com


Similar Part No. - MMBT2222L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT2222L ONSEMI-MMBT2222L Datasheet
181Kb / 8P
   General Purpose Transistors
September, 2004 ??Rev. 5
logo
Motorola, Inc
MMBT2222LT1 MOTOROLA-MMBT2222LT1 Datasheet
253Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2222LT1 ONSEMI-MMBT2222LT1 Datasheet
181Kb / 8P
   General Purpose Transistors
September, 2004 ??Rev. 5
logo
Leshan Radio Company
MMBT2222LT1 LRC-MMBT2222LT1 Datasheet
208Kb / 5P
   General Purpose Transistors(NPN Silicon)
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
More results

Similar Description - MMBT2222L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com