Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSVMMBT5401LT3G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NSVMMBT5401LT3G
Description  High Voltage Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSVMMBT5401LT3G Datasheet(HTML) 4 Page - ON Semiconductor

  NSVMMBT5401LT3G Datasheet HTML 1Page - ON Semiconductor NSVMMBT5401LT3G Datasheet HTML 2Page - ON Semiconductor NSVMMBT5401LT3G Datasheet HTML 3Page - ON Semiconductor NSVMMBT5401LT3G Datasheet HTML 4Page - ON Semiconductor NSVMMBT5401LT3G Datasheet HTML 5Page - ON Semiconductor NSVMMBT5401LT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MMBT5401L, SMMBT5401L, NSVMMBT5401L
www.onsemi.com
4
Figure 4. Collector Emitter Saturation Voltage
vs. Collector Current
Figure 5. Base Emitter Saturation Voltage vs.
Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
0.1
0.01
0.001
0.0001
0
0.03
0.05
0.08
0.10
0.15
0.18
0.20
0.1
0.01
0.001
0.0001
0.2
0.3
0.4
0.5
0.7
0.8
0.9
1.0
Figure 6. Base Emitter Voltage vs. Collector
Current
IC, COLLECTOR CURRENT (A)
0.1
0.01
0.001
0.0001
0.2
0.3
0.5
0.6
0.7
0.8
1.0
1.1
0.13
IC/IB = 10
150
°C
−55
°C
25
°C
0.6
IC/IB = 10
150
°C
−55
°C
25
°C
0.4
0.9
VCE = 10 V
150
°C
−55
°C
25
°C
Figure 7. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
2.5
100
TJ = 25°C
Cibo
Figure 8. Switching Time Test Circuit
VR, REVERSE VOLTAGE (VOLTS)
Figure 9. Capacitances
10.2 V
Vin
10
ms
INPUT PULSE
VBB
+8.8 V
100
RB
5.1 k
0.25
mF
Vin
100
1N914
Vout
RC
VCC
-30 V
3.0 k
tr, tf ≤ 10 ns
DUTY CYCLE = 1.0%
Values Shown are for IC @ 10 mA
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
0.3
3.0
30
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
TJ = - 55°C to 135°C
qVC for VCE(sat)
qVB for VBE(sat)
Cobo
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
0.2
0.5
1.0
2.0
5.0
10
20
0.3
3.0
0.7
7.0


Similar Part No. - NSVMMBT5401LT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSVMMBT5401M3T5G ONSEMI-NSVMMBT5401M3T5G Datasheet
220Kb / 7P
   High Voltage Transistor PNP Silicon
June, 2019 ??Rev. 1
NSVMMBT5401WT1G ONSEMI-NSVMMBT5401WT1G Datasheet
73Kb / 6P
   High Voltage Transistor
March, 2015 ??Rev. 2
More results

Similar Description - NSVMMBT5401LT3G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA94 UTC-MPSA94 Datasheet
173Kb / 3P
   HIGH VOLTAGE TRANSISTOR
MJE3055T UTC-MJE3055T Datasheet
42Kb / 2P
   HIGH VOLTAGE TRANSISTOR
MJE2955T UTC-MJE2955T Datasheet
93Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Continental Device Indi...
CMBT5400 CDIL-CMBT5400 Datasheet
105Kb / 3P
   HIGH VOLTAGE TRANSISTOR
logo
Fairchild Semiconductor
KSP42BU FAIRCHILD-KSP42BU Datasheet
42Kb / 4P
   High Voltage Transistor
KSP92BU FAIRCHILD-KSP92BU Datasheet
69Kb / 4P
   High Voltage Transistor
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T_09 Datasheet
119Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
PZTA96S KEXIN-PZTA96S Datasheet
38Kb / 1P
   High Voltage Transistor
logo
Unisonic Technologies
MPSA94 UTC-MPSA94_11 Datasheet
140Kb / 3P
   HIGH VOLTAGE TRANSISTOR
PZTA92 UTC-PZTA92_12 Datasheet
146Kb / 4P
   HIGH VOLTAGE TRANSISTOR
logo
Pan Jit International I...
MMBT5401 PANJIT-MMBT5401 Datasheet
315Kb / 5P
   HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com