Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT489LT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBT489LT1G
Description  High Current Surface Mount NPN Silicon Switching Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT489LT1G Datasheet(HTML) 2 Page - ON Semiconductor

  MMBT489LT1G_16 Datasheet HTML 1Page - ON Semiconductor MMBT489LT1G_16 Datasheet HTML 2Page - ON Semiconductor MMBT489LT1G_16 Datasheet HTML 3Page - ON Semiconductor MMBT489LT1G_16 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBT489LT1G
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage
(IC = 10 mAdc, IB = 0)
V(BR)CEO
30
Vdc
Collector− Base Breakdown Voltage
(IC = 0.1 mAdc, IE = 0)
V(BR)CBO
50
Vdc
Emitter − Base Breakdown Voltage
(IE = 0.1 mAdc, IC = 0)
V(BR)EBO
5.0
Vdc
Collector Cutoff Current
(VCB = 30 Vdc, IE = 0)
ICBO
0.1
mAdc
Collector−Emitter Cutoff Current
(VCES = 30 Vdc)
ICES
0.1
mAdc
Emitter Cutoff Current
(VEB = 4.0 Vdc)
IEBO
0.1
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 3)
(IC = 50 mA, VCE = 5.0 V)
(IC = 0.5 A, VCE = 5.0 V)
(IC = 1.0 A, VCE = 5.0 V)
hFE
300
300
200
900
Collector − Emitter Saturation Voltage (Note 3)
(IC = 1.0 A, IB = 100 mA)
(IC = 0.5 A, IB = 50 mA)
(IC = 0.1 A, IB = 1.0 mA)
VCE(sat)
0.200
0.125
0.075
V
Base − Emitter Saturation Voltage (Note 3)
(IC = 1.0 A, IB = 0.1 A)
VBE(sat)
1.1
V
Base − Emitter Turn−on Voltage (Note 3)
(IC = 1.0 mA, VCE = 2.0 V)
VBE(on)
1.1
V
Cutoff Frequency
(IC = 100 mA, VCE = 5.0 V, f = 100 MHz
fT
100
MHz
Output Capacitance
(f = 1.0 MHz)
Cobo
15
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Pulsed Condition: Pulse Width = 300
msec, Duty Cycle ≤ 2%
Figure 1. VCE versus Ib
0.001
0.2
0.01
0.1
1.0
0
0.1
Ib (A)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
Figure 2. VCE versus Ic
0.001
2
0.01
0.1
1.0
0
0.1
Ic (A)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
IC = 2 A
IC = 1 A
IC = 500 mA
IC = 100 mA
Ic/Ib = 100
Ic/Ib = 10


Similar Part No. - MMBT489LT1G_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT489LT1G ONSEMI-MMBT489LT1G Datasheet
56Kb / 4P
   High Current Surface Mount NPN Silicon Switching Transistor for Load Management in Portable Applications
January, 2006 ??Rev. 4
MMBT489LT1G ONSEMI-MMBT489LT1G Datasheet
127Kb / 4P
   High Current Surface Mount NPN Silicon Switching Transistor
August, 2009 ??Rev. 5
More results

Similar Description - MMBT489LT1G_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT489LT1G ONSEMI-MMBT489LT1G Datasheet
127Kb / 4P
   High Current Surface Mount NPN Silicon Switching Transistor
August, 2009 ??Rev. 5
logo
Central Semiconductor C...
CZT853 CENTRAL-CZT853 Datasheet
92Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
logo
ON Semiconductor
PZT651T1 ONSEMI-PZT651T1 Datasheet
101Kb / 6P
   HIGH CURRENT NPN SILICON TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
Central Semiconductor C...
CMPT5551HC CENTRAL-CMPT5551HC_15 Datasheet
327Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CXT5551HC CENTRAL-CXT5551HC_10 Datasheet
289Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CZT853 CENTRAL-CZT853_10 Datasheet
535Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CXT853 CENTRAL-CXT853_10 Datasheet
291Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CMLT5551HC CENTRAL-CMLT5551HC_15 Datasheet
441Kb / 3P
   SURFACE MOUNT SILICON HIGH CURRENT NPN TRANSISTOR
CMLT5551HC CENTRAL-CMLT5551HC_10 Datasheet
512Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
CZT5551HC CENTRAL-CZT5551HC_15 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com