Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT5550LT1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MMBT5550LT1G
Description  High Voltage Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT5550LT1G Datasheet(HTML) 5 Page - ON Semiconductor

  MMBT5550LT1G Datasheet HTML 1Page - ON Semiconductor MMBT5550LT1G Datasheet HTML 2Page - ON Semiconductor MMBT5550LT1G Datasheet HTML 3Page - ON Semiconductor MMBT5550LT1G Datasheet HTML 4Page - ON Semiconductor MMBT5550LT1G Datasheet HTML 5Page - ON Semiconductor MMBT5550LT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MMBT5550L, MMBT5551L
www.onsemi.com
5
TYPICAL CHARACTERISTICS
IC, COLLECTOR CURRENT (mA)
1000
1.0
10
0.1
1
10
100
100
1000
VCE = 1 V
TA = 25°C
Figure 10. Current Gain Bandwidth Product
VCE, COLLECTOR EMITTER VOLTAGE (V)
1
1.0
10
0.001
0.01
0.1
100
1000
10 mS
Figure 11. Safe Operating Area
1.0 S
VR, REVERSE VOLTAGE (VOLTS)
100
1.0
0.2
0.5
1.0
2.0
5.0
10
20
Cibo
70
50
30
20
10
7.0
5.0
3.0
2.0
0.3
0.7
3.0
7.0
Cobo
TJ = 25°C
IC, COLLECTOR CURRENT (mA)
1000
0.3
1.0
10
20 30
50
0.5
0.2
10
20
30
50
100
200
300
500
2.0
100
200
IC/IB = 10
TJ = 25°C
tr @ VCC = 120 V
3.0 5.0
tr @ VCC = 30 V
td @ VEB(off) = 1.0 V
VCC = 120 V
Figure 12. Capacitances
Figure 13. Turn−On Time


Similar Part No. - MMBT5550LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT5550LT1G ONSEMI-MMBT5550LT1G Datasheet
97Kb / 6P
   High Voltage Transistors
December, 2004 ??Rev. 4
MMBT5550LT1G ONSEMI-MMBT5550LT1G Datasheet
127Kb / 6P
   High Voltage Transistors NPN Silicon
September, 2010 ??Rev. 9
MMBT5550LT1G ONSEMI-MMBT5550LT1G_10 Datasheet
127Kb / 6P
   High Voltage Transistors NPN Silicon
September, 2010 ??Rev. 9
More results

Similar Description - MMBT5550LT1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA42 MOTOROLA-MPSA42 Datasheet
121Kb / 4P
   High Voltage Transistors
logo
Leshan Radio Company
LMBT6517LT1G LRC-LMBT6517LT1G_15 Datasheet
253Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA92L ONSEMI-MMBTA92L Datasheet
103Kb / 4P
   High Voltage Transistors
October, 2016 ??Rev. 11
logo
Leshan Radio Company
LMBT5550LT1 LRC-LMBT5550LT1 Datasheet
114Kb / 5P
   High Voltage Transistors
logo
List of Unclassifed Man...
2SC507 ETC1-2SC507 Datasheet
79Kb / 1P
   High Voltage Transistors
logo
Guangdong Kexin Industr...
MMBT5550 KEXIN-MMBT5550 Datasheet
43Kb / 2P
   High Voltage Transistors
logo
Zowie Technology Corpor...
MMBT5550G ZOWIE-MMBT5550G Datasheet
218Kb / 4P
   High Voltage Transistors
logo
ON Semiconductor
BSP16T1G ONSEMI-BSP16T1G Datasheet
118Kb / 3P
   High Voltage Transistors
September, 2010 -- Rev. 7
logo
Motorola, Inc
BC450 MOTOROLA-BC450 Datasheet
243Kb / 6P
   High Voltage Transistors
MMBT5550LT1 MOTOROLA-MMBT5550LT1 Datasheet
199Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA42L ONSEMI-MMBTA42L Datasheet
95Kb / 6P
   High Voltage Transistors
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com