Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8047 Datasheet(PDF) 11 Page - Linear Integrated Systems

Part # LTM8047
Description  Dual SEPIC or Inverting Module DC DC Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTM8047 Datasheet(HTML) 11 Page - Linear Integrated Systems

Back Button LTM8047 Datasheet HTML 7Page - Linear Integrated Systems LTM8047 Datasheet HTML 8Page - Linear Integrated Systems LTM8047 Datasheet HTML 9Page - Linear Integrated Systems LTM8047 Datasheet HTML 10Page - Linear Integrated Systems LTM8047 Datasheet HTML 11Page - Linear Integrated Systems LTM8047 Datasheet HTML 12Page - Linear Integrated Systems LTM8047 Datasheet HTML 13Page - Linear Integrated Systems LTM8047 Datasheet HTML 14Page - Linear Integrated Systems LTM8047 Datasheet HTML 15Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LTM8049
11
8049f
For more information www.linear.com/LTM8049
Soft-Start
The soft-start circuitry provides for a gradual ramp-up of
the switch current in each channel. When the channel is
enabled, the external SS capacitor is first discharged. This
resets the state of the logic circuits in the channel. Then
an integrated resistor pulls the channel’s SS pin to about
1.8V. The LTM8049 has a built-in soft-start characteristic,
but a slower ramp rate may be implemented by adding
capacitance to the SS pin. Typical values are between
0.1µF and 1µF.
Configurable Undervoltage Lockout
Figure 1 shows how to configure an undervoltage lock-
out (UVLO) for the LTM8049. Typically, UVLO is used in
situations where the input supply is current-limited, has
a relatively high source resistance, or ramps up/down
slowly. A switching regulator draws constant power from
the source, so source current increases as source voltage
drops. This looks like a negative resistance load to the
source and can cause the source to current-limit or latch
low under low source voltage conditions. UVLO prevents
the regulator from operating at source voltages where
these problems might occur.
APPLICATIONS INFORMATION
The RUN pin has a voltage hysteresis with typical thresh-
olds of 1.31V (rising) and 1.27V (falling). Resistor RUVLO2
is optional. RUVLO2 can be included to reduce the overall
UVLO voltage variation caused by variations in the RUN
pin current (see the Electrical Characteristics). A good
choice for RUVLO2 is ≤10k + 1%. After choosing a value
for RUVLO2, RUVLO1 can be determined from either of the
following:
RUVLO1=
VIN(RISING) –1.31V
1.32V
RUVLO2
+12.1µA
or
RUVLO1=
VIN(FALLING) –1.27V
1.29V
RUVLO2
+11.6µA
where VIN(RISING) and VIN(FALLING) are the VIN threshold
voltages when rising or falling respectively.
For example, to disable the LTM8049 for VIN voltages
below3.5Vusingthesingleresistorconfiguration,choose:
RUVLO1=
3.5V –1.27V
1.29V
+11.6µA
≅191k
To activate the LTM8049 for VIN greater than 4.5V using
the two resistor configuration, choose RUVLO2 = 10k and:
RUVLO1=
4.5V –1.31V
1.32V
10k
+12.1µA
≅ 22.1k
Internal Undervoltage Lockout
The LTM8049 monitors the VIN supply voltage in case VIN
drops below a minimum operating level (typically about
2.3V). When VIN is detected low, the power switch is
deactivated, and while sufficient VIN voltage persists, the
soft-start capacitor is discharged. After VIN is sufficiently
high,theLTM8049willreactivateandthesoft-startcapaci-
tor will begin charging.
The RUN pin sinks 12.1µA at the 1.31V rising threshold
voltage and about 11.6µA at the 1.27V falling threshold.
This makes it easy to set up an input voltage UVLO thresh-
old with just a single resistor. For a desired VIN threshold,
choose RUVLO1 using the equation:
RUVLO1=
VIN –1.31V
12.1µA
Figure 1. The RUN Pin May Be Used to Implement
an Accurate UVLO
LTM8049
ACTIVE/
LOCKOUT
8049 F01
RUVLO1
RUVLO2
(OPTIONAL)
VIN
VIN
RUN
1.31V
12.3µA
AT 1.31V
GND
+


Similar Part No. - LTM8047

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8047 LINER-LTM8047 Datasheet
347Kb / 20P
   3.1VIN to 32VIN Isolated 關Module DC/DC Converter
LTM8047 LINER-LTM8047 Datasheet
327Kb / 22P
   Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
LTM8047 LINER-LTM8047 Datasheet
1Mb / 20P
   Dual SEPIC or Inverting 關Module DC/DC Converter
LTM8047 LINER-LTM8047 Datasheet
896Kb / 20P
   2.8VIN to 40VIN Isolated 關Module DC/DC Converter
LTM8047 LINER-LTM8047 Datasheet
889Kb / 20P
   2.8VIN to 40VIN Isolated 關Module DC/DC Converter with LDO Post Regulator
More results

Similar Description - LTM8047

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8049 LINER-LTM8049 Datasheet
1Mb / 20P
   Dual SEPIC or Inverting 關Module DC/DC Converter
LT8582 LINER-LT8582 Datasheet
368Kb / 8P
   Dual 3A Boost/Inverting/SEPIC DC/DC Converter
LTM8045 LINER-LTM8045_15 Datasheet
289Kb / 22P
   Inverting or SEPIC Module DC/DC Converter with Up to 700mA Output Current
LTM8045 LINER-LTM8045 Datasheet
327Kb / 22P
   Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
LT8582 LINER-LT8582_15 Datasheet
454Kb / 36P
   Dual 3A Boost/Inverting/SEPIC DC/DC Converter with Fault Protection
logo
Monolithic Power System...
MP6003 MPS-MP6003 Datasheet
820Kb / 15P
   Monolithic Flyback/SEPIC DC-DC Converter
logo
Linear Technology
LT8570 LINER-LT8570_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
LT8570-1 LINER-LT8570-1_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
logo
Torex Semiconductor
XC9519 TOREX-XC9519 Datasheet
1Mb / 38P
   Dual Output Step-Up/Inverting DC/DC Converter
logo
Semtech Corporation
SC1652 SEMTECH-SC1652 Datasheet
81Kb / 4P
   MICROPOWER INVERTING DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com